Part Number Hot Search : 
D54N40 CZRB5932 2SC42 2SC42 2SC42 AR7646 SC162 B751S
Product Description
Full Text Search
 

To Download FAN7083MX12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2012 fairchild semiconductor corporation 1 www.fairchildsemi.com september 2012 fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset fan7083_gf085 high side gate driver with reset features ? qualified to aec q100 ? floating channel designed for bootstrap operation up fully opera tional to + 600v ? tolerance to negative transient voltage on vs pin ? dv/dt immune. ? gate drive supply range from 10v to 20v ? under-voltage lockout ? cmos schmitt-triggered inputs with pull-down ? high side output in phase with input ? reset input is 3.3v and 5v logic compatible typical applications ? diesel and gasoline injectors/valves ? mosfet-and igbt high side driver applications ? ? for fairchild?s definition of ?green? eco status, please visit: http://www.fairchildsemi.com/c ompany/green/rohs_green.html description the fan7083_gf085 is a high-side gate drive ic with reset input. it is designed for high voltage and high speed driving of mosfet or igbt, which operates up to 600v. fairchild's high- voltage process and common-mode noise cancellation tech - nique provide stable operation in the high side driver under high-dv/d t noise circumstances. an advanced level-shift circuit allows high-side gate driver operat ion up to vs=-5v (typical) at vbs=15v. logic input is compatible with standard cmos out - puts. the uvlo circuits prev ent from m alfunction when vcc and vbs are lower than the specified threshold voltage. it is available with space saving soic -8 package. minimum source and sink current capability of ou tput driver is 200ma and 400ma respectively, which is suitable for magnetic-and piezo type injec - tors and general mosfet/igbt b ased high side driver applica - tions. soic-8 ordering information device package operating te mp. fan7083m_gf085 soic-8 -40 ? c ~ 125 ? c fan7083mx_gf085 soic-8 -40 ? c ~ 125 ? c x : tape & reel type
?2012 fairchild semiconductor corporation 2 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset block diagrams pulse gen uv detect uv detect pulse filter r r s q hv level shift in reset vb ho vs com vcc logic pin assignments 1 2 3 4 5 6 7 8 vcc in reset com n.c vs ho vb pin definitions pin number pin name i/o pin function description 1 vcc p driver supply voltage 2 in i logic input for high side gate drive output, in phase with ho 3 com p ground 4 reset i reset input 5 nc - nc 6 vs p high side floating offset fo r mosfet source connection 7 ho a high side drive output for mosfet gate connection 8 vb p driver output stage supply
?2012 fairchild semiconductor corporation 3 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset absolute maximum ratings absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. all voltage parameters are abso - lute voltages referenced to com. parameter symbol min. max. unit high side floating supply offset voltage v s v b -25 v b +0.3 v high side floating supply voltage v b -0.3 625 v high side floating output voltage v ho vs-0.3 v b +0.3 v supply voltage v cc -0.3 25 v input voltage for in vin -0.3 v cc +0.3 v input voltage for reset v reset -0.3 v cc +0.3 v power dissipation 1) pd 0.625 w thermal resistance, junction to ambient 1) rthja 200 ? c/w electrostatic discharge voltage (human body model) v esd 1k v charge device model v cdm 500 v junction temperature tj 150 ? c storage temperature t s -55 150 ? c note: 1) the thermal resistance and power dissipation rating are measured bellow conditions; jesd51-2: integrated circuit thermal test method envi r onmental conditions - natural convection(stillair) jesd51-3 : low effective thermal conductivity test board for leaded surface mount package 2) pulse width more than 80ns for preventing malfunction have to be provided to input .(guaranteed by design) recommended oper ating conditions for proper operation the device should be used within the recommended conditions parameter symbol min. max. unit high side floating supply voltage -10v transient 0.2us v b v s + 10 v s + 20 v high side floating supply offset voltage(dc) v s -4 (@vbs >= 10v) -5 (@vbs >= 11.5v) 600 v high side floating supply offset voltage( transient ) v s -25 (~200ns) -20(200ns~240ns) -7(240ns~400ns) 600 v high side floating output voltage v ho v s v b v allowable offset voltage slew rate 1) dv/dt - 50 v/ns supply voltage v cc 10 20 v input voltage for in v in 0 vcc v input voltage for reset v reset 0 vcc v switching frequency 2) fs 200 khz ambient temperature t a -40 125 ? c .-40c <= ta <= 125c note : 1) guaranteed by design. 2) duty = 0.5
?2012 fairchild semiconductor corporation 4 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset statics electrical characteristics unless otherwise specified, -40c <= ta <= 125c, v cc = 15v, v bs = 15v, v reset = 5v, v s = 0v, r l = 50 ? , c l = 2.5nf. parameter symbol conditions min. typ. max. unit vcc and vbs supply characteristics v cc and v bs supply under voltage positive going threshold v ccuv+ v bsuv+ - - 9.0 9.8 v v cc and v bs supply under voltage negative going threshold v ccuv - v bsuv- - 7.4 8.4 - v v cc and v bs supply under voltage hystere - sis v ccuvh v bsuvh - 0.2 0.6 - v under voltage lockout response time tduvcc tduvbs vcc: 10v-->7.3v or 7.3v-->10v vbs: 10v-->7.3v or 7.3v-->10v 0.5 0.5 20 20 us us offset supply leakage current i lk v b =v s =600v - - 50 ua quiescent v bs supply current i qbs v in =0, v reset =5v - 50 100 ua quiescent vcc supply current i qcc1 v in =v reset =0 - 65 140 ua quiescent vcc supply current i qcc2 v in =15v, v reset =0 - 75 160 ua input characteristics high logic level input voltage for in v ih - 0.63vcc - v low logic level input voltage for in v il - - - 0.4vcc v high logic level input current for in i in+ v in =15v - 15 50 ua low logic level input bias current for in i in- v in =0 - 0 1 ua high logic level input voltage for reset v rih - 3.0 - - v low logic level input voltage for reset v ril - - - 1.4 v high logic level input current for reset i rin+ v reset =5v - 5 30 ua low logic level input bias current for reset i rin- v reset =0 - 0 1 ua output characteristics high level output voltage, v bias - vo v oh i o =0 - - 0.1 v low level output voltage, vo v ol i o =0 - - 0.1 v peak output source current i o1+ - 200 - - ma peak output sink current i o1- - 400 - - ma equivalent output resistance r op 54 75 ? r on 24 38 ? note: the input parameter are referenced to com. the vo and io parameters are referenced to com.
?2012 fairchild semiconductor corporation 5 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset dynamic electrical characteristics unless otherwise specified, -40c <= ta <= 125c, v cc = 15v, v bs = 15v, v reset = 5v, v s = 0v, r l = 50 ? , c l = 2.5nf. parameter symbol conditions min. typ. max. unit in-to-output turn-on propagation delay t plh 50% input level to 10% output level, v s = 0v - 115 250 ns in-to-output turn-off propagation delay t phl 50% input level to 90% output level v s = 0v - 90 200 ns reset-to-output turn-off propagation delay t phl_res 50% input level to 90% output level - 90 200 ns reset-to-output turn-on propagation delay t plh_res 50% input level to 10% output level - 115 250 ns output rising time tr1 tj=25 ? c,v bs =15v - 200 400 ns tr2 - - 500 ns output falling time tf1 tj=25 ? c,v bs =15v - 25 200 ns tf2 - - 400 ns
?2012 fairchild semiconductor corporation 6 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset application information 1. relationship in in put/output and supplies vcc vbs reset in ho < vccuvlo- x x x off x < vbsuvlo- x x off x x low x off x x x low off > vccuvlo+ > vbsuvlo+ high high on notes: x menans independent from signal
?2012 fairchild semiconductor corporation 7 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset typical application circuit vcc in com reset vb ho vs nc c1 rg r1cbs vcc c2 db up to 600v load 5 6 7 8 4 3 2 1
?2012 fairchild semiconductor corporation 8 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset typical waveforms 1. input/output timing figure 1b. input(in)/output timing diagram ho reset in t phl in reset vs ho t plh t phl_res tplh _res in reset ho figure 1a. input/output timing diagram figure 1c. input(reset )/output timing diagram figure 2. switching ti me waveform definitions 10% 90% 90% 10% tr tf 2. ouput(ho) switching timing
?2012 fairchild semiconductor corporation 9 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset 3.vb drop voltage diagram figure3b. vb drop voltage test circuit figure 3a. vb drop voltage diagram vb drop in reset vb-vs i g 15v brake before make vcc in com reset vb ho nc vs 1u 50 2.5n ig
?2012 fairchild semiconductor corporation 10 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset performance graphs figure 4a. turn-on delay time vs temperature figure 4b. turn-on delay time vs vbs supply voltage figure 5a. turn-off delaytime vs temperature figure5b. turn-off delay time vs vbs supply voltage -50 -25 0 25 50 75 100 125 0 100 200 300 400 500 max turn-on delay time (ns) temperature ( 'c ) typ 10 12 14 16 18 20 0 100 200 300 400 500 max turn-on delay (ns) vbias supply voltage (v) typ -50 -25 0 25 50 75 100 125 0 100 200 300 400 500 max turn-off delay time (ns) temperature ( 'c ) typ 10 12 14 16 18 20 0 100 200 300 400 500 max turn-off delay time (ns) vbias supply voltage (v) typ figure 6a. turn-on rise time vs temperature figure 6b. turn-on rise time vs vbs supply voltage -50 -25 0 25 50 75 100 125 0 100 200 300 400 500 600 typ max max typ rl=0ohm, cl=1nf turn-on rise time (ns) temperature ( 'c ) rl=50ohm, cl=2.5nf 10 12 14 16 18 20 0 100 200 300 400 500 600 typ max max typ rl=0ohm, cl=1.0nf turn-on rise time (ns) v b supply voltage (v) rl=50ohm, cl=2.5nf vbs=15v, rl=50, cl=2.5nf ta=25c, rl=50, cl=2.5nf ta=25c rl=50, cl=2.5nf vbs=15v, rl=50, cl=2.5nf vbs=15v, rl=50, cl=2.5nf ta=25c rl=50, cl=2.5nf this performance graphs based on ambient temperature -40 ? c ~125 ?c
-50 -25 0 25 50 75 100 125 0 100 200 300 400 500 rl = 0ohm, cl=1,0nf max. max. typ. typ. turn-off fall time(ns) temperature ( o c ) rl = 50ohm, cl=2,5nf figure 8a. reset to output turn-off delay time vs temperature figure 8b. reset to output turn-off delay time vs vbs supply figure 7a. turn-off falling time vs temperature figure 7b. turn-off falling time vs vbs supply voltage 10 12 14 16 18 20 0 50 100 150 200 250 300 turn-off fall time (ns) v b supply voltage (v) max typ rl=50ohm, cl=2.5nf rl=0ohm, cl=1.0nf max typ -50 -25 0 25 50 75 100 125 0 100 200 300 400 500 max reset to output turn-off delay time (ns) temperature ( 'c ) typ 10 12 14 16 18 20 0 100 200 300 400 500 max reset to turn-off delay time (ns) v b supply voltage (v) typ -50 -25 0 25 50 75 100 125 0 100 200 300 400 500 max reset to output turn-on delay time (ns) temperature ( 'c ) typ 10 12 14 16 18 20 0 100 200 300 400 500 max reset to turn-on delay time (ns) v b supply voltage (v) typ ta=25c rl=50, cl=2.5nf ta=25c rl=50, cl=2.5nf ta=25c, rl=50, cl=2.5nf vbs=15v, rl=50, cl=2.5nf vbs=15v, rl=50, cl=2.5nf vbs=15v, rl=50, cl=2.5nf ?2012 fairchild semiconductor corporation 11 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset figure 9a. reset to output turn-on delay time vs temperatur e figure 9b. reset to output turn-on delay time vs vbs supply
figure 10a. logic ?1? in threshold vs temperature figure 10b. logic ?1? in threshold vs vcc supply voltage 10 12 14 16 18 20 0 2 4 6 8 10 12 14 16 input voltage (v) v cc supply voltage(v) max figure 11a. logic ?0? in threshold vs temperature figure 11b. logic ?0? in threshold vs vcc supply voltage -50 -25 0 25 50 75 100 125 4 5 6 7 8 9 input voltage(v) temperature ( o c ) max 10 12 14 16 18 20 0 2 4 6 8 10 12 input voltage (v) v cc supply voltage(v) min figure 12a. logic ?1? reset threshold vs temperature figure 12b. logic ?1? reset threshold vs vcc supply voltage -50 -25 0 25 50 75 100 125 0 1 2 3 4 5 6 7 8 shutdown logic "1" input threshold voltage (v) temperature ( 'c ) min 10 12 14 16 18 20 0 1 2 3 4 5 6 7 8 shutdown logic "1" threshold voltage (v) vcc supply voltage (v) min -50-25 0 255075100125 8 9 10 11 12 13 input voltage(v) temperature ( o c ) min ?2012 fairchild semiconductor corporation 12 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset
10 12 14 16 18 20 0 1 2 3 4 5 shutdown logic "0" threshold voltage (v) vcc supply voltage (v) max -50 -25 0 25 50 75 100 125 0 1 2 3 4 5 shutdown logic "0" input threshold voltage (v) temperature ( 'c ) max -50-25 0 255075100125 0.0 0.1 0.2 0.3 0.4 0.5 high level output voltage(v) temperature ( o c ) high level output voltage vs temperature max figure 15a. low level output vs temperature figure 15b. low level output vs vbs supply voltage figure 13b. logic ?0? reset threshold vs vcc supply voltage figure 13a. logic ?0? reset threshold vs temperature figure 14a. high level output vs temperature figure 14b. high level output vs vbs supply voltage 10 12 14 16 18 20 0.0 0.1 0.2 0.3 0.4 0.5 high level output voltage(v) v bs supply voltage(v) max -50 -25 0 25 50 75 100 125 0.0 0.1 0.2 0.3 0.4 0.5 high level output voltage(v) temperature ( o c ) max 10 12 14 16 18 20 0.0 0.1 0.2 0.3 0.4 0.5 high level output voltage(v) v bs supply voltage(v) max ?2012 fairchild semiconductor corporation 13 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset
figure 17a. vbs supply current vs temperature figure 17b. vbs supply current vs vbs supply voltage figure 18b. vcc supply curr ent vs vcc supply voltage figure 16a. offset supply leakage vs temperature figure 16b. offset supply leakage vs voltage 0 100 200 300 400 500 600 0 100 200 300 400 500 offset supply leakage current ( ua ) v b boost voltage(v) max -50 -25 0 25 50 75 100 125 0 50 100 150 200 250 max v bs supply current (ua) temperature ( 'c ) typ figure 18a. vcc supply current vs temperature 10 12 14 16 18 20 22 24 0 50 100 150 200 250 max v bs supply current (ua) v bs floating supply voltage (v) typ -50 -25 0 25 50 75 100 125 0 50 100 150 200 250 max vcc supply current (ua) temperature ( 'c ) typ 10 12 14 16 18 20 22 24 0 50 100 150 200 250 max vcc supply current (ua) vcc fixed supply voltage (v) typ -50 -25 0 25 50 75 100 125 0 40 80 120 160 200 offset supply leakage current ( ua ) temperature ( o c ) max . ?2012 fairchild semiconductor corporation 14 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset
figure20a. logic ?0? in current vs temperature figure 20b. logic ?0? in current vs voltage figure 21. logic ?1? reset current vs temperature f igure 22. logic ?1? reset current vs temperature figure 19b. logic ?1? in current vs voltage figure 19a. logic ?1? in current vs temperature -50 -25 0 25 50 75 100 125 0 20 40 60 80 100 max logic "1" input bias current (ua) temperature ( 'c ) typ -50 -25 0 25 50 75 100 125 0 1 2 3 4 5 logic "0" inpit current ( ? a ) temperature ( o c ) max 10 12 14 16 18 20 0 1 2 3 4 5 logic "0" inpit current ( ? a ) v cc supply voltage(v) max -50 -25 0 25 50 75 100 125 0 20 40 60 80 100 max shutdown logic "1" input bias current (ua) temperature ( 'c ) typ -50 -25 0 25 50 75 100 125 0 1 2 3 4 5 logic "0" inpit current ( ? a ) temperature ( o c ) max 10 12 14 16 18 20 0 2 4 6 8 10 12 14 16 input voltage (v) v cc supply voltage(v) max ?2012 fairchild semiconductor corporation 15 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset
-50 -25 0 25 50 75 100 125 0 100 200 300 400 500 typ. io+, output source current ( ma ) temperature ( o c ) min. figure 23a. vbs undervoltage(+) vs temperature figure 23b. vbs undervoltage(-) vs temperature figure 24a. vcc undervoltage(+) vs temperature figure 24b. vcc undervoltage(-) vs temperature figure 25a. output source current vs temperature figure 25b. output source current vs voltage -50 -25 0 25 50 75 100 125 6 7 8 9 10 11 12 min max v bs undervoltage lockout + (v) temperature ( 'c ) typ -50 -25 0 25 50 75 100 125 5 6 7 8 9 10 11 max min v bs undervoltage lockout - (v) temperature ( 'c ) typ -50 -25 0 25 50 75 100 125 6 7 8 9 10 11 12 min max v cc undervoltage lockout + (v) temperature ( 'c ) typ -50 -25 0 25 50 75 100 125 5 6 7 8 9 10 11 max min v cc undervoltage lockout - (v) temperature ( 'c ) typ 10 12 14 16 18 20 0 100 200 300 400 500 min io+, output source current (ma) v bs supply voltage (v) typ vcc=vbs=15v vcc=15v ?2012 fairchild semiconductor corporation 16 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset
-50 -25 0 25 50 75 100 125 0 200 400 600 800 1000 typ. io-,output sink cureent ( ma ) temperature ( o c ) min . 10 12 14 16 18 20 0 200 400 600 800 1000 min output sink current, io- ( ma ) vbs supply voltage (v) typ -50 -25 0 25 50 75 100 125 0 -2 -4 -6 -8 -10 -12 -14 -16 -18 -20 allowable negative vs (v) temperature ( 'c ) typ vcc=vbs=15v vcc=15v 10 12 14 16 18 20 -16 -14 -12 -10 -8 -6 -4 -2 typ. @ 125 o c min typ. @ 25 o c vs offset supply voltage (v) v bs floating supply voltage(v) rl=50, cl=2.5nf 10<=vcc<=20v, ?2012 fairchild semiconductor corporation 17 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset figure 26a. output sink current vs temperature figure 26b. output sink current vs voltage figure 27a. negative allowable offset vs temperature figure 27b. negative allowable offset vs voltage
?2012 fairchild semiconductor corporation 18 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset package dimensions 8 0 see detail a notes: unless otherwise specified a) this package conforms to jedec ms-012, variation aa, issue c, b) all dimensions are in millimeters. c) dimensions do not include mold flash or burrs. d) landpattern standard: soic127p600x175-8m. e) drawing filename: m08arev13 land pattern recommendation seating plane 0.10 c c gage plane x 45 detail a scale: 2:1 pin one indicator 4 8 1 c m ba 0.25 b 5 a 5.60 0.65 1.75 1.27 6.20 5.80 3.81 4.00 3.80 5.00 4.80 (0.33) 1.27 0.51 0.33 0.25 0.10 1.75 max 0.25 0.19 0.36 0.50 0.25 r0.10 r0.10 0.90 0.406 (1.04) option a - bevel edge option b - no bevel edge package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the draw ing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild? s worldwide terms and conditions, ? specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online pack aging area for the most recent package drawings: ? http://www.fairchildsemi.com/packaging/ .
?2012 fairchild semiconductor corporation 19 www.fairchildsemi.com fan7083_gf085 rev. 1.0.1 fan7083_gf085 high side gate driver with reset trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended t o be an exhaustive list of all such trademarks. accupower auto-spm build it now coreplus corepower crossvolt ctl? current transfer logic? ecospark ? efficientmax? ezsw itch?* ?* deuxpeed? ? fairchild ? fairchild semiconductor ? fact quiet s eries? fact ? fas t ? fastvcore fetbench flashwriter ? * fps f-pfs frfet ? global power resource sm green fps green fps e-series g max ? gto intellimax is op la nar megabuck? microcoupler microfet micr op ak millerd rive? motionmax? motion-spm? optologic ? optoplanar ? ? pdp spm? power-spm powertrench ? powerxs? programmable active droop qfet ? qs quiet series rapidconfigure ? saving our world, 1mw /w/kw at a time? signalwise? smartmax? smart start spm ? stealth? superfet supersot -3 supersot -6 supersot -8 supremos? syncfet? sync-lock? ? * the power franchise ? tinyboost tinybuck tinycalc tinylogic ? tinyopto tinypower tinypwm tinywire trifault detect truecurrent * p serdes uhc ? ultra frfet unifet vcx visualmax xs? * trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers these products. life supp ort policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. anti-counterfeiting policy fairchild semiconductor corporation's anti-counterfeiting policy. fairchild's anti-counterfeiting policy is also stated on our external website, www. fairchildsemi.com, under sales support. counterfeiting of semiconductor parts is a growing problem in the industry. all manufacturers of semiconductor products are exp eriencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard p erformance, failed applications, and increased cost of production and manufacturing delays. fairchild is taking st rong measures to protect ourselves and our cus tomers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fairchild or from a uthorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or from authorized fairchi ld distributors are genuine parts, have full traceability, meet fairchild's quality standards for handling and storage and provide access to fairchild's full rang e of up-to-date technical and product information. fairchild and our aut horized distributors will stand behind all warranties and will appropriately address any warr anty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. fairchild is committed to com bat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. product status definitions definition of terms datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. rev . i43


▲Up To Search▲   

 
Price & Availability of FAN7083MX12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X