Part Number Hot Search : 
AN1518 HC451 43860 R48S1 HEF4515 TLP202G MAX8663 Q0270
Product Description
Full Text Search
 

To Download DTA123EA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dta123em / dta123ee / dta123eua transistors dta123eka / dta123esa digital transistors (built-in resistors) dta123em / dta123ee / dta123eua / dta123eka / dta123esa ! ! ! ! features 1) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) the bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. 3) only the on/off conditions need to be set for operation, making device design easy. ! ! ! ! equivalent circuit r 1 r 2 in gnd( + ) out in gnd( + ) out ! ! ! ! external dimensions (units : mm) (1) gnd (2) out (3) in dta123esa 3 0.2 (15min.) 4 0.2 2 0.2 0.45 0.5 0.45 5 (1) (2) (3) ? 0.05 + 0.15 + 0.15 ? 0.05 2.5 + 0.4 ? 0.1 3min. rohm : spt eiaj : sc-72 rohm : vmt3 dta123em (1) in (2) gnd (3) out 0~0.1 (3) 0.32 0.8 1.2 0.13 0.5 0.22 0.4 0.4 1.2 0.8 0.2 0.15max. 0.2 ( 2 ) ( 1 ) abbreviated symbol : 12 0.2 0.2 0.5 0.5 1.0 0.1 1.6 0.2 0.3 0.8 0.1 1.6 0.2 0.55 0.1 0.7 0.1 0.15 0.05 0.1min. (3) (2) (1) 0~0.1 ? 0.05 + 0.1 + 0.1 ? 0.05 + 0.1 ? 0.05 (1) gnd (2) in (3) out rohm : emt3 dta123ee abbreviated symbol : 12 0~0.1 (2) (1) (3) 0.1min. 2.1 0.1 1.25 0.1 0.9 0.1 0.2 0.7 0.1 0.15 0.05 0.3 2.0 0.2 1.3 0.1 0.65 0.65 + 0.1 ? 0 (1) gnd (2) in (3) out rohm : umt3 eiaj : sc-70 dta123eua abbreviated symbol : 12 all terminals have same dimensions 0~0.1 2.8 0.2 1.6 0.3min. 1.1 0.8 0.1 0.15 0.4 2.9 0.2 1.9 0.2 0.95 0.95 + 0.2 ? 0.1 ? 0.1 + 0.2 + 0.1 ? 0.06 + 0.1 ? 0.05 (2) (1) (3) (1) gnd (2) in (3) out rohm : smt3 eiaj : sc-59 dta123eka abbreviated symbol : 12 all terminals have same dimensions
dta123em / dta123ee / dta123eua transistors dta123eka / dta123esa ! ! ! ! absolute maximum ratings (ta=25 c) limits(dta123e ) parameter symbol v cc 150 200 300 ? 50 ? 12~ + 10 ? 100 ? 100 150 ? 55~ + 150 e muakasa v v ma mw c c v in i o i c(max.) pd tj tstg unit supply voltage input voltage output current power dissipation junction temperature storage temperature ! ! ! ! electrical characteristics (ta=25 c) parameter symbol v i(off) v i(on) v o(on) i i i o(off) r 1 g i r 2 /r 1 f t min. ? ? 3 ? ? ? 1.54 20 0.8 ? ? ? ? 0.1 ? ? 2.2 ? 1 250 ? 0.5 ? ? 0.3 ? 3.8 ? 0.5 2.86 ? 1.2 ? v v cc =? 5v, i o =? 100 a v o =? 0.3v, i o =? 20ma i o /i i =? 10ma/ ? 0.5ma v i =? 5v v cc =? 50v, v i = 0v v o =? 5v, i o =? 20ma v ce =? 10v, i e = 5ma, f = 100mhz ? v ma a k ? ? ?? ? mhz typ. max. unit conditions input voltage output voltage input current output current input resistance dc current gain resistance ratio transition frequency ? transition frequency of the device ! ! ! ! packaging specifications tl umt3 emt3 smt3 spt dta123ee dta123em type dta123eua 3000 t2l vmt3 8000 t106 3000 t146 3000 tp 5000 dta123eka dta123esa ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? package packaging type taping taping taping taping taping code basic ordering unit (pieces)
dta123em / dta123ee / dta123eua transistors dta123eka / dta123esa ! ! ! ! electrical characteristic curves output current : i o (a) 100 50 20 10 5 2 1 500m 200m 100m input voltage : v i(on) (v) ? 100 ? 200 ? 500 ? 1m ? 2m ? 5m ? 10m ? 20m ? 50m ? 100m fig.1 input voltage vs. output current (on characteristics) v o =? 0.3v 100 c 25 c ta =? 40 c 0 ? 3.0 output current : i o (a) input voltage : v i(off) (v) 10m 1 2m 5m 1m 200 500 100 20 50 10 2 5 ? 0.5 ? 1.0 ? 1.5 ? 2.0 ? 2.5 v cc =? 5v 25 c ? 40 c ta = 100 c fig.2 output current vs. input voltage (off characteristics) dc current gain : g i output current : i o (a) 1k 500 200 100 50 20 10 5 2 1 ? 100 ? 200 ? 500 ? 1m ? 2m ? 5m ? 10m ? 20m ? 50m ? 100m v o =? 5v ? 40 c 25 c ta = 100 c fig.3 dc current gain vs. output current output voltage : v o(on) (v) output current : i o (a) 1 500m 200m 100m 50m 20m 10m 5m 2m 1m ? 100 ? 200 ? 500 ? 1m ? 2m ? 5m ? 10m ? 20m ? 50m ? 100m i o /i i = 20 ta = 100 c 25 c ? 40 c fig.4 output voltage vs. output current


▲Up To Search▲   

 
Price & Availability of DTA123EA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X