Part Number Hot Search : 
CIR2262A TPAT0509 74HC03 UPC2933 2SD1012 DTC12 01089 EM1537
Product Description
Full Text Search
 

To Download DS1230W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 11 103102 features  10 years minimum data retention in the absence of external power  data is automatically protected during power loss  replaces 32k x 8 volatile static ram, eeprom or flash memory  unlimited write cycles  low-power cmos  read and write access times as fast as 100ns  lithium energy source is electrically disconnected to retain freshness until power is applied for the first time  optional industrial temperature range of -40  c to +85  c, designated ind  jedec standard 28-pin dip package  powercap module (pcm) package - directly surface-mountable module - replaceable snap-on powercap provides lithium backup battery - standardized pinout for all nonvolatile sram products - detachment feature on powercap allows easy removal using a regular screwdriver pin assignment pin description a0 - a14 - address inputs dq0 - dq7 - data in/data out ce - chip enable we - write enable oe - output enable v cc - power (+3.3v) gnd - ground nc - no connect DS1230W 3.3v 256k nonvolatile sram www.maxim-ic.com 13 1 2 3 4 5 6 7 8 9 10 11 12 14 27 28-pin encapsulated package 740-mil extended a7 a5 a3 a2 a1 a0 dq0 dq1 gnd dq2 v cc we a 13 a 8 a 9 a 11 oe a 10 ce dq7 dq6 dq5 dq3 dq4 28 26 25 24 23 22 21 20 19 18 17 15 16 a12 a6 a4 a14 1 nc 2 3 nc nc nc v cc we oe ce dq7 dq6 dq5 dq4 dq3 dq2 dq1 dq0 gnd 4 5 6 7 8 9 10 11 12 13 14 15 16 17 nc a 14 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 a 13 a 12 a 11 a 10 a 9 a 8 a 7 a 6 a 5 a 4 a 3 a 2 a 1 a 0 34 nc gnd v bat 34-pin powercap module (pcm) (uses ds9034pc powercap)
DS1230W 2 of 11 description the DS1230W 3.3v 256k nonvolatile sram is a 262,144-b it, fully static, nonvola tile sram organized as 32,768 words by 8 bits. each nv sram has a self-contained lithium energy source and control circuitry, which constantly monitors v cc for an out-of-tolerance condition. when such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. dip-package DS1230W devices can be used in place of existing 32k x 8 static rams directly conforming to the popul ar bytewide 28-pin dip standard. the dip devices also match the pinout of 28256 eeproms, allowing direct subs titution while enhancin g performance. DS1230W devices in the powercap module p ackage are directly surf ace mountable and are normally paired with a ds9034pc powercap to form a complete nonvolatile sram module. there is no limit on the number of write cycles that can be executed and no additiona l support circuitry is required for microprocessor interfacing. read mode the DS1230W executes a read cycle whenever we (write enable) is inactive (high) and ce (chip enable) and oe (output enable) are active (low). the uniqu e address specified by the 15 address inputs (a 0 ? a 14 ) defines which of the 32,768 bytes of data is to be accessed. valid data will be available to the eight data output drivers within t acc (access time) after the last addre ss input signal is stable, providing that ce and oe (output enable) access times are also satisfied. if oe and ce access times are not satisfied, then data access must be measured from the later-occurring signal ( ce or oe ) and the limiting parameter is either t co for ce or t oe for oe rather than address access. write mode the DS1230W executes a write cycle whenever the we and ce signals are active (low) after address inputs are stable. the later-occurring falling edge of ce or we will determine the start of the write cycle. the write cycle is terminated by the earlier rising edge of ce or we . all address input s must be kept valid throughout the write cycle. we must return to the high state for a minimum recovery time (t wr ) before another cycle can be initiated. the oe control signal should be kept inactive (high) during write cycles to avoid bus contention. however, if the output drivers are enabled ( ce and oe active) then we will disable the outputs in t odw from its falling edge. data retention mode the DS1230W provides full functional capability for v cc greater than 3.0 volts and write protects by 2.8 volts. data is maintained in the absence of v cc without any additional support circuitry. the nonvolatile static rams constantly monitor v cc . should the supply voltage decay, the nv srams automatically write protect themselves, all inputs become ?don?t care,? and all out puts become high-impedance. as v cc falls below approximately 2.5 volts, a power switching circuit connects the lithium energy source to ram to retain data. during power-up, when v cc rises above approxima tely 2.5 volts, the power switching circuit connects external v cc to ram and disconnects the lithium energy source. normal ram operation can resume after v cc exceeds 3.0 volts. freshness seal each DS1230W device is shipped from dallas semiconductor with its lithium energy source disconnected, guaranteeing full energy capacity. when v cc is first applied at a level greater than 3.0 volts, the lithium energy source is enabled for battery back-up operation.
DS1230W 3 of 11 packages the DS1230W is available in two packages: 28-pin dip and 34-pin powercap module (pcm). the 28- pin dip integrates a lithium battery, an sram memo ry and a nonvolatile control function into a single package with a jedec-standard, 600-mil dip pinout . the 34-pin powercap module integrates sram memory and nonvolatile control into a module base along with contacts for connection to the lithium battery in the ds9034pc powercap. the powercap module package design allows a DS1230W to be surface mounted without subjecting its lithium backup battery to destructive high-temperature reflow soldering. after a DS1230W module base is reflow soldered, a ds9034pc powercap is snapped on top of the base to form a complete nonvolatile sram module. the ds9034pc is keyed to prevent improper attachment. DS1230W module bases and ds9034pc powercaps are ordere d separately and shipped in separate containers. s ee the ds9034pc data sheet for further information. absolute maximum ratings* voltage on any pin relativ e to ground -0.3v to +4.6v operating temperature 0c to 70c, -40c to +85c for ind parts storage temperature -40c to +70c, -40c to +85c for ind parts soldering temperature 260c for 10 seconds * this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods of time may affect reliability. recommended dc operating conditions (t a : see note 10) parameter symbol min typ max units notes power supply voltage v cc 3.0 3.3 3.6 v logic 1 v ih 2.2 v cc v logic 0 v il 0.0 0.4 v dc electrical characteristics (t a : see note 10) (v cc = 3.3v 0.3v) parameter symbol min typ max units notes input leakage current i il -1.0 +1.0  a i/o leakage current ce  v ih  v cc i io -1.0 +1.0  a output current @ 2.2v i oh -1.0 ma output current @ 0.4v i ol 2.0 ma standby current ce =2.2v i ccs1 50 250  a standby current ce =v cc -0.2v i ccs2 30 150  a operating current i cco1 50 ma write protection voltage v tp 2.8 2.9 3.0 v
DS1230W 4 of 11 capacitance ( t a =25  c) parameter symbol min typ max units notes input capacitance c in 510pf input/output capacitance c i/o 510pf ac electrical characteristics (t a : see note 10) (v cc = 3.3v 0.3v) DS1230W-100 DS1230W-150 parameter symbol min max min max units notes read cycle time t rc 100 150 ns access time t acc 100 150 ns oe to output valid t oe 50 70 ns ce to output valid t co 100 150 ns oe or ce to output active t coe 5 5 ns 5 output high z from deselection t od 35 35 ns 5 output hold from address change t oh 55 ns write cycle time t wc 100 150 ns write pulse width t wp 75 100 ns 3 address setup time t aw 00 ns write recovery time t wr1 t wr2 5 20 5 20 ns ns 12 13 output high z from we t odw 35 35 ns 5 output active from we t oew 5 5 ns 5 data setup time t ds 40 60 ns 4 data hold time t dh1 t dh2 0 20 0 20 ns ns 12 13
DS1230W 5 of 11 read cycle see note 1 write cycle 1 see notes 2, 3, 4, 6, 7, 8 and 12
DS1230W 6 of 11 write cycle 2 see notes 2, 3, 4, 6, 7, 8 and 13 power-down/power-up condition
DS1230W 7 of 11 power-down/power-up timing (t a : see note 10) parameter symbol min typ max units notes v cc fail detect to ce and we inactive t pd 1.5  s 11 v cc slew from v tp to 0v t f 150  s v cc slew from 0v to v tp t r 150  s v cc valid to ce and we inactive t pu 2ms v cc valid to end of write protection t rec 125 ms (t a =25  c) parameter symbol min typ max units notes expected data retention time t dr 10 years 9 warning: under no circumstance are negative undershoots, of any amplitude, allowed when device is in battery backup mode. notes: 1. we is high for a read cycle. 2. oe = v ih or v il . if oe = v ih during write cycle, the output buffers remain in a high-impedance state. 3. t wp is specified as the logical and of ce and we . t wp is measured from the latter of ce or we going low to the earlier of ce or we going high. 4. t dh , t ds are measured from the earlier of ce or we going high. 5. these parameters are sampled with a 5 pf load and are not 100% tested. 6. if the ce low transition occurs simultaneously with or latter than the we low transition, the output buffers remain in a high-impedance state during this period. 7. if the ce high transition occurs prior to or simultaneously with the we high transition, the output buffers remain in high-imped ance state during this period. 8. if we is low or the we low transition occurs prior to or simultaneously with the ce low transition, the output buffers remain in a high -impedance state during this period. 9. each DS1230W has a built-in switch that disconnects the lithium source until v cc is first applied by the user. the expected t dr is defined as accumulative time in the absence of v cc starting from the time power is first applied by the user. 10. all ac and dc electrical characteristics are valid over the full operating temperature range. for commercial products, this range is 0  c to 70  c. for industrial products (ind), this range is -40  c to +85  c. 11. in a power-down condition the voltage on any pin may not exceed the voltage on v cc . 12. t wr1 and t dh1 are measured from we going high. 13. t wr2 and t dh2 are measured from ce going high. 14. ds1230 modules are recognized by underwriters laboratory (u.l. ? ) under file e99151.
DS1230W 8 of 11 dc test conditions ac test conditions outputs open output load: 100pf + 1ttl gate cycle = 200ns for operating current input pulse levels: 0 to 2.7v all voltages are referenced to ground timing measurement reference levels input: 1.5v output: 1.5v input pulse rise and fall times: 5ns ordering information ds1230 p - sss - iii operating temperature range blank: 0  to 70  ind: -40  to +85  c access speed 100: 100ns 150: 150ns package type blank: 28-pin 600 mil dip p: 34-pin powercap module DS1230W nonvolatile sram, 28-pin 740-mil extended dip module pkg 28-pin dim min max a in. mm 1.480 37.60 1.500 38.10 b in. mm 0.720 18.29 0.740 18.80 c in. mm 0.355 9.02 0.375 9.52 d in. mm 0.080 2.03 0.110 2.79 e in. mm 0.015 0.38 0.025 0.63 f in. mm 0.120 3.05 0.160 4.06 g in. mm 0.090 2.29 0.110 2.79 h in. mm 0.590 14.99 0.630 16.00 j in. mm 0.008 0.20 0.012 0.30 k in. mm 0.015 0.38 0.021 0.53
DS1230W 9 of 11 DS1230W nonvolatile sram, 34-pin powercap module inches pkg dim min nom max a 0.920 0.925 0.930 b 0.980 0.985 0.990 c - - 0.080 d 0.052 0.055 0.058 e 0.048 0.050 0.052 f 0.015 0.020 0.025 g 0.020 0.025 0.030
DS1230W 10 of 11 DS1230W nonvolatile sram, 34-pin powercap module with powercap inches pkg dim min nom max a 0.920 0.925 0.930 b 0.955 0.960 0.965 c 0.240 0.245 0.250 d 0.052 0.055 0.058 e 0.048 0.050 0.052 f 0.015 0.020 0.025 g 0.020 0.025 0.030 assembly and use reflow soldering dallas semiconductor recommends that powercap module bases experience one pass through solder reflow oriented labe l-side up (live-bug). hand soldering and touch-up do not touch soldering iron to leads for more than 3 seconds. to solder, apply flux to the pad, heat the lead frame pad and apply solder. to remove part, apply flux, heat pad until solder reflows, and use a solder wick. lpm replacement in a socket to replace a low profile module in a 68-pin plcc socket, attach a ds9034pc powercap to a module base then insert the complete module into the so cket one row of leads at a time, pushing only on the corners of the cap. never apply force to the center of the device. to remove from a socket, use a plcc extraction tool and ensure that it does not hit or da mage any of the module ic components. do not use any other tool for extraction.
DS1230W 11 of 11 recommended powercap module land pattern inches pkg dim min nom max a - 1.050 - b - 0.826 - c - 0.050 - d - 0.030 - e - 0.112 - recommended powercap module solder stencil inches pkg dim min nom max a - 1.050 - b - 0.890 - c - 0.050 - d - 0.030 - e - 0.080 -


▲Up To Search▲   

 
Price & Availability of DS1230W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X