Part Number Hot Search : 
STK412 2472C AN8090 X25160V ARF1510 AN1178 DB101 ECG2984
Product Description
Full Text Search
 

To Download DS1220AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 9 081203 features  10 years minimum data retention in the absence of external power  data is automatically protected during power loss  directly replaces 2k x 8 volatile static ram or eeprom  unlimited write cycles  low-power cmos  jedec standard 24-pin dip package  read and write access times as fast as 100 ns  lithium energy source is electrically disconnected to retain freshness until power is applied for the first time  full 10% v cc operating range (DS1220AD)  optional 5% v cc operating range (ds1220ab)  optional industrial temperature range of -40c to +85c, designated ind pin assignment 24-pin encapsulated package 720-mil extended pin description a0-a10 - address inputs dq0-dq7 - data in/data out ce - chip enable we - write enable oe - output enable v cc - power (+5v) gnd - ground description the ds1220ab and DS1220AD 16k nonvolatile srams are 16,384-bit, fully static, nonvolatile srams organized as 2048 words by 8 bits. each nv sram has a self-contained lithium energy source and control circuitry which constantly monitors v cc for an out-of-tolerance condition. when such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. the nv srams can be used in place of existing 2k x 8 srams directly conforming to the popular bytewide 24-pin dip standard. the devices also match the pinout of the 2716 eprom and the 2816 eeprom, allowing dire ct substitution while enhancing performance. there is no limit on the number of write cycles that can be executed and no add itional support circuitry is required for microprocessor interfacing. ds1220ab/ad 16k nonvolatile sram www.maxim-ic.com 14 vcc we 1 2 3 4 5 6 7 8 9 10 11 12 13 24 15 23 22 21 20 19 18 17 16 a7 a5 a3 a2 a1 a0 dq0 dq1 gnd dq2 a6 a4 a 8 a 9 oe a 10 ce dq7 dq6 dq5 dq3 dq4
ds1220ab/ad 2 of 9 read mode the ds1220ab and DS1220AD execute a read cycle whenever we (write enable) is inactive (high) and ce (chip enable) and oe (output enable) are active (low). the unique address specified by the 11 address inputs (a0-a10) defines which of the 2048 bytes of data is to be accessed. valid data will be available to the eight data output drivers within t acc (access time) after the last address input signal is stable, providing that the ce and oe access times are also satisfied. if ce and oe access times are not satisfied, then data access must be measured from the later-occurring signal and the limiting parameter is either t co for ce or t oe for oe rather than address access. write mode the ds1220ab and DS1220AD execute a write cycle whenever the we and ce signals are active (low) after address inputs are stable. the latter occurring falling edge of ce or we will determine the start of the write cycle. the write cycle is terminated by the earlier rising edge of ce or we . all address inputs must be kept valid throughout the write cycle. we must return to the high state for a minimum recovery time (t wr ) before another cycle can be initiated. the oe control signal should be kept inactive (high) during write cycles to avoid bus contention. however, if the output drivers are enabled ( ce and oe active) then we will disable the outputs in t odw from its falling edge. data retention mode the ds1220ab provides full functional capability for v cc greater than 4.75 volts and write protects by 4.5v. the DS1220AD provides full functional capability for v cc greater than 4.5 volts and write protects by 4.25v. data is maintained in the absence of v cc without any additional support circuitry. the nonvolatile static rams constantly monitor v cc . should the supply voltage decay, the nv srams automatically write protect themse lves, all inputs become ?don?t ca re,? and all outputs become high impedance. as v cc falls below approximately 3.0 volts, a power switching circuit connects the lithium energy source to ram to retain data. during power-up, when v cc rises above approximately 3.0 volts, the power switching circuit connects external v cc to ram and disconnects the lithium energy source. normal ram operation can resume after v cc exceeds 4.75 volts for the ds1220ab and 4.5 volts for the DS1220AD. freshness seal each ds1220 device is shipped from dallas semiconductor with its lithium energy source disconnected, guaranteeing full energy capacity. when v cc is first applied at a level of greater than v tp , the lithium energy source is enabled for battery backup operation.
ds1220ab/ad 3 of 9 absolute maximum ratings* voltage on any pin relative to ground -0.3v to +6.0v operating temperature 0c to 70c; -40c to +85c for ind parts storage temperature -40c to +70c; -40c to +85c for ind parts soldering temperature 260c for 10 seconds  this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the oper ation sections of this specifica tion is not implied. exposure to absolute maximum rating conditions for extended periods of time may affect reliability. recommended dc operating conditions (t a : see note 10) parameter symbol min typ max units notes ds1220ab power supply voltage v cc 4.75 5.0 5.25 v DS1220AD power supply voltage v cc 4.50 5.0 5.50 v logic 1 v ih 2.2 v cc v logic 0 v il 0.0 +0.8 v (t a : see note 10) (v cc =5v  5% for ds1220ab) dc electrical characteristics (v cc =5v  10% for DS1220AD) parameter symbol min typ max units notes input leakage current i il -1.0 +1.0  a i/o leakage current ce  v ih  v cc i io -1.0 +1.0  a output current @ 2.4v i oh -1.0 ma output current @ 0.4v i ol 2.0 ma standby current ce = 2.2v i ccs1 5.0 10.0 ma standby current ce = v cc -0.5v i ccs2 3.0 5.0 ma operating current (commercial) i cc01 75 ma operating current (industrial) i cco1 85 ma write protection voltage (ds1220ab) v tp 4.5 4.62 4.75 v write protection voltage (DS1220AD) v tp 4.25 4.37 4.5 v capacitance (t a =25c) parameter symbol min typ max units notes input capacitance c in 510 pf input/output capacitance c i/o 512 pf
ds1220ab/ad 4 of 9 (t a : see note 10) (v cc =5.0v  5% for ds1220ab) ac electrical characteristics (v cc =5.0v  10% for DS1220AD) ds1220ab-100 DS1220AD-100 ds1220ab-120 DS1220AD-120 parameter symbol min max min max units notes read cycle time t rc 100 120 ns access time t acc 100 120 ns oe to output valid t oe 50 60 ns ce to output valid t co 100 120 ns oe or ce to output active t coe 5 5ns5 output high z from deselection t od 35 35 ns 5 output hold from address change t oh 5 5ns write cycle time t wc 100 120 ns write pulse width t wp 75 90 ns 3 address setup time t aw 00ns write recovery time t wr1 t wr2 0 10 0 10 ns ns 12 13 output high from we t odw 35 35 ns 5 output active from we t oew 5 5ns4 data setup time t ds 40 50 ns 4 data hold time t dh1 t dh2 0 10 0 10 ns ns 12 13
ds1220ab/ad 5 of 9 ac electrical characteristics (cont?d) ds1220ab-150 DS1220AD-150 ds1220ab-200 DS1220AD-200 parameter symbol min max min max units notes read cycle time t rc 150 200 ns access time t acc 150 200 ns oe to output valid t oe 70 100 ns ce to output valid t co 150 200 ns oe or ce to output active t coe 5 5ns5 output high z from deselection t od 35 35 ns 5 output hold from address change t oh 5 5ns write cycle time t wc 150 200 ns write pulse width t wp 100 150 ns 3 address setup time t aw 00ns write recovery time t wr1 t wr2 0 10 0 10 ns ns 12 13 output high z from we t odw 35 35 ns 5 output active from we t oew 5 5ns4 data setup time t ds 60 50 ns 4 data hold time t dh1 t dh2 0 10 0 10 ns ns 12 13
ds1220ab/ad 6 of 9 read cycle see note 1 write cycle 1 see notes 2, 3, 4, 6, 7, 8 and 12 write cycle 2 see notes 2, 3, 4, 6, 7, 8 and 13
ds1220ab/ad 7 of 9 power-down/power-up condition see note 11 power-down/power-up timing (t a : see note 10) parameter symbol min typ max units notes v cc fail detect to ce and we inactive t pd 1.5  s 11 v cc slew from v tp to 0v t f 300  s v cc slew from 0v to v tp t r 300  s v cc valid to ce and we inactive t pu 2ms v cc valid to end of write protection t rec 125 ms (t a =25c) parameter symbol min typ max units notes expected data retention time t dr 10 years 9 warning: under no circumstances are negative undershoots, of any amplitude, allowed when device is in the battery backup mode. notes: 1. we is high for a read cycle. 2. oe = v ih or v il . if oe = v ih during write cycle, the output buffers remain in a high-impedance state. 3. t wp is specified as the logical and of ce and we . t wp is measured from the latter of ce or ce going low to the earlier of ce or we going high. 4. t ds is measured from the earlier of ce or we going high. 5. these parameters are sampled with a 5 pf load and are not 100% tested. 6. if the ce low transition occurs simultaneously with or later than the we low transition, the output buffers remain in a high-impedance state during this period. 7. if the ce high transition occurs prior to or simultaneously with the we high transition, the output buffers remain in a high-impedance state during this period.
ds1220ab/ad 8 of 9 8. if we is low or the we low transition occurs prior to or simultaneously with the ce low transition, the output buffers remain in a high -impedance state during this period. 9. each ds1220ab and each DS1220AD has a built-in switch that disconnects the lithium source until v cc is first applied by the user. the expected t dr is defined as accumulative time in the absence of v cc starting from the time power is first applied by the user. this parameter is guaranteed by design and is not 100% tested. 10. all ac and dc electrical characteristics are valid over the full operating temperature range. for commercial products, this range is 0c to 70c. fo r industrial products (ind), this range is -40c to +85c. 11. in a power down condition the voltage on any pin may not exceed the voltage on v cc . 12. t wr1 , t dh1 are measured from we going high. 13. t wr2 , t dh2 are measured from ce going high. 14. ds1220 modules are recognized by underwriters laboratory (u.l.  ) under file e99151. dc test conditions outputs open cycle = 200ns for operating current all voltages are referenced to ground ac test conditions output load: 100 pf + 1ttl gate input pulse levels: 0 - 3.0v timing measurement reference levels input: 1.5v output: 1.5v input pulse rise and fall times: 5ns ordering information
ds1220ab/ad 9 of 9 ds1220ab/ad nonvolatile sram, 24-pin 720-mil extended module pkg 24-pin dim min max a in. mm 1.320 33.53 1.340 34.04 b in. mm 0.695 17.65 0.720 18.29 c in. mm 0.390 9.91 0.415 10.54 d in. mm 0.100 2.54 0.130 3.30 e in. mm 0.017 0.43 0.030 0.76 f in. mm 0.120 3.05 0.160 4.06 g in. mm 0.090 2.29 0.110 2.79 h in mm 0.590 14.99 0.630 16.00 j in. mm 0.008 0.20 0.012 0.30 k in. mm 0.015 0.38 0.021 0.53


▲Up To Search▲   

 
Price & Availability of DS1220AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X