Part Number Hot Search : 
BF775 MC340 114EKA ET1106 L9104 7805A NL1027 GLZ13B
Product Description
Full Text Search
 

To Download DA79L08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated circuit r dc components co., ltd. technical specifications of 3-terminal negative voltage regulator description these regulators empoly internal current limiting and thermal shutdown, making them essentially indestructible. they can deliver up to 100ma output current, if the case temperature can keep in t c=25oc. they are intended as fixed voltage regulators in a wide range of applications including local(on-card) regulation for elimination of noise and distribution problems associated with single-point regulation. in addition, they can be used with power pass elements to make high-current voltage regulators. pinning 1 = ground 2 = input 3 = output DA79L08 to-92 dimensions in inches and (millimeters) .022(0.56).014(0.36) .050 (1.27) .148(3.76).132(3.36) typ .190(4.83).170(4.33) .100 (2.54) typ .050 (1.27) typ .022(0.56).014(0.36) .190(4.83).170(4.33) .500 (12.70) min 2o typ 5o typ. 2o typ 3 2 1 5o typ. characteristic symbol rating unit input voltage vi -30 v total power dissipation pd internal limit w operating temperature range topr -30 to +75 oc maximum junction temperature tj 125 oc storage temperature range tstg -40 to +125 oc absolute maximum ratings (ta=25oc) characteristic symbol min typ max unit test conditions output voltage vo -7.68 -8.00 -8.32 v tj=25oc line regulation regline - - 175 mv tj=25oc, -10.5v vin -23v load regulation regload - - 80 mv tj=25oc, 1ma io 100ma input bias current iib - - 6.0 ma tj=25oc output noise voltage vn - 190 - mv ta=25oc, 10hz f 100khz ripple rejection rr 39 68 - db -11v vin -21v, f=140hz electrical characteristics( vin =-14v, iout=40ma, 0oc tj 125oc, cin=0.33m f, cout=0.1m f, unless otherwise specified)


▲Up To Search▲   

 
Price & Availability of DA79L08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X