Part Number Hot Search : 
LTC2344 ADG5412 BST25P1N ENA2130A 4759A 1N6171A ANTX2 MMSZ4707
Product Description
Full Text Search
 

To Download C2260A1-0238 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  C2260A1-0238 tcxo www.vectron.com modified 2011-03-09 index : 5 printed 2011-06-03 ? page 1 of 4 vectron international ? product specifications C2260A1-0238 nominal frequency (f0) 12 . 8 mhz frequency stabilities parameter frequency stability operating temp . range over all ( df / f 0 ) - 4 . 6 to 4 . 6 ppm additional information holdover stability @ temp . stab . - 20 ..+ 70 c , supply voltage + 24 h aging : < = 0 . 32 ppm parameter value condition holdover 24 h 0 . 28 ppm incl . temp . stab . - 20 ...+ 70 c overall incl .: initial , temp .- 20 ..+ 70 c , supply , load var . and aging 20 years rf output parameter value condition signal lvcmos load 15 pf 10 % fan out 3 rise time < 8 ns @ 10 to 90 % vout fall time < 8 ns @ 90 to 10 % vout duty cycle 45 / 55 % @ 1 . 65 v v low x < 0 . 33 v v high x > 2 . 97 v enable function enable function output pin 1 pin 3 high data open data low no data supply voltage parameter value condition supply voltage ( vs ) 3 . 3 v 5 % current consumption steady state < 4 ma @ vsnom & 25 c additional parameters parameter typ . max . condition phase noise - 90 dbc / hz @ 10 hz - 115 dbc / hz @ 100 hz - 127 dbc / hz @ 1000 hz - 137 dbc / hz @ 10 khz - 140 dbc / hz @ 100 khz parameter value condition additional information this smd oscillator is designed only for pick and place / reflow soldering process . manual soldering may damage the part and therefore not recommended for the mounting of this oscillator . processing & packing handling & processing note additional environmental conditions vibration iec 60068 - 2 - 6 , test fc shock iec 60068 - 2 - 27 , test ea sealing test a nicht dicht ( not hermetically sealed ) solderability din iec 68 t 2 - 20 ( ta ) 100 % rohs 6 compliant solvent resistance en 60068 - 2 - 45 , test xa washable device
C2260A1-0238 tcxo www.vectron.com modified 2011-03-09 index : 5 printed 2011-06-03 ? page 2 of 4 vectron international ? product specifications C2260A1-0238 absolute maximum ratings parameter min typ max units condition operable temperature range - 40 85 c storage temperature range - 55 125 c enclosure type g 298 height 1 . 8 mm all units in mm pin connections pin 1 : tristate control pin 2 : gnd ( case ) pin 3 : rf - output pin 4 : vs ( supply voltage ) marking 2 a - 238 12 m 800 * vayyww - - * pin - 1 marking
C2260A1-0238 tcxo www.vectron.com modified 2011-03-09 index : 5 printed 2011-06-03 ? page 3 of 4 vectron international ? product specifications C2260A1-0238 reflow profile profile feature pb - free assembly / sn - pb assembly average ramp - up rate ( tl to tp ) 3 c / second max . preheat - temperature min ( tsmin ) 150 c - temperature min ( tsmax ) 200 c - time ( min to max ) ( ts ) 60 - 180 seconds tsmax to tl - ramp - up rate 3 c / second max . time maintainted above - temperature ( tl ) 217 c - time ( tl ) 60 - 150 seconds peak temperature ( tp ) max 260 c time within 5 c of actual peak temperature ( tp ) 20 - 40 seconds ramp - down rate 6 c / second max . time 25 c to peak temperature 8 minutes max . note : all temperatures refer to topside of the package , measured on the package body surface . additional information this smd oscillator has been designed for pick and place reflow soldering .
C2260A1-0238 tcxo www.vectron.com modified 2011-03-09 index : 5 printed 2011-06-03 ? page 4 of 4 vectron international ? product specifications C2260A1-0238 standard shipping method tape width w [ mm ] quantity per meter quantity per reel p [ mm ] a [ mm ] b [ mm ] k [ mm ] 16 125 750 8 5 . 4 7 . 4 2 . 7 notes: unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25c). subject to technical modification.


▲Up To Search▲   

 
Price & Availability of C2260A1-0238

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X