Part Number Hot Search : 
ZM2CR60W F06UP20S 4ACT24 MM5Z4 13N06 BCV27 1418A6 BXMP1019
Product Description
Full Text Search
 

To Download C2260A1-0237-20M0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  C2260A1-0237-20M0 tcxo www.vectron.com modified 2011-03-09 index : 3 printed 2011-06-03 ? page 1 of 4 vectron international ? product specifications c2260a1-0237 nominal frequency (f0) 20 mhz frequency stabilities parameter frequency stability operating temp . range over all ( df / f 0 ) - 4 . 6 to 4 . 6 ppm vs . operating temp . range ( df / f @ 25 c ) - 0 . 28 to 0 . 28 ppm 0 ... 70 c additional information 24 hour drift : 0 , 04 ppm parameter value condition initial tolerance ( df / f 0 ) - 0 . 8 to 0 . 8 ppm @ 25 c vs . supply voltage change ( df / f ) - 0 . 1 to 0 . 1 ppm static ; 3 . 3 v 5 % vs . aging / 15 years ( df / f ) < 3 ppm @ 40 c holdover 24 h 0 . 37 ppm full temp . range @ vs 0 . 5 % stratum 3 per gr - 1244 - core : < 4 . 6 ppm for all causes @ 15 years aging rf output parameter value condition signal lvcmos load 15 pf 10 % fan out 3 rise time < 5 ns @ 10 to 90 % vout fall time < 5 ns @ 90 to 10 % vout duty cycle 45 / 55 % @ 1 . 65 v v low x < 0 . 3 v v high x > 2 . 8 v enable function enable function output pin 1 pin 3 high data open data low high tristate supply voltage parameter value condition supply voltage ( vs ) 3 . 3 v 5 % current consumption steady state < 10 ma @ vsnom & 25 c additional parameters parameter typ . max . condition start - up time < 10 ms additional information this smd oscillator is designed only for pick and place / reflow soldering process . manual soldering may damage the part and therefore not recommended for the mounting of this oscillator . processing & packing handling & processing note additional environmental conditions sealing test a nicht dicht ( not hermetically sealed ) solderability din iec 68 t 2 - 20 ( ta ) 100 % rohs 6 compliant solvent resistance en 60068 - 2 - 45 , test xa washable device absolute maximum ratings parameter min typ max units condition operable temperature range - 40 85 c storage temperature range - 40 85 c
C2260A1-0237-20M0 tcxo www.vectron.com modified 2011-03-09 index : 3 printed 2011-06-03 ? page 2 of 4 vectron international ? product specifications c2260a1-0237 enclosure type g 298 height 1 . 8 mm all units in mm pin connections pin 1 : enable pin 2 : gnd ( case ) pin 3 : rf - output pin 4 : vs ( supply voltage ) marking 2 a - 237 20 m 000 * vayyww * pin - 1 marking
C2260A1-0237-20M0 tcxo www.vectron.com modified 2011-03-09 index : 3 printed 2011-06-03 ? page 3 of 4 vectron international ? product specifications c2260a1-0237 reflow profile profile feature pb - free assembly / sn - pb assembly average ramp - up rate ( tl to tp ) 3 c / second max . preheat - temperature min ( tsmin ) 150 c - temperature min ( tsmax ) 200 c - time ( min to max ) ( ts ) 60 - 180 seconds tsmax to tl - ramp - up rate 3 c / second max . time maintainted above - temperature ( tl ) 217 c - time ( tl ) 60 - 150 seconds peak temperature ( tp ) max 260 c time within 5 c of actual peak temperature ( tp ) 20 - 40 seconds ramp - down rate 6 c / second max . time 25 c to peak temperature 8 minutes max . note : all temperatures refer to topside of the package , measured on the package body surface . additional information this smd oscillator has been designed for pick and place reflow soldering .
C2260A1-0237-20M0 tcxo www.vectron.com modified 2011-03-09 index : 3 printed 2011-06-03 ? page 4 of 4 vectron international ? product specifications c2260a1-0237 standard shipping method tape width w [ mm ] quantity per meter quantity per reel p [ mm ] a [ mm ] b [ mm ] k [ mm ] 16 125 750 8 5 . 4 7 . 4 2 . 7 notes: unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25c). subject to technical modification.


▲Up To Search▲   

 
Price & Availability of C2260A1-0237-20M0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X