Part Number Hot Search : 
ER102 FAIRCHIL ST63126 ADL5601 SC2544 130058 DL5405 GPTS7224
Product Description
Full Text Search
 

To Download C2260A1-0108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  C2260A1-0108 tcxo vectron international www.vectron.com 49-07268-801-281 fax 49-07268-801-0 tel germany d-74924 neckarbischofsheim landstrasse vectron international gmbh & co. kg modified 2008-01-08 index : 9 printed 2008-06-25 ? page 1 of 4 vectron international ? product specifications nominal frequency (f0) 20 mhz frequency stabilities parameter frequency stability operating temp. range vs. operating temp. range (df/f@25 c) -0.28 to 0.28 ppm 0 ... 70 c -0.28 to 0.28 ppm 10 ... 40 c parameter value condition initial tolerance (df/f0) -1 to 1 ppm @25 c vs. supply voltage change (df/f) -0.2 to 0.2 ppm static; 3.3 v 5 % vs. load change (df/f) -0.1 to 0.1 ppm static; load 10 % vs. aging / 10 years (df/f) < 3 ppm @ 40 c rf output parameter value condition signal clip-sine dc-coupled load 10000 ohm 10 % || 10 pf 10 % output power min 0.7 vpp @ load output power typ. 1.2 vpp @ load output power max 2 vpp @ load output is not dc free. output mu st be coupled by capacitor (1nf). supply voltage parameter value condition supply voltage (vs) 3.3 v 5 % current consumpt ion steady state < 8 ma @ vsnom & 25 c additional parameters parameter value condition phase noise < -90 dbc/hz 10 hz max < -118 dbc/hz 100 hz values < -140 dbc/hz 1000 hz processing & packing handling &processing note additional environmental conditions tensile strength of leads din iec 68 t2-21 (ua 1) flexibility of leads din iec 68 t2-21 (ub) sealing test a nicht dicht (not hermetically sealed) solderability din iec 68 t2-20 (ta) 100% rohs compliant solvent resistance en 60068-2-45, test xa washable device absolute maximum ratings parameter min typ max units condition supply voltage (vs) 2.7 6 v operable temperature range -40 85 c storage temperature range -55 105 c
C2260A1-0108 tcxo vectron international www.vectron.com 49-07268-801-281 fax 49-07268-801-0 tel germany d-74924 neckarbischofsheim landstrasse vectron international gmbh & co. kg modified 2008-01-08 index : 9 printed 2008-06-25 ? page 2 of 4 vectron international ? product specifications enclosure type g211a height 2.3 mm all units in mm pin connections pin 1: n.c. pin 2: gnd (case) pin 3: rf-output pin 4: vs (supply voltage) marking 2a-108 20m000 *vayyww * pin-1 marking
C2260A1-0108 tcxo vectron international www.vectron.com 49-07268-801-281 fax 49-07268-801-0 tel germany d-74924 neckarbischofsheim landstrasse vectron international gmbh & co. kg modified 2008-01-08 index : 9 printed 2008-06-25 ? page 3 of 4 vectron international ? product specifications reflow profile profile feature pb-free assembly/sn-pb assembly average ramp-up rate (tl to tp) 3c/second max. preheat -temperature min (tsmin) 150c -temperature min (tsmax) 200c -time (min to max) (ts) 60-180 seconds tsmax to tl - ramp-up rate 3c/second max. time maintainted above - temperature (tl) 217c - time (tl) 60-150 seconds peak temperature (tp) max 260c time within 5c of actual peak temperature (tp) 20-40 seconds ramp-down rate 6c/second max. time 25c to peak temperature 8 minutes max. note: all temperatures refer to topside of the package, measured on the package body surface. a dditional information this smd oscillator has been designed for pick and place reflow soldering.
C2260A1-0108 tcxo vectron international www.vectron.com 49-07268-801-281 fax 49-07268-801-0 tel germany d-74924 neckarbischofsheim landstrasse vectron international gmbh & co. kg modified 2008-01-08 index : 9 printed 2008-06-25 ? page 4 of 4 vectron international ? product specifications standard shipping method tape width w [mm] quantity per meter quantity per reel p [mm] a [mm] b [mm] k [mm] 16 125 750 8 5.4 7.4 2.7 notes: unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25c). subject to technical modification.


▲Up To Search▲   

 
Price & Availability of C2260A1-0108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X