Part Number Hot Search : 
4749A HCT14 C3504 MICRF001 HD6417 BN1L3N CM32DA 30L30CT
Product Description
Full Text Search
 

To Download C2260 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vectron international www.vectron.com v. 2006 - 11 - 10 page 1 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 w atts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax C2260 tcxo typical applications features pcs base stations efc standard land mobile radio low profile cellular telephony small size radio in the local loop 100 % rohs compliant frequency range 6.4 mhz ? 52 mhz standard frequencies 10; 12.8; 16.384; 19.44; 20 ; 20.48mhz frequency stabilities 1 parameter min typ max. units operating temp range ordering code 5 vs. operating temperature range - 1.5 - 1.0 +1.5 + 1.0 ppm ppm - 40?..+85c - 40?..+85 c f156 f106 (referenced to +25 c) - 2.5 +2.5 ppm - 20 ? +70c d256 - 1.0 +1.0 ppm - 20 ? +70c d106 - 1.0 +1.0 ppm 0 ? +50c b106 - 0.5 +0.5 ppm 0 ? +50c b507 parameter min typ max. units condition initial tolerance vs. supply voltage change vs. load change vs aging /1. year - 2.5 - 0.5 - 0.2 - 1 .0 +2.5 +0.5 +0.2 +1.0 ppm ppm ppm ppm at time of shipment, nominal efc v s 5% load 10% frequency stabilities 1 [ stratum 3 tcxo] < 32mhz parameter min typ max. units operating temp range ordering code 5 vs. operating temperature range - 0.8 + 0.8 ppm - 20 ? +70c d807 (referenced to +25 c) - 0.28 +0.28 ppm 0 ? +50c b287 * - 0.28 +0.28 ppm - 20 ? +70c d287 * - 0.80 +0.80 ppm - 40 ? +85c f807 - 0.28 +0.28 ppm - 30 ? +85c g287 * - 0.28 +0.28 ppm - 40 ? +85c f287 * paramet er min typ max. units condition initial tolerance vs. supply voltage change vs. load change vs aging /15 years overall tolerance - 1.0 - 0.2 - 0.1 - 2.5 - 4.6 +1.0 +0.2 +0.1 +2.5 - 4.6 ppm ppm ppm ppm ppm at time of shipment, nominal efc v s 5 % load 10% note * stratum 3 per gr - 1244 - core: <4.6 ppm for all causes and 20 years aging,holdover: <0.37 ppm over 24 hours (code: d287 & b287 & g287 & f287 )
vectron international www.vectron.com v. 2006 - 11 - 10 page 2 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 w atts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax C2260 tcxo frequency stabilities 1 tcxo for ocxo replacement parameter min typ max. units oper ating temp range ordering code 5 vs. operating temperature range (referenced to +25 c) - 0,15 + 0,15 ppm 0 ? +50c b15 7 for 10; 12.8; 16.384; 20; 26 mhz parameter min typ max. units condition initial tolerance vs. supply voltage change v s. load change vs aging /15 years overall tolerance - 1.0 - 0.2 - 0.1 - 2.5 - 4.6 +1.0 +0.2 +0.1 +2.5 - 4.6 ppm ppm ppm ppm ppm at time of shipment, nominal efc v s 5% load 10% note * stratum 3 per gr - 1244 - core: <4.6 ppm for all causes and 20 years aging,holdover: <0.37 ppm over 24 hours (code: d287 & b287 & g287 & f287 ) supply voltage (vs) parameter min typ max. units condition ordering code 5 supply voltage [standard] 3.135 3.3 3.465 vdc d current consumption 6 ma steady state @ +25c rf output parameter min typ max. units condition ordering code 5 signal [standard] clipped sinewave > 12.288mhz m load r 9 10 11 k || c 9 10 11 pf output power 0.7 v pp @ 10k w ||10pf parameter min typ max. units condition ordering cod e 5 signal [standard] hcmos a load 13.5 15 16.5 pf signal level (vol) 0.3 vdc with vs=3.3v and 15pf load signal level (voh) 3.0 vdc with vs=3.3v and 15pf load rise and fall time 5 ns duty cycle 40 50 60 % @ (voh - vol)/2 frequency tuning (efc) or enable parameter min typ max. units condition ordering code 5 tuning range fixed tcxo; no adjust 0 tuning range for d807;b287;d287;f807;g287;f287 stratum 3 version 5.0 14.0 20.0 ppm 1 tuning range 8.0 14.0 20.0 2 linearity 10 % tuning slope positive control voltage range 0.3 1.65 3.0 vdc with vs=3.3vdc freq. control input impedance 10 k w enable (instead of efc) true table rf_out e pin 2 pin 3 high data open data low high tristate
vectron international www.vectron.com v. 2006 - 11 - 10 page 3 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 w atts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax C2260 tcxo additional parameters parameter min typ max. units condition phase noise 3 - 90 dbc/hz 10 hz @19.44mhz - 120 dbc/hz 100 hz - 135 dbc/hz 1 k hz - 140 dbc/hz 10 khz - 145 dbc/hz 100 khz weight 2 g processing & packing handling & processing note absolut e maximum ratings parameter min typ max. units condition supply voltage (vs) 6.0 v control voltage 0 vs v operable temperature range - 40 +85 c storage temperature range - 55 +125 c cross reference list vectron part frequency [mhz] temp range c temp. stability [ppm] h/over stab. [ppm] overall stab. [ppm] supply [v] C2260a1 - 0028 12,8 - 20?70 0,28 0,37 4,6 3,3 semtech C2260a1 - 0032 12,8 - 40..85 0,28 0,37 4,6 3,3 semtech C2260a1 - 0029 12,8 - 40..85 4,6 20 3,3 semtech C2260a1 - 0021 20 - 20?70 0,28 4,6 3,3 zarlink C2260a1 - 0009 20 - 20..80 0,28 4,6 3,3 zarlink C2260a1 - 0015 20 - 40..85 4,6 20 3,3 zarlink standard shipping method *bei w 24 mm nur untere lochreihe * by w 24 mm only lower hole line gurtoberseite tape upper side gurtunterseite tape buttom side abwickelrichtung unwinding direction lage im gurt position in tape pin 1 a x p b k production tolerance complying din iec 286 - 3 enclosure type tape width w [mm] quantity per meter quantity per reel dimension p g204 /g211 12 150. 750. 8
vectron international www.vectron.com v. 2006 - 11 - 10 page 4 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 w atts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax C2260 tcxo enc losures code a code b package codes: package codes: type height ?h? pin length ?l? type height ?h? g204 2.5 na g211 2.5 dimensions: mm dimensions: mm pin connections 1 voltage control (vc) / enable / n.c 2 ground (case) 3 rf output 4 supply voltage input (vs) marking C2260 - xxxx frequency * c ayyww
vectron international www.vectron.com v. 2006 - 11 - 10 page 5 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 w atts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax C2260 tcxo typical measurement data phase noise mtie according - 1244 - core : C2260 @12.8mhz C2260 @12.8mhz recommended reflow profile
vectron international www.vectron.com v. 2006 - 11 - 10 page 6 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 w atts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax C2260 tcxo pr ofile feature pb - free assembly /sn - pb assembly profile feature pb - free assembly /sn - pb assembly average ramp - up rate (t l to tp) 3c/second max. time 25c to peak temperature 8 minutes max. preheat - temperature min ts min ) - temperature min ts max ) - time (min to max) (ts) 150c 200c 60 - 180 seconds time maintainted above - temperature (t l ) - time (t l ) 217c 60 - 150 seconds ts max to t l - ramp - up rate 3c/second max. time maintainte d above - temperature (t l ) - time (t l ) 217c 60 - 150 seconds time within 5c of actual peak temperature (tp) 20 - 40 seconds peak temperature (tp) max 260c ramp - down rate 6c/second max. note: all tempera tures refer to topside of the package, measured on the package body surface. how to o rder this product: model stability code supply voltage code rf output code package code frequency control/ enable frequency c 2260 f287 d a a 1 6.4 mhz vs.operat. temp. range supply: tuning range: f15 6 1.5ppm - 40 ? +85c d: 3.3v 0: fixed tcxo; no adjust f 106 1.0ppm - 40 ? +85c 1: 5.0 ppm ? 20.0 ppm d256 2.5ppm - 20 ? +70c 2: 8.0 ppm ? 20.0 ppm d106 1.0ppm - 20 ? +70c e: enable b106 1.0ppm 0 ? +50c enclosure: b507 0.5ppm 0 ? +50c d807 0.8ppm - 20 ? +70c a: g204 b287 0.28ppm 0 ? +50c b: g211 d287 0.28ppm - 20 ? +70c signal: f807 0.8ppm - 40 ? +85c g287 0.28ppm - 30 ? +85c m: clipped sinewave f287 0.28ppm - 40 ? +85c a: hcmos b157 0.15ppm 0 ? +50c notes: 1 contact fac tory for improved stabilities or additional product options. not all options and codes are available at all frequencies. 2 unless otherwise stated all values are valid after warm - up time and refer to typical conditions for supply voltage, frequency contr ol voltage, load, temperature (25c) 3 phase noise degrades with increasing output frequency. 4 subject to technical modification. 5 contact factory for availability.


▲Up To Search▲   

 
Price & Availability of C2260

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X