Part Number Hot Search : 
IRFB4 B120N 1N6154 XC2VP2 MUR16 N03LA XTL1011 1608B
Product Description
Full Text Search
 

To Download BM-10EG57ND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b b r r i i g g h h t t l l e e d d e e l l e e c c t t r r o o n n i i c c s s c c o o r r p p . . b b m m - - 1 1 0 0 e e g g 5 5 7 7 n n d d ver.1.0 page 1 of 3 since 1981 package dimensions : notes: 1. all dimensions are in millimeters(inches). 2. tolerance is 0.25mm(.01")unless otherwise specified. 3. specifications are subject to change without notice. features : 1. 1.539 inch (39.10mm) matrix height. 2. dot size 3.0mm. 3. low power requirement. 4. excellent characters appearance. 5. multi state reliability. 6. multiplex drive , column cathode com. and row anode com. 7. multi color available. 8. categorized for luminous intensity. 9. stackable vertically and horizontally. description : 1. the BM-10EG57ND is a39.10mm(1.539") matrix height 57 dot matrix display. 2. this product use hi-eff red chips and green chips, the hi-eff red chips are made from gaasp on gap substrate, the green chips are made from gap on gap substrate. 3. this product have a black face and white dots. 4. this product doesn't contain restriction substance, comply rohs standard. internal circuit diagram : I??? http://www.brtled.com
b b r r i i g g h h t t l l e e d d e e l l e e c c t t r r o o n n i i c c s s c c o o r r p p . . b b m m - - 1 1 0 0 e e g g 5 5 7 7 n n d d ver.1.0 page 2 of 3 since 1981 absolute maximum ratings(ta=25 ) parameter symbol hi-eff red green unit power dissipation per dot pd 80 80 mw forward current per dot i f 30 30 ma peak forward current per dot i fp ( dut y 1/10, 1khz ) 150 150 ma reverse voltage per dot v r 5 v operating temperature topr -40 ~80 - storage temperature tstg -40 ~85 - soldering temperature (1/16" from body) ts o l 260 for 5 seconds - electrical and optical characteristics(ta=25 ) hi-eff red parameter symbol condition min. typ. max. unit forward voltage per dot v f i f =10ma - 1.9 2.5 v luminous intensity per dot iv i f =10ma - 8.0 - mcd reverse current per dot i r v r =5v - - 100 a peak wave length p i f =10ma - 640 - nm dominant wave length d i f =10ma 626 - 636 nm spectral line half-width ? i f =10ma - 40 - nm green parameter symbol condition min. typ. max. unit forward voltage per dot v f i f =10ma - 2.1 2.5 v luminous intensity per dot iv i f =10ma - 8.0 - mcd reverse current per dot i r v r =5v - - 100 a peak wave length p i f =10ma - 568 - nm dominant wave length d i f =10ma 569 - 574 nm spectral line half-width ? i f =10ma - 30 - nm I??? http://www.brtled.com
b b r r i i g g h h t t l l e e d d e e l l e e c c t t r r o o n n i i c c s s c c o o r r p p . . b b m m - - 1 1 0 0 e e g g 5 5 7 7 n n d d ver.1.0 page 3 of 3 since 1981 typical electro-optical characteristics curves (25 ambient temperature unless otherwise noted) fig.1 relative radiant intensity vs. wavelength wavelength(nm) forward voltage fig.4 relative luminous forward current(ma) forward voltage (v) r e l a t i v e l u m i n o u s i n t e n s i t y 0.0 0 ( @ 2 0 m a ) 1.0 2.0 f o r w a r d c u r r e n t ( m a ) 3.0 0 30 10 20 40 50 40 10 20 30 50 (g) (e) forward current 4 intensity vs. 123 (e) (g) 5 fig.2 forward current vs. r e l a t i v e r a d i a n t i n t e n s i t y 530 0 0.5 1.0 (g) 560 590 ambient temperature ambient temperature derating curve vs. fig.5 forward current ambient temperature ta( c) ambient temperature ta( c) 0 20 f o r w a r d c u r r e n t ( m a ) 10 30 40 20 40 60 80 r e l a t i v e l u m i n o u s i n t e n s i t y ( @ 2 0 m a ) 0.5 50 -40 0 1.5 1.0 3.0 2.5 2.0 0 -20 20 120 100 40 60 fig.3 relative luminous 620 650 intensity vs. 680 710 (e) I??? http://www.brtled.com


▲Up To Search▲   

 
Price & Availability of BM-10EG57ND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X