Part Number Hot Search : 
M3100 LBT84705 HD74LV RT9178 B1212 Z100D5 SBU10G 0202358
Product Description
Full Text Search
 

To Download BD9121GUL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/4 rev. a structure silicon monolithi c integrated circuit product name 1ch dc dc converter controller ic with built-in synchronous rectifier type BD9121GUL features ? output voltage fixed(1.2v, 1.3v, 1.4v), output current 0.3a ? fast transient response with current mode pwm control system ? high efficiency with synchronous rectifier absolute maximum rating ta = 2 5 parameter symbol limit unit supply voltage v cc -0.3 +7 * 1 v pv cc -0.3 +7 * 1 v sel voltage sel -0.3 +7 v sw ? ith voltage sw, ith -0.3 +7 v sw output current i sw 0.5 * 1 a power dissipation 1 pd1 660 * 2 mw operating temperature range topr -25 +85 storage temperature range tstg -55 +150 maximum junction temperature tjmax +150 * 1 pd, aso, and tjmax=150 should not be exceeded. * 2 derating is 5.28mw/ for temperatures above ta=25 (when mounted on 50mm 58mm 1.6mm glass epoxy pcb). operating conditions ta = - 2 5 +85 parameter symbol min. typ. max. unit supply voltage v cc 2.55 3 3.6 v pv cc 2.55 3 3.6 v sw average output current i sw - - 0.3* 3 a * 3 pd and aso should not be exceeded.
2/4 rev. a electrical characteristics (unless otherwise specified, ta=25 , v cc =pv cc =3v, v out =1.3v parameter symbol limit unit condition min. typ. max. bias current i cc - 400 640 a output voltage1 v out 1 -2 - +2 % output voltage2 v out 2 -3 - +3 % ta = - 2 5 85 oscillation frequency1 f osc 1 2.4 3 3.6 mhz oscillation frequency2 f osc 2 2.1 3 3.9 mhz ta = 2 5 85 pch fet on resistance r onp - 0.3 0.6 p v cc =3v nch fet on resistance r onn - 0.2 0.4 p v cc =3v i th sink current i thsi 10 20 - a v out =2v, sel=open i th source current i thso 10 20 - a v out =0.8v, sel=open uvlo threshold voltage v uvlo 1 2.1 2.25 2.4 v v cc =3 0v uvlo release voltage v uvlo 2 2.12 2.3 2.5 v v cc =0 3v soft start time t ss 25 50 100 s timer latch time t latch 0.68 1.36 2.72 ms scp/tsd operational mode output short circuit threshold voltage v scp - 0.65 1 v v out =1.3 0v, sel=open physical dimension block diagram ? application circuit vcsp50l2 (unit:mm) 9 1 2 1 lot no. 3v input pv cc pgnd sw gnd output gm amp l v cc r s q osc uvlo tsd + 4.7 f v cc clk slope current comp soft start current sense/ protect + driver logic + vref ith vout r ith c ith scp sel 4.7 f 10 0.1 f
3/4 rev. a pin distribution [bottom view] b1 sw b2 pvcc b3 vcc b4 vout a1 pgnd a2 gnd a3 sel a4 ith setting the output voltage pin no. ?pin name sel output voltage v pin no. pin name gnd 1.2 a1 pgnd open 1.3 a2 gnd vcc 1.4 a3 sel cannot switch in operational mode. a4 ith b1 sw b2 pvcc b3 vcc b4 vout
4/4 rev. a notes for use (1) absolute maximum rating although the quality of this ic is rigorously controlled and will function properly in normal operating conditions, the ic may be destroyed when applied voltage or operating temperature ex ceeds its absolute maximum rating. because short mode or open mode cannot be specified when the ic is destroyed, it is important to take physical safety measures such as fusing if a special mode in excess of absol ute rating limits is to be implemented. (2) gnd potential make sure the potential for the gnd pin is always kept at the minimum, regardless of the operating mode. in addition, verify that the gnd voltage is lower than the potential of all terminals except sw, pgnd and gnd in all conditions, including electric transient events. (3) thermal design do not exceed the power dissipation (pd) of the package spec ification rating under actual operation. provide sufficient margin in the thermal design to account for the pd expected in actual use. (4) short-circuits between pins and incorrect mounting position when mounting the ic onto the set pcb, be extremely careful about the orientation and position of the ic. the ic may be destroyed if it is incorrectly positioned for mounting. do not short-circuit between pins, or between a pin and the power supply or ground terminal. note that in troducing foreign matter in these paths will cause shorts and may damage the ic. (5) operation in strong electromagnetic fields use in strong electromagnetic fields may cause malfunctions. use extreme c aution with electromagnetic fields. (6) aso (area of safe operation) do not exceed the maximum aso parameter or the absolute maximum ratings of the output driver. (7) tsd (thermal shutdown) circuit this product is provided with a built-in thermal shutdown (tsd ) circuit, which is activated when the ic chip temperature rises to the threshold value. in this case, tsd automatically latches output off. output is restored when uvlo is deactivated. note that the tsd circuit is provided for the exclusive purpose shut ting down the ic in the presence of extreme heat, and is not designed to protect the ic per se or guarantee performance when or after extreme heat conditions occur. therefore, do not operate the ic with t he expectation of continued use or subsequent operation once the tsd is activated. (8) gnd wiring pattern when both a small-signal gnd and high current gnd are pr esent, single-point grounding (at the standard point on the circuit set board) is recommended. this will separate the small- signal and high current patterns, and serves to ensure that the high current flow and wire impedance will not change the small-signal gnd voltage. in the same way, care must be taken to avoid wiring pattern fluctuations in any connec ted external component gnd. (9) operation in supply voltage range circuit functionality is guaranteed within t he operating ambient temperature, as long as the operation is within the supply voltage range. the standard electrical characteristics cannot be guaranteed. however, any variation in thes e values will be small, as long as the operation is within the supply voltage range. (10) the application schematic presented abov e is an example of recommended circuit la yout. although the circuit example is sound, actual circuit characteristics should be checked carefully before use. be sure to allow sufficient margins to accommodate variations between external devices and this ic when employing t he depicted circuit with other circuit constants modified. both static and trans ient characteristics shoul d be considered in establishing these margins. when switching noise is substantial and may impact the system, a low pass filter should be inserted between the vcc and pvcc pins, and a schottky barrier diode established between the sw and pgnd pins. (11) overcurrent protection circui t/output short protection circuit the overcurrent protection circuit is built in to output, and functions as the current limit. note that if the protection circuit operat es more than a specified time period (w hen the output short-circuit protection circuit detects a load short or other sim ilar state) the output will be latched off. output is restored when uvlo is deactivated. although the pr otection circuits effectivel y prevent ic destruction under fault conditions, they should not be employed continuously.
r1010 a www.rohm.com ? 2010 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specified herein is subject to change for improvement without notice. the content specified herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specifications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specified in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specified herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specified in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any product, such as derating, redunda ncy, fire control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospac e machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specified herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of BD9121GUL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X