Part Number Hot Search : 
TAR8D05K SY10EL51 A1603C SK302 B6519A A48APR SM5117 0ZB6T
Product Description
Full Text Search
 

To Download AM2GW-4812SZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am2gw-z 2 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11.e 1 of 4 north america only features: ? sip9 package ? ultra-wide input range 4:1 ? low ripple and noise ? 1500vdc i/o isolation ? continuous short circuit protection ? efficiency up to 85% ? -40oc to +85oc operating temperature range ? remote on/off control models single output model input voltage (v) output voltage (v) output current max (ma) maximum capacitive load (f) efficiency (%) am2gw-2403sz 9-36 3.3 500 2200 75 am2gw-2405sz 9-36 5 400 1000 82 am2gw-2412sz 9-36 12 165 165 85 am2gw-2415sz 9-36 15 135 100 84 am2gw-4803sz 18-75 3.3 500 2200 75 am2gw-4805sz 18-75 5 400 1000 80 AM2GW-4812SZ 18-75 12 165 165 84 am2gw-4815sz 18-75 15 135 100 83 models dual output model input voltage (v) output voltage (v) output current max (ma) maximum capacitive load (f) efficiency (%) am2gw-2405dz 9-36 5 200 470 82 am2gw-2412dz 9-36 12 85 100 84 am2gw-2415dz 9-36 15 65 47 82 am2gw-4805dz 18-75 5 200 470 80 am2gw-4812dz 18-75 12 85 100 82 am2gw-4815dz 18-75 15 65 47 81 input specifications parameters nominal typical maximum units voltage range 24 48 9-36 18-75 vdc filter capacitor start up time 10 ms absolute ma ximum rating 24vin 48vin 50 100 vdc peak input voltage time 100 ms on/off control on: 0 to 0.6vdc (or open) ; off: 2.7 to 15.0vdc ,off: idle current: 5ma, max input reflected ripple current 20 ma p-p isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1500 vdc resistance >1000 mohm capacitance 500 pf
series am2gw-z 2 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11.e 2 of 4 north america only output specifications parameters conditions typical maximum units voltage accuracy 1 % cross regulation (dual output models) 25% load on one output - 100% load on second load 5 % short circuit protection hiccup continuous short circuit restart auto-recovery transient response deviation 3 % transient recovery time 300 s line voltage regulation ll~hl 0.5 % load voltage regulation from 10% to 100% load 0.5 % from 0% to 100% load 12vout and 15vout 0.5 from 0% to 100% load 3.3vout and 5vout 1 ripple & noise 20mhz bandwidth 50 mv p-p general specifications parameters conditions typical maximum units switching frequency 100% load 250 khz operating temperature -40 to +85 o c storage temperature -40 to +125 o c temperature coefficient 0.02 %/ o c maximum case temperature 100 o c derating above 75c 3.5 % / c cooling free air convection humidity 95 % rh case material non conductive black plastic potting material epoxy (ul94v-0 rated) weight 6.5 g dimensions (l x w x h) 1.02 x 0.36 x 0.49 inches 26.00 x.9.30 x 12.44 mm mtbf >1,212,000 hrs (mil-hdbk -217f , ground benign, t=+25oc) max soldering temperature 1.5mm from case 10 second 260 o c note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. safety specifications parameters agency approval ce standards en55022 class a, iec61000-4-2, perf. criteria b iec61000-4-3, perf. criteria a iec61000-4-4, perf. criteria b (e xternal 220uf/100v cap required) iec61000-4-5, perf. criteria b (e xternal 220uf/100v cap required) iec61000-4-6, perf. criteria a iec61000-4-8, perf. criteria a note: designed to meet iec 60950-1:2001 pin out specifications pin single dual 1 - v input - v input 2 + v input + v input 3 on/off control on/off control 6 + v output + v output 7 nc common 8 nc nc 9 - v output -v output
series am2gw-z 2 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11.e 3 of 4 north america only dimensions all dimensions are in millimeters (inches) pin diameter: 1.0 0.05 ( 0.04 0.002 ) pin pitch tolerance: 0.35 ( 0.014 ) case tolerance: 0.5 ( 0.02 ) derating -40 -20 020406080 100 ambient temperature o c 100 80 60 40 20 0 free air convection 75 o c safe operating area o ut p ut p o w e r (%) 85
series am2gw-z 2 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11.e 4 of 4 north america only test circuits conducted emissions: models c1 l1 am2gw-24xx-z 1210,225k/100v,x7r, 2pcs 6.8h am2gw-48xx-z 1210,105k/100v,x7r 56h input reflected ripple current: lin 12h cin 47f, esr<1 ? at 100khz measurement taken at nominal input and full load. note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AM2GW-4812SZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X