1/5 www.asb.co.kr september 2007 plerow tm ALN1911 internally matched lna module the plerow tm aln-series is the compactly designed surface-mount module for the use of the lna with or without the following gain blocks in the infrastructure equipment of the mobile wireless (cdma, gsm, pcs, phs, wcdma, dmb, wlan, wibro, wimax), gps, satellite communi- cation terminals, catv and so on. it has an exceptional performance of low noise figure, high gain, high oip3, and low bias current. the stability factor is always kept more than unity over the application band in order to ensure its unconditionally stable implementation to the application system environment. the surface-mount module package including the completed matching circuit and other components necessary just in case allows very simple and convenient implementation onto the system board in mass production level. specifications parameter unit min typ max frequency range mhz 1900 1920 gain db 28 29 gain flatness db 0.1 0.3 noise figure db 0.9 0.95 output ip3 (1) dbm 35 36 s11 / s22 (2) db -18 / -18 output p1db dbm 22 23 switching time (3) sec - supply current ma 180 220 supply voltage v 5 impedance ? 50 max. rf input power dbm c.w 29 ~ 31 (before fail) package type & size mm surface mount type, 13wx13lx3.8h operating temperature is -40 c to +85 c. 1) oip3 is measured with two tones at an output power of 10 dbm / tone separated by 1 mhz. 2) s11/s22 (max) is the worst value within the frequency band. 3) switching time means the time that takes for output power to get stabilized to its final level after switching dc voltage fr om 0 v to v s . pin number function 3 rf in 8 rf out 10 +vcc others ground outline drawing (unit: mm) ? 29 db gain at 1910 mhz ? 23 dbm p1db ? 36 dbm output ip3 ? 0.9 db noise figure ? operating at single 5 v supply ? 180 ma current consumption note: 1. the number and size of ground via holes in a circuit board is critical for thermal rf grounding considerations. 2. we recommend that the ground via holes be placed on the bottom of all ground pins fo r better rf and thermal performance, as shown in the drawing at the left side. a ln1911 a sb inc. (top view) (bottom view) solder stencil area ? 0.4 plated thru holes to ground plane plerow (side view) (recommended footprint) website: www.asb.co.kr e-mail: sales@asb.co.kr tel: (82) 42-528-7223 fax: (82) 42-528-7222 asb inc., 4th fl. venture town bldg., 367-17 goijeong-dong, seo-gu, daejon 302-716, korea more information 2-stage single type features description specifications (in production) typ. @ t = 25 c, v s = 5 v, freq. =1910 mhz, z o.sys = 50 ohm
2/5 www.asb.co.kr september 2007 plerow tm ALN1911 internally matched lna module s-parameters noise figure oip3 p1db 1900~1920 +5 v stability factor (k) typical performance (measured)
3/5 www.asb.co.kr september 2007 plerow tm ALN1911 internally matched lna module gain, p1db, and oip3 with temperature (-40 ? ~ 100 ? )
4/5 www.asb.co.kr september 2007 plerow tm ALN1911 internally matched lna module nf, p1db, oip3, and s-pa rameters with voltage change (4.5 v ~ 5.5 v)
5/5 www.asb.co.kr september 2007 plerow tm ALN1911 internally matched lna module 1) the tantal capacitor is optional and for bypa ssing the ac noise introduced from the dc supply. the capacitance value may be determined by customer?s dc supply status. 2) so-called dc blocking capacitors are always necessarily placed at the input and output port for allowing only the rf signal to pass and bl ocking the dc component in the signal. the dc blocking capacitors are included inside the lna module. therefore, c1 & c2 capacitors may not be necessary, but can be added just in case that the customer wants. the value of c1 & c2 is determined by considering the application frequency. application circuit recommended soldering reflow process evaluation board layout + - aln out in c1 c2 tantal capacitor v dc 20~40 sec 260 c 200 c 150 c 60~180 sec ramp-up (3 a c/sec) ramp-down (6 c/sec) size 25 x 25mm in out +vcc (for aln series ? 13x13mm)
|