Part Number Hot Search : 
SDR939 404RP MTE8080F 1206R 22142 CP431W CP431W FX5070A
Product Description
Full Text Search
 

To Download A-2145-CA15A-208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/08/2010 please check www.molex.com for latest part information part number: 0009623153 status: active description: 3.96mm (.156") pitch kk? pc board connector, top entry, nylon connector, 0.38m (15") gold (au) selective, 15 circuits documents: 3d model product specification ps-08-50 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family pcb receptacles series 2145 application board-to-board product name kk? physical circuits (loaded) 15 color - resin natural flammability 94v-2 glow-wire compliant no keying to mating part yes lock to mating part yes material - plating mating gold material - plating termination tin material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.120 in pc tail length (mm) 3.05 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.156 in pitch - mating interface (mm) 3.96 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to pcb no temperature range - operating 0c to +75c termination interface: style through hole electrical current - maximum per contact 5a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 2145 series
material info old part number A-2145-CA15A-208 reference - drawing numbers product specification ps-08-50 sales drawing sda-2145-002 this document was generated on 04/08/2010 please check www.molex.com for latest part information

kk 156 pcb assy 2-15 ckt 2145 top entry series rev: adda - 2145 - fana501 sheet no. ucp2005-0149 y1 7/20/2004 schafer title: kk 156 pcb assy 2145 top entry series - 2 - document number: created / revised by: checked by: approved by: sda-2145-002 samiec samiec margulis template filename: product_ spec[size_a](v.1).doc ramps yes ramps yes hooks: yes hooks: yes color: white color: white mold void: none mold void: none term matl: phos bronze term matl: phos bronze contact: standard contact: standard pc tail (c): .120 / 3.05 pc tail (c): .120 / 3.05 plt code: 102 C tin plt code: 208 C 15 gold term void: none term void: none options packaging: tray pk-2145-001 packaging: tray pk-2145-001 ref a-2145-canb102 a-2145-canb208 ckt material no material no 2 09-62-6025 09-62-4029 3 09-62-6035 09-62-4039 4 09-62-6045 09-62-4049 5 09-62-6055 09-62-4059 6 09-62-6065 09-62-4069 7 09-62-6075 09-62-4079 8 09-62-6085 09-62-4089 9 09-62-6095 09-62-4099 10 09-62-6105 09-62-4109 11 09-62-6115 09-62-4119 12 09-62-6125 09-62-4129 13 09-62-6135 09-62-4139 14 09-62-6145 09-62-4149 15 09-62-6155 09-62-4159 catalog products
kk 156 pcb assy 2-15 ckt 2145 top entry series rev: adda - 2145 - fana501 sheet no. ucp2005-0149 y1 7/20/2004 schafer title: kk 156 pcb assy 2145 top entry series - 3 - document number: created / revised by: checked by: approved by: sda-2145-002 samiec samiec margulis template filename: product_ spec[size_a](v.1).doc ramps yes ramps yes ramps yes ramps yes hooks: yes hooks: yes hooks: cut off hooks: yes color: white color: white color: white color: white mold void: none mold void: none mold void: none mold void: none term matl: brass term matl: brass term matl: brass term matl: brass contact: standard contact: standard contact: standard contact: standard pc tail (c): .120 / 3.05 pc tail (c): .189 / 4.80 pc tail (c): .120 / 3.05 pc tail ( c): .120 / 3.05 plt code: 102 C tin plt code: p909 C tin plt code: p909 C tin plt code: p909 C tin term void: none term void: none term void: none term void: none options packaging: tray pk-2145-001 packaging: tray pk-2145-001 packaging: tray pk-2145-001 packaging: tray pk-2145-001 ref a-2145-cana102 a-2145-cancp909 a-2145-fanap909 a-2145-canap909 ckt material no material no material no material no 2 09-52-1023 09-52-1029 09-52-3023 3 09-52-1033 09-52-1039 09-52-3034 09-52-3033 4 09-52-1043 09-52-1049 09-52-3044 09-52-3043 5 09-52-1053 09-52-1059 09-52-3054 09-52-3053 6 09-52-1063 09-52-1069 09-52-3064 09-52-3063 7 09-52-1073 09-52-1079 09-52-3073 8 09-52-1083 09-52-1089 09-52-3089 09-52-3083 9 09-52-1093 09-52-1099 09-52-3094 09-52-3093 10 09-52-1103 09-52-1109 09-52-3103 11 09-52-1113 09-52-1119 09-52-3113 12 09-52-1123 09-52-1129 09-52-3123 13 09-52-1133 09-52-1139 09-52-3133 14 09-52-1143 09-52-1149 09-52-3143 15 09-52-1153 09-52-1159 09-52-3153 custom products
kk 156 pcb assy 2-15 ckt 2145 top entry series rev: adda - 2145 - fana501 sheet no. ucp2005-0149 y1 7/20/2004 schafer title: kk 156 pcb assy 2145 top entry series - 4 - document number: created / revised by: checked by: approved by: sda-2145-002 samiec samiec margulis template filename: product_ spec[size_a](v.1).doc ramps no ramps yes ramps yes ramps yes hooks: cut off hooks: yes hooks: yes hooks: cut off color: white color: white color: white color: white mold void: none mold void: none mold void: none mold void: none term matl: brass term matl: brass term matl: phos bronze term matl: brass contact: standard contact: standard contact: standard contact: standard pc tail (c): .120 / 3.05 pc tail (c): .120 / 3.05 pc tail (c): .120 / 3.05 pc tail ( c): .120 / 3.05 plt code: p909 C tin plt code: 208 C 15 gold plt code: p909 C tin plt code: 501-20 gold term void: none term void: none term void: none term void: none options packaging: tray pk-2145-001 packaging: tray pk-2145-001 packaging: tray pk-2145-001 packaging: tray pk-2145-001 ref a-2145-fgnap909 a-2145-cana208 a-2145-canbp909 a-2145-fana501 ckt material no material no material no material no 2 09-52-1025 09-62-3023 09-52-2029 3 09-52-1035 09-62-3033 09-52-2039 4 09-52-1045 09-62-3043 09-52-2049 5 09-52-1055 09-62-3053 09-52-2059 6 09-52-1065 09-62-3063 09-52-2069 50-29-1694 7 09-52-1075 09-62-3073 09-52-2079 8 09-52-1085 09-62-3083 09-52-2089 9 09-52-1095 09-62-3093 09-52-2099 10 09-52-1105 09-62-3103 09-52-2109 11 09-52-1115 09-62-3113 09-52-2119 12 09-52-1125 09-62-3123 09-52-2129 13 09-52-1135 09-62-3133 09-52-2139 14 09-52-1145 09-62-3143 09-52-2149 15 09-52-1155 09-62-3153 09-52-2159 custom products


▲Up To Search▲   

 
Price & Availability of A-2145-CA15A-208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X