Part Number Hot Search : 
AD1154 2SB14 SDB2500S SSD20 1HSXXX 120N06 RVT1200 7C010
Product Description
Full Text Search
 

To Download 74ACT574TTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/11 april 2001 n high speed: f max = 270mhz (typ.) at v cc = 5.0v n low power dissipation: i cc = 4 m a(max.) at t a =25c n compatible with ttl outputs v ih = 2v (min.), v il = 0.8v (max.) n 50 w transmission line driving capability n symmetrical output impedance: |i oh | = i ol = 24ma (min) n balanced propagation delays: t plh @ t phl n operating voltage range: v cc (opr) = 4.5v to 5.5v n pin and function compatible with 74 series 574 n improved latch-up immunity description the 74act574 is an advanced high-speed cmos octal d-type flip-flop with 3 state output non inverting fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos technology. these 8 bit d-type flip-flop are controlled by a clock input (ck) and an output enable input (oe ). on the positive transition of the clock, the q outputs will be set to the logic that were setup at the d inputs. while the (oe ) input is low, the 8 outputs will be in a normal logic state (high or low logic level) and while high level the outputs will be in a high impedance state. the output control does not affect the internal operation of flip-flops; that is, the old data can be retained or the new data can be entered even while the outputs are off. this device is designed to interface directly high speed cmos systems with ttl and nmos components. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. 74act574 octal d-type flip-flop with 3 state outputs (non inverted) pin connection and iec logic symbols order codes package tube t & r dip 74act574b sop 74act574m 74act574mtr tssop 74ACT574TTR tssop dip sop
74act574 2/11 input and output equivalent circuit pin description truth table x : dont care z : high impedance logic diagram this logic diagram has not be used to estimate propagation delays pin no symbol name and function 1oe 3-state output enable (active low) 2, 3, 4, 5, 6, 7, 8, 9 d0 to d7 data inputs 12, 13, 14, 15, 16, 17, 18, 19 q0 to q7 3-state outputs 11 ck clock input (low-to-high edge trigger) 10 gnd ground (0v) 20 v cc positive supply voltage inputs output oe ck d q hxxz l x no change lll lh h
74act574 3/11 absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditi ons is not implied. recommended operating conditions 1) v in from 0.8v to 2.0v symbol parameter value unit v cc supply voltage -0.5 to +7 v v i dc input voltage -0.5 to v cc + 0.5 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current 20 ma i ok dc output diode current 20 ma i o dc output current 50 ma i cc or i gnd dc v cc or ground current 400 ma t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c symbol parameter value unit v cc supply voltage 4.5 to 5.5 v v i input voltage 0 to v cc v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c dt/dv input rise and fall time v cc = 4.5 to 5.5v (note 1) 8 ns/v
74act574 4/11 dc specifications 1) maximum test duration 2ms, one output loaded at time 2) incident wave switching is guaranteed on trasmission lines with impedances as low as 50 w symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. v ih high level input voltage 4.5 v o = 0.1 v or v cc -0.1v 2.0 1.5 2.0 2.0 v 5.5 2.0 1.5 2.0 2.0 v il low level input voltage 4.5 v o = 0.1 v or v cc -0.1v 1.5 0.8 0.8 0.8 5.5 1.5 0.8 0.8 0.8 v v oh high level output voltage 4.5 i o =-50 m a 4.4 4.49 4.4 4.4 5.5 i o =-50 m a 5.4 5.49 5.4 5.4 4.5 i o =-24 ma 3.86 3.76 3.7 v 5.5 i o =-24 ma 4.86 4.76 4.7 v ol low level output voltage 4.5 i o =50 m a 0.001 0.1 0.1 0.1 5.5 i o =50 m a 0.001 0.1 0.1 0.1 4.5 i o =24 ma 0.36 0.44 0.5 5.5 i o =24 ma 0.36 0.44 0.5 i i input leakage cur- rent 5.5 v i = v cc or gnd 0.1 1 1 m a i oz high impedance output leakege current 5.5 v i = v ih or v il v o = v cc or gnd 0.5 5 5 m a i cct max i cc /input 5.5 v i = v cc - 2.1v 0.6 1.5 1.6 ma i cc quiescent supply current 5.5 v i = v cc or gnd 44080 m a i old dynamic output current (note 1, 2) 5.5 v old = 1.65 v max 75 50 ma i ohd v ohd = 3.85 v min -75 -50 ma
74act574 5/11 ac electrical characteristics (c l = 50 pf, r l = 500 w , input t r = t f = 3ns) (*) voltage range is 5.0v 0.5v capacitive characteristics 1) c pd is defined as the value of the ics internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) = c pd x v cc x f in + i cc /n (per circuit) symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. t plh t phl propagation delay time ck to q 5.0 (*) 5.0 10.0 11.0 11.0 ns t pzl t pzh output enable time 5.0 (*) 5.5 9.0 10.0 10.0 ns t plz t phz output disable time 5.0 (*) 5.0 8.5 9.0 9.0 ns t w ck pulse width high or low 5.0 (*) 1.5 3..0 4.0 4.0 ns t s setup time d to ck, high or low 5.0 (*) 1.0 2.5 3.0 3.0 ns t h hold time d to ck, high or low 5.0 (*) -1.0 2.5 3.0 3.0 ns f max maximum ck frequency 5.0 (*) 100 270 85 85 mhz symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. c in input capacitance 5.0 4 pf c out output capacitance 5.0 8 pf c pd power dissipation capacitance (note 1) 5.0 f in = 10mhz 26 pf
74act574 6/11 test circuit c l = 50pf or equivalent (includes jig and probe capacitance) r l = r 1 = 500 w or equivalent r t = z out of pulse generator (typically 50 w ) waveform 1: propagation delays, setup and hold times (f=1mhz; 50% duty cycle) test switch t plh , t phl open t pzl , t plz 2v cc t pzh , t phz open
74act574 7/11 waveform 2: output enable and disable times (f=1mhz; 50% duty cycle) waveform 3: pulse width (f=1mhz; 50% duty cycle)
74act574 8/11 dim. mm inch min. typ. max. min. typ. max. a1 0.254 0.010 b 1.39 1.65 0.055 0.065 b0.45 0.018 b1 0.25 0.010 d 25.4 1.000 e8.5 0.335 e2.54 0.100 e3 22.86 0.900 f7.10.280 i3.930.155 l3.3 0.130 z1.340.053 p001j plastic dip-20 (0.25) mechanical data
74act574 9/11 dim. mm inch min. typ. max. min. typ. max. a2.650.104 a1 0.10 0.20 0.004 0.007 a2 2.45 0.096 b 0.35 0.49 0.013 0.019 b1 0.23 0.32 0.009 0.012 c0.50 0.020 c1 45 (typ.) d 12.60 13.00 0.496 0.512 e 10.00 10.65 0.393 0.419 e1.27 0.050 e3 11.43 0.450 f 7.40 7.60 0.291 0.299 l 0.50 1.27 0.19 0.050 m0.750.029 s8 (max.) p013l so-20 mechanical data
74act574 10/11 dim. mm inch min. typ. max. min. typ. max. a1.10.433 a1 0.05 0.10 0.15 0.002 0.004 0.006 a2 0.85 0.9 0.95 0.335 0.354 0.374 b 0.19 0.30 0.0075 0.0118 c 0.09 0.2 0.0035 0.0079 d 6.4 6.5 6.6 0.252 0.256 0.260 e 6.25 6.4 6.5 0.246 0.252 0.256 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 o 4 o 8 o 0 o 4 o 8 o l 0.50 0.60 0.70 0.020 0.024 0.028 c e b a2 a e1 d 1 pin 1 identification a1 l k e tssop20 mechanical data
74act574 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - switzerland - united kingdom ? http://www.st.com 11/11


▲Up To Search▲   

 
Price & Availability of 74ACT574TTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X