Part Number Hot Search : 
CE82C 40031AIL 10C221 LC758 1N5742C 4148SE 1N5742C AN4474
Product Description
Full Text Search
 

To Download 55454-1870 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/16/2010 please check www.molex.com for latest part information part number: 0554541870 status: active description: 1.25mm (.049") pitch mi ll? system wire-to-board header, single row, right angle, lead-free, 18 circuits documents: 3d model product specification ps-54596-018 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 55454 application wire-to-board product name mini mi ii? physical breakaway no circuits (loaded) 18 color - resin natural durability (mating cycles max) 30 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - plating mating tin material - plating termination tin number of rows 1 orientation right angle pc tail length (in) 0.118 in pc tail length (mm) 3.00 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.049 in pitch - mating interface (mm) 1.25 mm polarized to mating part yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 1.5a voltage - maximum 100v material info reference - drawing numbers product specification ps-54596-018, rps-54596-024 sales drawing sd-55454-007 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 55454 series mates with 51336 pbt polyester, glass-filled housing. 54596 pa polyamide housing
this document was generated on 04/16/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 55454-1870

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X