Part Number Hot Search : 
5GLZ47A OP400EY UF204 0200CT 0200CT 29LV64 MB10S HD66002
Product Description
Full Text Search
 

To Download 0719730331 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/21/2010 please check www.molex.com for latest part information part number: 0719730331 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch c-grid? pcb connector, dual row, right angle, early entry receptacle, without flange, 62 circuits documents: 3d model product specification ps-71973-9999 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 71973 application board-to-board overview cgrid__sl_products product name c-grid? physical circuits (loaded) 62 color - resin black durability (mating cycles max) 50 flammability 94v-0 glow-wire compliant no material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation right angle pc tail length (in) 0.120 in pc tail length (mm) 3.05 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 75 plating min: termination (m) 1.90 polarized to pcb no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 2a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 10 lead-free process capability wave capable (th only) series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 71973 series mates with 87911 header
max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers product specification ps-71973-9999 sales drawing sda-71973-**** this document was generated on 05/21/2010 please check www.molex.com for latest part information




























▲Up To Search▲   

 
Price & Availability of 0719730331

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X