Part Number Hot Search : 
21D05 74AHC1 MT2022 SC550 LTC44 OM360L 74AHC1 OM360L
Product Description
Full Text Search
 

To Download 0702871038 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/31/2010 please check www.molex.com for latest part information part number: 0702871038 status: active description: 2.54mm (.100") pitch c-grid? header, breakaway, dual row, vertical, with retention pin, 80 circuits, 6.10mm (.240") mating pin length, tin (sn) plating documents: 3d model product specification ps-70280 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 70287 application board-to-board, wire-to-board product name c-grid? physical breakaway yes circuits (loaded) 80 circuits (maximum) 80 color - resin black durability (mating cycles max) 25 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part n/a lock to mating part none material - metal brass material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length (in) 0.125 in pc tail length (mm) 3.18 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type bag pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 152.400 plating min: mating (m) 3.81 plating min: termination (in) 152.400 plating min: termination (m) 3.81 polarized to mating part no polarized to pcb no shrouded no series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70287 series mates with 7859 shunt, c-grid receptacles, sl? crimp, ffc and idt housing
stackable yes surface mount compatible (smc) yes temperature range - operating -40c to +120c termination interface: style through hole electrical current - maximum per contact 3a voltage - maximum 250v dc solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 245 material info reference - drawing numbers product specification ps-70280 sales drawing sd-70287-004 this document was generated on 03/31/2010 please check www.molex.com for latest part information

70287 rev: ecr/ecn information sheet no. ec no: ucp2010-0011 a date: 3/2/2010 title: sales assy C high temp. dual row, .025 sq pins .100 grid w/ ret. pins - 2 - document number: created / revised by: checked by: approved by: sd - 70287 - 004 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc eng. no: a-70287-1000 / 1048 dim. c (6.10) / .240 dim. e (ref.) (3.18) / .125 dim. l (ref.) (11.56) / .455 mating side plating tin dim. d (measure pt.) (2.54) / .100 p.c. board side plating tin dim. f (measure pt.) (1.27) / .050 retentive pin location see note 6, sheet 1 packaging bulk - pk-70873-0353 ckts material number ckts material number 04 70287-1000 54 70287-1025 06 70287-1001 56 70287-1026 08 70287-1002 58 70287-1027 10 70287-1003 60 70287-1028 12 70287-1004 62 70287-1029 14 70287-1005 64 70287-1030 16 70287-1006 66 70287-1031 18 70287-1007 68 70287-1032 20 70287-1008 70 70287-1033 22 70287-1009 72 70287-1034 24 70287-1010 74 70287-1035 26 70287-1011 76 70287-1036 28 70287-1012 78 70287-1037 30 70287-1013 80 70287-1038 32 70287-1014 82 70287-1039 34 70287-1015 84 70287-1040 36 70287-1016 86 70287-1041 38 70287-1017 88 70287-1042 40 70287-1018 90 70287-1043 42 70287-1019 92 70287-1044 44 70287-1020 94 70287-1045 46 70287-1021 96 70287-1046 48 70287-1022 98 70287-1047 50 70287-1023 100 70287-1048 52 70287-1024 eng. no: a-70287-1098 / 1146 dim. c (6.10) / .240 dim. e (ref.) (3.18) / .125 dim. l (ref.) (11.56) / .455 mating side plating 15 gold dim. d (measure pt.) (2.54) / .100 p.c. board side plating tin dim. f (measure pt.) (1.27) / .050 retentive pin location see note 6, sheet 1 packaging bulk - pk-70873-0353 ckts material number ckts material number 04 70287-1098 54 70287-1123 06 70287-1099 56 70287-1124 08 70287-1100 58 70287-1125 10 70287-1101 60 70287-1126 12 70287-1102 62 70287-1127 14 70287-1103 64 70287-1128 16 70287-1104 66 70287-1129 18 70287-1105 68 70287-1130 20 70287-1106 70 70287-1131 22 70287-1107 72 70287-1132 24 70287-1108 74 70287-1133 26 70287-1109 76 70287-1134 28 70287-1110 78 70287-1135 30 70287-1111 80 70287-1136 32 70287-1112 82 70287-1137 34 70287-1113 84 70287-1138 36 70287-1114 86 70287-1139 38 70287-1115 88 70287-1140 40 70287-1116 90 70287-1141 42 70287-1117 92 70287-1142 44 70287-1118 94 70287-1143 46 70287-1119 96 70287-1144 48 70287-1120 98 70287-1145 50 70287-1121 100 70287-1146 52 70287-1122
70287 rev: ecr/ecn information sheet no. ec no: ucp2010-0011 a date: 3/2/2010 title: sales assy C high temp. dual row, .025 sq pins .100 grid w/ ret. pins - 3 - document number: created / revised by: checked by: approved by: sd - 70287 - 004 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc eng. no: a-70287-1196 / 1244 dim. c (6.10) / .240 dim. e (ref.) (3.18) / .125 dim. l (ref.) (11.56) / .455 mating side plating 30 gold dim. d (measure pt.) (2.54) / .100 p.c. board side plating tin dim. f (measure pt.) (1.27) / .050 retentive pin location see note 6, sheet 1 packaging bulk - pk-70873-0353 ckts material number ckts material number 04 70287-1196 54 70287-1221 06 70287-1197 56 70287-1222 08 70287-1198 58 70287-1223 10 70287-1199 60 70287-1224 12 70287-1200 62 70287-1225 14 70287-1201 64 70287-1226 16 70287-1202 66 70287-1227 18 70287-1203 68 70287-1228 20 70287-1204 70 70287-1229 22 70287-1205 72 70287-1230 24 70287-1206 74 70287-1231 26 70287-1207 76 70287-1232 28 70287-1208 78 70287-1233 30 70287-1209 80 70287-1234 32 70287-1210 82 70287-1235 34 70287-1211 84 70287-1236 36 70287-1212 86 70287-1237 38 70287-1213 88 70287-1238 40 70287-1214 90 70287-1239 42 70287-1215 92 70287-1240 44 70287-1216 94 70287-1241 46 70287-1217 96 70287-1242 48 70287-1218 98 70287-1243 50 70287-1219 100 70287-1244 52 70287-1220 eng. no: a-70287-1294 dim. c (6.10) / .240 dim. e (ref.) (3.18) / .125 dim. l (ref.) (11.56) / .455 mating side plating tin dim. d (measure pt.) (2.54) / .100 p.c. board side plating tin dim. f (measure pt.) (1.27) / .050 retentive pin location row b - ckts 1, 5 (see note 6, sheet 1) packaging bulk - pk-70873-0353 void pin location ckts material number row location a 2, 3 10 70287-1294 b 2, 3
70287 rev: ecr/ecn information sheet no. ec no: ucp2010-0011 a date: 3/2/2010 title: sales assy C high temp. dual row, .025 sq pins .100 grid w/ ret. pins - 4 - document number: created / revised by: checked by: approved by: sd - 70287 - 004 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc eng. no: a-70287-1295 dim. c (5.84) / .230 dim. e (ref.) (2.97) / .117 dim. l (ref.) (11.10) / .437 mating side plating 15 gold dim. d (measure pt.) (2.54) / .100 p.c. board side plating tin dim. f (measure pt.) (1.27) / .050 retentive pin location row b - ckts 3, 4 (see note 6, sheet 1) packaging bulk - pk-70873-0353 void pin location ckts material number row location 10 70287-1295 a 1


▲Up To Search▲   

 
Price & Availability of 0702871038

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X