Part Number Hot Search : 
45F2R0 D3305 AD7760 DS1012 LQFP208 IC16F1 C100B D1027
Product Description
Full Text Search
 

To Download 0473121001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0473121001 status: active description: 2.54mm (.100") pitch sim card connector, 6 circuits, housing height 1.30mm (.051"), lead free documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-47312-001 (pdf) general product family memory card sockets series 47550 button type n/a comments housing height: 1.30mm (.051") component type header/socket (host) product name sim type n/a physical card detection switch no circuits (loaded) 6 circuits (maximum) 6 durability (mating cycles max) 3,000 ejector button side no ejector button present entry angle horizontal, side entry, vertical keying to mating part none material - metal phosphor bronze material - plating mating gold material - plating termination gold pc tail length (in) 0.000 in pc tail length (mm) 0.00 mm pcb locator no pcb mounting side normal pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 20 plating min: mating (m) 0.50 plating min: termination (in) 2 plating min: termination (m) 0.05 ports 0 temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a shielded no voltage - maximum 50v dc voltage key n/a material info reference - drawing numbers product specification ps-47312-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47550 series mates with standard sim card use with sim card
sales drawing sd-47312-101 this document was generated on 05/17/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0473121001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X