Part Number Hot Search : 
5821A 00154775 S0104 NZH3V3A 002000 BCM56960 DMA30401 BU33T
Product Description
Full Text Search
 

To Download 0393660000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb terminals | top screw connection | top 1.5gs/7.62 | top 1.5gs/90-7.62 - 1 - general ordering data order no. 0393660000 part designation top1.5gs5/90 7 2sti or version pcb terminal, top connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 7.62 mm, no. of poles: 5, 90, box ean 4032248189175 qty. 25 pc(s). system parameters product family system top1.5gs conductor connection system top connection fitted to pcb soldered connection outgoing direction of conductor 90 pitch 7.62 mm pitch in inch 0.3 inch no. of poles 5 fitted by customer no no. of rows 1 solder pin length 3.5 mm dia. of fitting hole 1.3 mm fitting hole tolerance + 0.1 mm no. of solder pins per pole 2 screwdriver blade 0.6 x 3.5 screwdriver blade standard din 5264 tightening torque, min. 0.4 nm tightening torque, max. 0.5 nm clamping screw m 2.5 stripping length 10 mm l1 in mm 30.48 mm l1 in inch 1.2 inch electric shock protection to din vde 0470 ip 20 electric shock protection to din vde 0470 safe from finger touch
product catalogue | pcb connection systems | pcb terminals | top screw connection | top 1.5gs/7.62 | top 1.5gs/90-7.62 - 2 - material data insulating material pa colour orange colour chart similar to ral 2000 insulating material group i flammability class ul 94 v-2 cti >= 600 contact base material cuzn contact surface tinned storage temperature, min. -25 c storage temperature, max. 55 c connectable conductors clamping range, min. 0.13 mm2 clamping range, max. 2.5 mm2 awg, min. 26 awg, max. 14 solid, min. h05(07) v-u 0.5 mm2 solid, max. h05(07) v-u 2.5 mm2 flexible, min. h05(07) v-k 0.5 mm2 flexible, max. h05(07) v-k 2.5 mm2 with wire end ferrule, acc. to din 46 228/1, min. 0.5 mm2 with wire end ferrule, acc. to din 46 228/1, max. 2.5 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.5 mm2 w. plastic collar ferrule, din 46228 pt 4, max. 2.5 mm2 gauge to en 60999 a x b; ? 2.4 mm x 1.5 mm; din iec rating data rated current, min. no. pins (tu=20c) 24 a rated current, max. no. pins (tu=20c) 19 a rated current, min. no. pins(tu=40c) 21 rated current, max. no. pins (tu=40c) 16 a rated voltage for overvoltage class/pollution severity ii/2 1,000 v rated voltage for overvoltage class/pollution severity iii/2 630 v rated voltage for overvoltage class/pollution severity iii/3 400 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 4 kv short-time withstand current resistance 3 x 1s with 120 a csa rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor (field wiring), min. 26 awg conductor (field wiring), max. 14
product catalogue | pcb connection systems | pcb terminals | top screw connection | top 1.5gs/7.62 | top 1.5gs/90-7.62 - 3 - ul 1059 rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor, min. 26 awg conductor, max. 14 approvals approvals institutes downloads cad library (p-cad format - standard) top 1.5gs.lib classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 nk eclass 5.0 nk eclass 5.1 nk similar products order no. part designation version 0393360000 top1.5gs/02/90 7.62mm pcb terminal, top connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 7.62 mm, no. of poles: 2, 90, box 0393460000 top1.5gs3/90 7 2sti or pcb terminal, top connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 7.62 mm, no. of poles: 3, 90, box 0393560000 top1.5gs4/90 7 2sti or pcb terminal, top connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 7.62 mm, no. of poles: 4, 90, box 1683990000 top1.5gs6/90 7 2sti or pcb terminal, top connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 7.62 mm, no. of poles: 6, 90, box 1647310000 top1.5gs7/90 7 2sti or pcb terminal, top connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 7.62 mm, no. of poles: 7, 90, box 0642460000 top1.5gs8/90 7 2sti or pcb terminal, top connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 7.62 mm, no. of poles: 8, 90, box 0393960000 top1.5gs9/90 7 2sti or pcb terminal, top connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 7.62 mm, no. of poles: 9, 90, box 0642560000 top1.5gs10/90 7 2sti or pcb terminal, top connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 7.62 mm, no. of poles: 10, 90, box 0394060000 top1.5gs11/90 7 2sti or pcb terminal, top connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 7.62 mm, no. of poles: 11, 90, box
product catalogue | pcb connection systems | pcb terminals | top screw connection | top 1.5gs/7.62 | top 1.5gs/90-7.62 - 4 - 0394160000 top1.5gs12/90 7 2sti or pcb terminal, top connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 7.62 mm, no. of poles: 12, 90, box


▲Up To Search▲   

 
Price & Availability of 0393660000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X