Part Number Hot Search : 
TD880 FSQ0765R TS2940CM OP265AD M41ST PN2933 TA8251AH HMC593
Product Description
Full Text Search
 

To Download SY10H607JZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 sy10h607 sy100h607 micrel, inc. m9999-032906 hbwhelp@micrel.com or (408) 955-1690 description features  differential pecl data and clock inputs  48ma sink, 15ma source ttl outputs  single +5v power supply  multiple power and ground pins to minimize noise  specified within-device skew  v bb output for single-ended use  fully compatible with mc10h/100h607  available in 28-pin plcc package the sy10/100h607 are 6-bit, registered, dual supply pecl-to-ttl translators. the devices feature differential pecl inputs for both data and clock. the ttl outputs feature 48ma sink, 15ma source drive capability for driving high fanout loads. the asynchronous master reset control is a pecl level input. with its differential pecl inputs and ttl outputs, the h607 device is ideally suited for the receive function of a hppi bus-type board-to-board interface application. the on-chip registers simplify the task of synchronizing the data between the two boards. the device is available in either ecl standard: the 10h device is compatible with 10k logic levels, while the 100h device is compatible with 100k logic levels. block diagram sy10h607 sy100h607 rev.: g amendment: /0 issue date: march 2006 dq r clk d n clk clk q n mr v bb 1 of 6 bits d n registered hex pecl-to-ttl pin function d 0 ?d 5 true pecl data inputs d 0 ?d 5 inverted pecl data inputs clk, clk differential pecl clock input mr pecl master reset input q 0 ?q 5 ttl outputs v cce pecl v cc (5.0v) v cct ttl v cc (5.0v) tgnd ttl ground egnd pecl ground v bb v bb reference output (pecl) pin names
2 sy10h607 sy100h607 micrel, inc. m9999-032906 hbwhelp@micrel.com or (408) 955-1690 package/ordering information ordering information (1) package operating package lead part number type range marking finish sy10h607jc j28-1 commercial sy10h607jc sn-pb sy10h607jctr (2) j28-1 commercial sy10h607jc sn-pb sy100h607jc j28-1 commercial sy100h607jc sn-pb sy100h607jctr (2) j28-1 commercial sy100h607jc sn-pb SY10H607JZ (3) j28-1 commercial SY10H607JZ with matte-sn pb-free bar-line indicator SY10H607JZtr (2, 3) j28-1 commercial SY10H607JZ with matte-sn pb-free bar-line indicator sy100h607jz (3) j28-1 commercial sy100h607jz with matte-sn pb-free bar-line indicator sy100h607jztr (2, 3) j28-1 commercial sy100h607jz with matte-sn pb-free bar-line indicator notes: 1. contact factory for die availability. dice are guaranteed at t a = 25 c, dc electricals only. 2. tape and reel. 3. pb-free package is recommended for new designs. 28-pin plcc (j28-1) 1 8 1 7 1 6 15 1 4 1 3 12 567891011 26 27 28 1 2 3 4 top view plcc 25 24 23 22 21 20 19 q 4 tgnd q 5 v cct q 3 v cct mr q 2 q 1 q 0 clk v bb tgnd clk d 1 d 2 d 0 egnd d 0 d 1 d 2 d 5 d 4 v cce d 3 d 3 d 4 d 5
3 sy10h607 sy100h607 micrel, inc. m9999-032906 hbwhelp@micrel.com or (408) 955-1690 dn mr tclk/clk qn + 1 llzl hlzh xhxl truth table z = low to high transition. t a = 0 ct a = +25 ct a = + 85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. unit condition i ee pecl power supply current ma 10h 70 85 70 85 70 85 100h 65 80 70 85 75 95 i ccl ttl supply current 100 120 100 120 100 120 ma i cch ttl supply current 100 120 100 120 100 120 ma i os output short circuit current 100 225 100 225 100 225 ma v cct = v cce = 5.0v 5% dc electrical characteristics 10h pecl dc electrical characteristics (1) v cct = v cce = 5.0v 5% t a = 0 ct a = +25 ct a = + 85 c symbol parameter min. max. min. max. min. max. unit condition i ih input high current 225 145 145 a i il input low current 0.5 0.5 0.5 a v ih input high voltage 3830 4160 3870 4190 3930 4280 mv v cct = 5.0v v il input low voltage 3050 3520 3050 3520 3050 3555 mv v cct = 5.0v v bb output bias voltage 3620 3730 3650 3750 3690 3810 mv v cct = 5.0v note: 1. pecl v il , v ih , v ol , v oh , v bb are given for v cct = v cce = 5.0v and will vary 1:1 with power supply. 100h pecl dc electrical characteristics (1) v cct = v cce = 5.0v 5% t a = 0 ct a = +25 ct a = + 85 c symbol parameter min. max. min. max. min. max. unit condition i ih input high current 225 145 145 a i il input low current 0.5 0.5 0.5 a v ih input high voltage 3835 4120 3835 4120 3835 4120 mv v cct = 5.0v v il input low voltage 3190 3525 3190 3525 3190 3525 mv v cct = 5.0v v bb output bias voltage 3620 3740 3620 3740 3620 3740 mv v cct = 5.0v note: 1. pecl v il , v ih , v ol , v oh , v bb are given for v cct = v cce = 5.0v and will vary 1:1 with power supply.
4 sy10h607 sy100h607 micrel, inc. m9999-032906 hbwhelp@micrel.com or (408) 955-1690 10h/100h ttl dc electrical characteristics (1) t a = 0 ct a = +25 ct a = + 85 c symbol parameter min. max. min. max. min. max. unit condition v oh output high voltage 2.5 2.5 2.5 vi oh = 15ma 2.0 2.0 2.0 i oh = 24ma v ol output low voltage 0.55 0.55 0.55 v i ol = 48ma v cct = v cce = 5.0v 5% note: 1. dc levels such as v oh , v ol , etc., are standard for pecl and fast devices, with the exceptions of: i ol =48ma at 0.5 v ol ; and i oh = 24ma at 2.0 v oh. t a = 0 ct a = +25 ct a = + 85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. unit condition t pd propagation delay ns c l = 50 pf to output clk to q 6.0 6.0 6.0 mr to q 6.0 6.0 6.0 t skpp part-to-part skew (1,4) 0.5 0.5 0.5 ns c l = 50pf t skew++ within-device skew (2,4) 0.3 0.3 0.3 ns c l = 50pf t skew within-device skew (3,4) 0.3 0.3 0.3 ns c l = 50pf t s set-up time 0.200 0.200 0.200 ns t h hold time 0.500 0.500 0.500 ns t pw minimum pulse width ns clk, mr 1.0 1.0 1.0 v pp minimum input swing 200 150 200 150 200 150 mv t r rise/fall time 1.5 1.5 1.5 ns c l = 50pf t f 1.0v to 2.0v f max max. input frequency (5,6) 160 160 160 mhz ac electrical characteristics (1) v cct = v cce = 5.0v 5% notes: 1. device-to-device skew considering high-to-high transitions at common v cc level. 2. within-device skew considering high-to-high transitions at common v cc level. 3. within-device skew considering low-to-low transitions at common v cc level. 4. all skew parameters are guaranteed but not tested. 5. frequency at which output levels will meet a 0.8v to 2.0v minimum swing. 6. the f max value is specified as the minimum guaranteed maximum frequency. actual operational maximum frequency may be greater.
5 sy10h607 sy100h607 micrel, inc. m9999-032906 hbwhelp@micrel.com or (408) 955-1690 28-pin plcc (j28-1) rev. 03 micrel, inc. 2180 fortune drive san jose, ca 95131 usa tel + 1 (408) 944-0800 fax + 1 (408) 474-1000 web http://www.micrel.com the information furnished by micrel in this data sheet is believed to be accurate and reliable. however, no responsibility is a ssumed by micrel for its use. micrel reserves the right to change circuitry and specifications at any time without notification to the customer. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfu nction of a product can reasonably be expected to result in personal injury. life support devices or systems are devices or systems that (a) are intend ed for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant inj ury to the user. a purchaser s use or sale of micrel products for use in life support appliances, devices or systems is at purchaser s own risk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. ? 2006 micrel, incorporated.


▲Up To Search▲   

 
Price & Availability of SY10H607JZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X