Part Number Hot Search : 
2N2904 2203161 MST6140C S3224DT1 2N1136A YMF743 CW0805 C5532
Product Description
Full Text Search
 

To Download STP55NE06L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  STP55NE06L STP55NE06Lfp n - channel enhancement mode " single feature size ? " power mosfet n typical r ds(on) = 0.018 w n exceptional dv/dt capabilty n 100% avalanche tested n low gate charge 100 o c n high dv/dt capability n application oriented characterization description this power mosfet is the latest development of sgs-thomson unique "single feature size" process whereby a single body is implanted on a strip layout structure. the resulting transistor shows extremely high packing density for low on- resistance, rugged avalanche characteristics and less critical alignment steps therefore a remark- able manufacturing reproducibility. applications n dc motor control n dc-dc & dc-ac converters n synchronous rectification internal schematic diagram absolute maximum ratings symbol parameter value unit STP55NE06L STP55NE06Lfp v ds drain-source voltage (v gs = 0) 60 v v dgr drain- gate voltage (r gs = 20 k w ) 60 v v gs gate-source voltage 15 v i d drain current (continuous) at t c = 25 o c5528a i d drain current (continuous) at t c = 100 o c3920a i dm ( ) drain current (pulsed) 220 220 a p tot total dissipation at t c = 25 o c 130 35 w derating factor 0.86 0.23 w/ o c v iso insulation withstand voltage (dc) ? 2000 v dv/dt peak diode recovery voltage slope 7 v/ns t stg storage temperature -65 to 175 o c t j max. operating junction temperature 175 o c ( ) pulse width limited by safe operating area ( 1 ) i sd 55 a, di/dt 300 a/ m s, v dd v (br)dss , t j t jmax type v dss r ds(on) i d STP55NE06L STP55NE06Lfp 60 v 60 v < 0.022 w < 0.022 w 55 a 28 a december 1997 to-220 to220fp 1 2 3 1 2 3 1/6
thermal data to-220 to-220fp r thj-case thermal resistance junction-case max 1.15 4.28 o c/w r thj-amb r thc-sink t l thermal resistance junction-ambient max thermal resistance case-sink typ maximum lead temperature for soldering purpose 62.5 0.5 300 o c/w o c/w o c avalanche characteristics symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max, d < 1%) 55 a e as single pulse avalanche energy (starting t j = 25 o c, i d = i ar , v dd = 25 v) 250 mj electrical characteristics (t case = 25 o c unless otherwise specified) off symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 m a v gs = 0 60 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating t c = 125 o c 1 10 m a m a i gss gate-body leakage current (v ds = 0) v gs = 15 v 100 na on ( * ) symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs i d = 250 m a 1 1.7 2.5 v r ds(on) static drain-source on resistance v gs = 5 v i d = 27.5 a v gs = 10 v i d = 27.5 a 0.022 0.019 0.028 0.022 w i d(on) on state drain current v ds > i d(on) x r ds(on)max v gs = 10 v 55 a dynamic symbol parameter test conditions min. typ. max. unit g fs ( * ) forward transconductance v ds > i d(on) x r ds(on)max i d =27.5 a 20 30 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25 v f = 1 mhz v gs = 0 2800 375 100 3750 500 140 pf pf pf STP55NE06Lfp 2/6
electrical characteristics (continued) switching on symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on time rise time v dd = 30 v i d = 27.5 a r g =4.7 w v gs = 5 v 40 100 55 140 ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 48 v i d = 55 a v gs = 5 v 40 13 20 55 nc nc nc switching off symbol parameter test conditions min. typ. max. unit t r(voff) t f t c off-voltage rise time fall time cross-over time v dd = 48 v i d = 55 a r g =4.7 w v gs = 5 v 25 40 65 35 55 90 ns ns ns source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm ( ) source-drain current source-drain current (pulsed) 55 220 a a v sd ( * ) forward on voltage i sd = 55 a v gs = 0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 55 a di/dt = 100 a/ m s v dd = 30 v t j = 150 o c 65 180 5.5 ns nc a ( * ) pulsed: pulse duration = 300 m s, duty cycle 1.5 % ( ) pulse width limited by safe operating area STP55NE06Lfp 3/6
dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c STP55NE06Lfp 4/6
dim. mm inch min. typ. max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 0.385 0.417 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 to-220fp mechanical data STP55NE06Lfp 5/6
information furnished is believed to be accurate and reliable. however, sgs-thomson microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. no license is granted by implication or otherwise under any patent or patent rights of sgs-thomson microelectronics. specification s mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously s upplied. sgs-thomson microelectronics products are not authorized for use as critical components in life support devices or systems with out express written approval of sgs-thomson microelectonics. ? 1997 sgs-thomson microelectronics - printed in italy - all rights reserved sgs-thomson microelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysia - malta - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a . . . STP55NE06Lfp 6/6


▲Up To Search▲   

 
Price & Availability of STP55NE06L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X