Part Number Hot Search : 
02012 TC500 NDL1209S B89P8 74F139 A63L7336 PMD10K STTA506F
Product Description
Full Text Search
 

To Download STP3NB100FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/7 preliminary data august 2001 this is preliminary information on a new product now in development or undergoing evaluation. details are subject to change wit hout notice. stp3nb100 STP3NB100FP n-channel 1000v - 5.3 w - 3a to-220/to-220fp powermesh? mosfet n typical r ds (on) = 5.3 w n extremely high dv/dt capability n 100% avalanche tested n very low intrinsic capacitances n gate charge minimized description using the latest high voltage mesh overlay ? process, stmicroelectronics has designed an ad- vanced family of power mosfets with outstanding performances. the new patent pending strip layout coupled with the companys proprieraty edge termi- nation structure, gives the lowest r ds(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteris- tics. applications n high current, high speed switching n swith mode power supplies (smps) n dc-ac converters for welding equipment absolute maximum ratings (?)pulse width limited by safe operating area (1)i sd 3a, di/dt 200a/s, v dd v (br)dss , t j t jmax. type v dss r ds(on) i d stp3nb100 1000 v < 6 w 3 a STP3NB100FP 1000 v < 6 w 3 a symbol parameter value unit stp3nb100 STP3NB100FP v ds drain-source voltage (v gs = 0) 1000 v v dgr drain-gate voltage (r gs = 20 k w ) 1000 v v gs gate- source voltage 30 v i d drain current (continuos) at t c = 25c 3 3 (*) a i d drain current (continuos) at t c = 100c 1.9 1.9 (*) a i dm ( s ) drain current (pulsed) 12 12 a p tot total dissipation at t c = 25c 100 35 w derating factor 0.8 0.28 w/c dv/dt (1) peak diode recovery voltage slope 4.5 4.5 v/ns v iso insulation withstand voltage (dc) - 2500 v t stg storage temperature C65 to 150 c t j max. operating junction temperature 150 c (*)limited only by maximum temperature allowed internal schematic diagram 1 2 3 1 2 3 to-220 to-220fp
stp3nb100/fp 2/7 thermal data avalanche characteristics electrical characteristics (tcase = 25 c unless otherwise specified) off on (1) dynamic to-220 to-220fp rthj-case thermal resistance junction-case max 1.25 3.57 c/w rthj-amb thermal resistance junction-ambient max 62.5 c/w t l maximum lead temperature for soldering purpose 300 c symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 3a e as single pulse avalanche energy (starting t j = 25 c, i d = i ar , v dd = 50 v) 244 mj symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 1000 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating 1a v ds = max rating, t c = 125 c 50 a i gss gate-body leakage current (v ds = 0) v gs = 30v 100 na symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 234v r ds(on) static drain-source on resistance v gs = 10v, i d = 1.5 a 5.3 6 w symbol parameter test conditions min. typ. max. unit g fs (1) forward transconductance v ds > i d(on) x r ds(on)max, i d = 1.7 a 2.8 s c iss input capacitance v ds = 25v, f = 1 mhz, v gs = 0 700 pf c oss output capacitance 80 pf c rss reverse transfer capacitance 8pf
3/7 stp3nb100/fp electrical characteristics (continued) switching on switching off source drain diode note: 1. pulsed: pulse duration = 300 s, duty cycle 1.5 %. 2. pulse width limited by safe operating area. symbol parameter test conditions min. typ. max. unit t d(on) turn-on delay time rise time v dd = 500 v, i d = 1.5 a r g = 4.7 w v gs = 10 v (see test circuit, figure 3) 18 ns t r 12 ns q g total gate charge v dd = 800v, i d = 3 a, v gs = 10v 22 30 nc q gs gate-source charge 6 nc q gd gate-drain charge 10.5 nc symbol parameter test conditions min. typ. max. unit t r(voff) off-voltage rise time v dd = 800v, i d = 3 a, r g =4.7 w, v gs = 10v (see test circuit, figure 5) 22 ns t f fall time 28 ns t c cross-over time 30 ns symbol parameter test conditions min. typ. max. unit i sd source-drain current 3 a i sdm (1) source-drain current (pulsed) 12 a v sd (2) forward on voltage i sd = 3 a, v gs = 0 1.6 v t rr reverse recovery time i sd = 3 a, di/dt = 100a/s, v dd = 100v, t j = 150c (see test circuit, figure 5) 580 ns q rr reverse recovery charge 2.9 c i rrm reverse recovery current 10 a
stp3nb100/fp 4/7 fig. 5: test circuit for inductive load switching and diode recovery times fig. 4: gate charge test circuit fig. 2: unclamped inductive waveform fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuit for resistive load
5/7 stp3nb100/fp dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c
stp3nb100/fp 6/7 dim. mm inch min. typ. max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 0.385 0.417 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 to-220fp mechanical data
7/7 stp3nb100/fp information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsib ility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectroni cs. specifi cation mentio ned in this publication are subject to change without notice. this publication supersedes and replaces all in formation previou sly supplied. stmicroe lectron ics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectron ics. the st logo is a trademark of stmicroelectronics ? 2000 stmicroelectronics C pr inted in italy C all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malay sia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - u.s.a. http://www.st.com


▲Up To Search▲   

 
Price & Availability of STP3NB100FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X