Part Number Hot Search : 
EE08042 6047741 AOI4102 DS1982 SC2540 TMXW319 2SK142 5Q0765
Product Description
Full Text Search
 

To Download SMDA08C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05031.r10 9/10 page 1 05031 smda03 - smda36c 500 watt multi-line tvs array d escripti o n the smdaxx and smdaxxc series are mult-line transient voltage suppressor arrays that provides board level protec - ton for standard ttl and mos bus line applicatons against the damaging efects of esd, tertary lightning and switch - ing transients. the smda series has a peak pulse power ratng of 500 wats for an 8/20s waveshape. this device series meets the iec 61000-4-2, iec 61000-4-4 and iec 61000-4-5 requirements. f eatures ? compatble with iec 61000-4-2 (esd): air - 15kv, contact - 8kv ? compatble with iec 61000-4-4 (eft): 40a - 5/50ns ? compatble with iec 61000-4-5 (surge): 12a, 8/20s - level 1(line- gnd) & level 2(line-line) ? 500 wats peak pulse power per line (tp = 8/20s) ? unidirectonal and bidirectonal confguratons ? available in multple voltages ranging from 3v to 36v ? protects up to four lines ? rohs compliant ? reach compliant m ec h anical c h aracteristics ? molded jedec so-8 package ? approximate weight: 70 milligrams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? 12mm tape and reel per eia standard 481 ? flammability ratng ul 94v-0 applicati o ns ? rs-232, rs-422 & rs-423 data lines ? smart phones ? audio/video inputs ? portable electronics ? wireless network systems ? medical electronics pin c o nfigurati o ns s o -8 pac k age 1 2 4 8 3 5 6 7 1 2 4 8 3 5 6 7 unidirectional bidirectional
only one name means protektion? www.protekdevices.com 05031.r10 9/10 page 2 05031 smda03 - smda36c typical device c h aracteristics maximum ratings @ 25c unless o therwise specifed parameter symb o l value units operatng temperature t l -55 to 150 c storage temperature t stg -55 to 150 c peak pulse power (tp = 8/20s) - see figure 1 p pp 500 wats forward voltage @ 100ma, 300s - square wave (see note 1) v f 1.5 volts no te 1. only applies to unidirectonal devices. electrical c h aracteristics per line @ 25c unless o therwise specifed part number (note 1) device mar k ing rated stand- o ff v o ltage v wm v o lts minimum brea k d o wn v o ltage @1 m a v (br) v o lts maximum clamping v o ltage (fig. 2) @i p = 1a v c v o lts maximum clamping v o ltage (fig. 2) @i p = 5a v c v o lts maximum current i pp @ 8/20 s amps maximum lea k age current @v wm i d a maximum capacitance @0v, 1m h z c p f smda03 sdl 3.3 4.0 6.5 7.0 43.0 125 800 smda03c sdm 3.3 4.5 7.0 9.0 43.0 125 450 smda05 sda 5.0 6.0 9.8 10.0 40.0 20 550 smda05c sdb 5.0 6.0 9.8 10.0 40.0 20 308 smda08 sdj 8.0 8.5 13.4 14.0 27.0 10 500 SMDA08C sdk 8.0 8.5 13.4 14.0 27.0 10 300 smda12 sdc 12.0 13.3 19.0 22.0 20.0 1 185 smda12c sdd 12.0 13.3 19.0 22.0 20.0 1 105 smda15 sde 15.0 16.7 24.0 27.0 15.0 1 140 smda15c sdf 15.0 16.7 24.0 27.0 15.0 1 80 smda24 sdg 24.0 26.7 43.0 45.0 12.0 1 88 smda24c sdh 24.0 26.7 43.0 45.0 12.0 1 50 smda36 sdn 36.0 40.0 51.0 65.0 8.0 1 80 smda36c sdp 36.0 40.0 51.0 65.0 8.0 1 45 no tes 1. part numbers with a c sufx are bidirectonal devices, i.e., smda03 c.
only one name means protektion? www.protekdevices.com 05031.r10 9/10 page 3 05031 smda03 - smda36c typical device c h aracteristics figure 1 pea k pulse p o wer vs pulse time t d - pulse duraton - s 500w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - wats 10 100 1,000 10,000 peak pulse power 8/20s average power figure 3 p o wer derating curve t a - ambient temperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % o f rated power test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) figure 2 pulse wave f o rm t - time - s 0 5 10 15 20 25 30 i pp - peak pulse current - % of i pp 0 20 40 60 80 100 120
only one name means protektion? www.protekdevices.com 05031.r10 9/10 page 4 05031 smda03 - smda36c s o -8 pac k age inf o rmati o n o utline dimensi o ns dim millimeters inc h es min max min max a 4.80 5.00 0.189 0.196 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.05 bsc j 0.18 0.25 0.007 0.009 k 0.10 0.25 0.004 0.008 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019 n o tes 1. -t- = seatng plane and datum surface. 2. dimensions a and b are datum. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion is 0.015 (0.380mm) per side. 5. dimensioning and tolerances per ansi y14.5m, 1982. 6. dimensions are exclusive of mold fash and metal burrs. pad lay o ut dimensi o ns dim millimeters inc h es min max min max a 1.14 1.40 0.045 0.055 b 0.64 0.89 0.025 0.035 c 6.22 - 0.245 - d 3.94 4.17 0.155 0.165 e 1.02 1.27 0.040 0.050 n o tes 1. controlling dimension: inches. -a- 8 5 1 4 -b- p g d -t - c k j r x 45 0 - 10 f 4 pl 0.010 (0.25mm) m b + 8 pl 0.010 (0.25mm) b + a t a b c d e m m s s
only one name means protektion? www.protekdevices.com 05031.r10 9/10 page 5 05031 smda03 - smda36c tape and reel user directon of feed t k0 a0 p d p0 p2 e b0 f w 10 pitches cumulatve tolerance on tape 0.2 pin 1 specificati o ns r eel d ia . t ape w idt h a0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 12mm 6.50 0.10 5.40 0.10 2.00 0.10 1.50 0.10 1.75 0.10 5.50 0.05 12.00 0.30 4.00 0.12 2.00 0.10 4.00 0.10 0.25 no tes 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t7 = 7 reel - 1,000 pieces per 12mm tape. 4. sufx - t13 = 13 reel - 2,500 pieces per 12mm tape. 5. bulk product shipped in tubes of 98 pieces per tube. 6. marking on part - marking code (see page 2), date code, logo and pin one defned by dot on top of package. package outline, pad layout and tape specifcatons per document number 06011.r4 8/10. o rdering inf o rmati o n base part number ( xx = v oltage ) leadfree suffix tape suffix qty/reel reel size tube qty smdaxx/smdaxxc -lf -t7 1,000 7 98 smdaxx/smdaxxc -lf -t13 2,500 13 98
only one name means protektion? www.protekdevices.com 05031.r10 9/10 page 6 05031 smda03 - smda36c c o mpany inf o rmati o n c o mpany pr ofile protek devices, based in tempe, arizona usa, is a manufacturer of transient voltage suppression (tvs) products designed specifcally for the protecton of electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulse (nemp), in - ductve switching and emi/rfi. with over 25 years of engineering and manufacturing experience, protek designs tvs devices that provide applicaton specifc protecton solutons for all electronic equipment/systems. protek devices analog products division, also manufactures analog interface, control, rf and power management products. copyright ? protek devices 1998 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. c o ntact us corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by telephone general: 602-431-8101 sales: 602-414-5109 customer service: 602-414-5114 by fax general: 602-431-2288 by e-mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com web www.protekdevices.com www.protekanalog.com


▲Up To Search▲   

 
Price & Availability of SMDA08C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X