Part Number Hot Search : 
GSF10A20 GSF10A20 AN1135 VN3205N8 TA0970A SD165 SMS2RDH1 7427122
Product Description
Full Text Search
 

To Download SBR20100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SBR20100 voltage 100 v 20 amp schottky barrier rectifiers elektronische bauelemente 10-feb-2011 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen free features ? low forward voltage drop ? high current capability ? high reliability ? high surge current capability ? epitaxial construction mechanical data ? case: molded plastic ? epoxy: ul94v-0 rate flame retardant ? lead: lead solderable per mil-std-202 method 208 guaranteed ? polarity: as marked ? mounting position: any ? weight: 2.24 grams (approximate) maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. sing le phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 100 v working peak reverse voltage v rsm 100 v maximum dc blocking voltage v dc 100 v maximum average forward rectified current per leg i f 10 a per device 20 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 180 a maximum instantaneous forward voltage i f =10a, t a =25 c, per leg v f 0.85 v i f =10a, t a =125 c, per leg 0.72 maximum dc reverse current at rated dc blocking voltage 3 t a = 25 c i r 0.3 ma t a = 100 c 10 typical junction capacitance 1 c j 350 pf typical thermal resistance 2 r ? c /w voltage rate of chance (rated v r ) dv / dt 10000 v / s operating temperature range t j t j -50~150 c storage temperature range t stg t stg -65~175 c notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to case. 3. pulse test: 300us pulse width, 1% duty cycle. ref. millimete r ref. millimete r min. max. min. max. a 14.22 16.51 j 1.09 1.78 b 9.65 10.67 k 0.38 1.02 c 12.50 14.75 l 2.39 2.69 d 3.56 4.90 m 2.50 3.43 e 0.51 1.45 n 3.10 4.09 f 2.03 2.92 o 8.38 9.65 g 0.31 0.76 p 0.89 1.45 h3.6 4.5 to-220 dimensions in millimeters a m p j k l l g f b n d e o c h pin 1 pin 3 pin 2 case
SBR20100 voltage 100 v 20 amp schottky barrier rectifiers elektronische bauelemente 10-feb-2011 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SBR20100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X