Part Number Hot Search : 
ASO24111 1N4736A HZD5C2N LTC1400 170M5442 SL2541B LTC1400 2SA1096
Product Description
Full Text Search
 

To Download R-FSP600-80ETN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sparkle po w er inc. a leading power supply manufacturer www. sparklepower. c om R-FSP600-80ETN (80plus platinum, r o hs comp liant) features inp u t c h ar a c t e r i st i cs i n p u t r an g e : 90 ~ 264vac, full range input f r e q u e n c y : 47 ~ 63hz i n p u t c u r r e n t : 8 amp (maximum) at 100-127vrms/ 60 hz 4amp (maximum) at 200-240 vrms/ 50 hz. i n r u s h c u r r e n t : no damage. specification temper ature range: op e ratin g: + 0 c ~ + 40 c on ful l loa d storage & shipping: -40c ~ + 70c h umi di t y : 5-85% on operating, 5-95% on storage efficiency: 89 % m ini m u m , ty pical up to 92% ri s e ti me : 15ms maximum hold-up time: 17 m s m i ni m u m at no m inal in put voltage pow er good signal: power on delay tim e 100 ~ 500 m s , off delay 1 m s m i n i m u m ( t t l a n d c m os c o m p atible ) leak age curr ent: less than 3.5 m a at 264 v ac, 50hz mtb f : 100,000 hours on m a x i m u m loa d at +25c di me nsi on s (lxwxh ): 140x15 0x85.8 mm / 5.5 x5.9x3.4inch output characteristics (1) +3.3v & +5v t otal output not e x c eed 100w . w hen +5v is load t o 18a, the +3.3v maximum load is 3a. w hen +3.3v is load t o 20a, the +5v maximum load is 6.8a. (2) +12v1 & +12v2 & +12v3 & +12v4 t otal output not e x c eed 552w(46a ). (3) a ll outputs shall be saf et y -isola t ed fr om the a c mains and shar e a c ommon r etur n. t his c ommon r etur n must be c onnec t ed t o supply chassis . (4) v oltages and r ipple ar e measur ed a t the load side of ma ting c onnec t ors with a 0.1uf monolithic c er amic capacit or par alleled b y a 10uf elec tr olytic capacit or 600 watts atx12v v2.3 eps12v v2.92 switching power supply (meet 2013 erp) active power factor corr ection ( pfc) meet en6 1000-3-2 high efficienc y and relia b ilit y compatible with european unio n directive 2002 /95/ec (restriction on hazardous substances). remote on/off function internal 12v dc fan included no i s e ki l l e r ( t h e r m a l fa n s pe e d c ont ro l fu n c t i on ) low noise and r i pple output over voltage, short cir c ui t, and over curr en t protection 100% hi-pot, a te, and burn-in tested re-settable pow er shut down complies with f cc part 15 subp ar t j class b 115 vac operation, and cispr 22 class b at 230vac operation approved b y c u l/ul60950-1, tuv en60950-1,cb 60950-1 report, fcc,emc. complied with atx12v v2.3 eps12v v2.92 standard ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? minimum load no rmal load maximu m load load reg . line reg . r ipple & n ois e +3.3v 0 .1a 10a 20/3a 5 % 1 % 50mv p-p +5v 0.2a 9a 6.8/18a 5 % 1 % 50mv p-p +12v1 0.1a 9a 18a 5 % 1 % 120mv p-p +12v2 0a 9a 18a 5 % 1 % 120mv p-p +12v3 0a 9a 18a 5 % 1 % 120mv p-p +12v4 0a 9a 18a 5 % 1 % 120mv p-p -12v 0a 0 .15a 0 .3a 1 0 % 2 % 200mv p-p +5 vs b 0a 1 .5a 3 a 5 % 1 % 50mv p-p s p ar k le p o w e r i n c . m a i n o f f i c e 1000 rock av en ue san jose, ca 95 131 tel : 408-519-8 888 fax: 408-519-9999 e-mail: i nfo@ spa rkl e powe r .c o m s p ar k le p o w e r i n c . los ange le s offic e 17071 green drive city of industr y , ca 91745 tel : 626-839-7 180 fax: 626-839-3395


▲Up To Search▲   

 
Price & Availability of R-FSP600-80ETN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X