Part Number Hot Search : 
TA75060P NS0013A CCF55226 033CC0 D9345V 15151 BD101 0TRPB
Product Description
Full Text Search
 

To Download R-FSP1200-50TGM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sparkle po w er inc. a leading power supply manufacturer www. sparklepower. c om R-FSP1200-50TGM (80plus gold, ro hs comp liant) 1200 watts atx12v v2.3 eps12v v2.92 switching power supply (meet 2013 erp) features active power factor corr ection ( pfc) meet en6 1000-3-2 high efficienc y and relia b ilit y compatible with european unio n directive 2002 /95/ec (restriction on hazardous substances). remote on/off function internal 12v dc fan included no i s e ki l l e r ( t h e r m a l fa n s pe e d c ont ro l fu n c t i on ) low noise and r i pple output over voltage, short cir c ui t, and over curr en t protection 100% hi-pot, a te, and burn-in tested re-settable pow er shut down complies with f cc part 15 subp ar t j class b 115 vac operation, and cispr 22 class b at 230vac operation approved b y c u l/ul60950-1, tuv en60950-1,cb 60950-1 report, fcc,emc. inp u t c h ar a c t e r i st i cs i n p u t r an g e : 90 ~ 264vac, full range input f r e q u e n c y : 47 ~ 63hz i n p u t c u r r e n t : max 15a@115vac, 9a@230vac i n r u s h c u r r e n t : no damage. specification temper ature range: op e ratin g: + 0 c ~ + 40 c on ful l loa d storage & shipping: -20c ~ + 80c h umi di t y : 5-95% on operating, 5-95% on storage dielectric wit hstand: pri m ar y to fram e ground 1800v a c for 3 secon d efficiency: 87 % m ini m u m , ty pical up to 90% ri s e ti me : less than 20 m s hold-up time: 17 m s m i ni m u m at no m inal in put voltage pow er good signal: power on delay tim e 100 ~ 500 m s , off delay 1 m s m i n i m u m leak age curr ent: less than 3.5 m a at 264 v ac, 50hz mtb f : 100,000 hours on m a x i m u m loa d at +25c di me nsi on s (lxwxh ): 180x15 0x85.8 mm / 7.1 x5.9x3.4inch output characteristics (1) +3.3v & +5v total output not exceed 160w. (2) maximum combined current for the 12v outputs shall be 100a. (3) total output power for the proposal power supply is 1200 watts. (4) connectors: 1x 24pin main power connector; 1x 4+4pin +12v power connector; 1x 8pin +12v power connector; 6x 4pin peripheral connector; 1x floppy connectors; 10x 5pin sata connectors; 8x 6+2pin pci express connector; 2x fan connectors. s p ar k le p o w e r i n c . m a i n o f f i c e 1000 rock av en ue san jose, ca 95 131 tel : 408-519-8 888 fax: 408-519-9999 e-mail: i nfo@ spa rkl e powe r .c o m s p ar k le p o w e r i n c . los ange le s offic e 17071 green drive city of industr y , ca 91745 tel : 626-839-7 180 fax: 626-839-3395 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? complied with atx12v v2.3 eps12v v2.92 standard o ut pu t m i n c urre n t n o r m a l c ur r e n t m a x c ur r e n t p eak c u r r e n t +3. 3v 0. 8a 18a 25a +5v 0. 5a 18a 25a +1 2v 1. 0a 75a 100a - 12v 0. 0a 0. 5a 0. 8a +5vs b 0. 1a 2. 25a 3. 0a 3. 5a


▲Up To Search▲   

 
Price & Availability of R-FSP1200-50TGM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X