Part Number Hot Search : 
MS830 74LS6 H16008 ADF411 MAX54 AO3414 HT809 MP8760GL
Product Description
Full Text Search
 

To Download MMBD4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30094 rev. 5 - 2 1 of 3 MMBD4148W / bas16w www.diodes.com  diodes incorporated MMBD4148W / bas16w surface mount fast switching diode  case: sot-323, molded plastic  case material - ul flammability rating classification 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 4, on page 3  polarity: see diagram  marking: ka2, kt1 (see page 3) mechanical data a m j l e d b c h k g top view features characteristic symbol value unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current (note 1) i fm 300 ma average rectified output current (note 1) i o 150 ma non-repetitive peak forward surge current @ t = 1.0  s @ t = 1.0s i fsm 2.0 1.0 a power dissipation (note 1) p d 200 mw thermal resistance junction to ambient air (note 1) r  ja 625  c/w operating and storage temperature range t j ,t stg -65 to +150  c maximum ratings @ t a = 25  c unless otherwise specified notes: 1. mounted on fr4 pc board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. characteristic symbol min max unit test condition reverse breakdown voltage (note 2) v (br)r 75 v i r = 1.0  a forward voltage (note 2) v f  0.715 0.855 1.0 1.25 v i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma reverse current (note 2) i r  1.0 50 30 25  a  a  a na v r = 75v v r = 75v, t j = 150  c v r = 25v, t j = 150  c v r = 20v total capacitance c t  2.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr  4.0 ns i f = i r = 10ma, i rr = 0.1 x i r ,r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified  fast switching speed  ultra-small surface mount package  for general purpose switching applications  high conductance  also available in lead free version sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18  0  8  all dimensions in mm
ds30094 rev. 5 - 2 2 of 3 MMBD4148W / bas16w www.diodes.com 0.1 1 10 100 1000 10000 0 20 40 60 80 100 v , instantaneous reverse voltage (v) r fig. 2 typical reverse characteristics i,instantane o us reverse current (na) r t = -40oc a t = 25oc a t=75oc a t = 125oc a t = 150oc a t=0oc a 0.1 1 0.01 0.001 0 1.5 1.0 0.5 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g . 1 forward characteristics t = -40oc a t = 150oc a t = 75oc a t = 25oc a t=0oc a 0 50 100 150 200 250 0 100 200 p,p o wer dissipati o n(mw) d t , ambient temperature ( c) a fig. 4 power derating curve, total package 0.0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2 . 0 0 10 20 40 30 c , total capacitance (pf) t v , reverse voltage (v) r fi g .3 t y pical capacitance vs. reverse volta g e f = 1.0mhz
ds30094 rev. 5 - 2 3 of 3 MMBD4148W / bas16w www.diodes.com ordering information (note 3) device packaging shipping MMBD4148W-7 sot-323 3000/tape & reel bas16w-7 sot-323 3000/tape & reel notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number a bove. example: bas16w-7-f. marking information xxx ym xxx = product type marking code (see page 1) ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september date code key year 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 code lm n p r s t u v w month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd


▲Up To Search▲   

 
Price & Availability of MMBD4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X