Part Number Hot Search : 
KBPC610 LM393CS MCF5204 SPGM501M 23000 IRMCO203 4HC17 74F825
Product Description
Full Text Search
 

To Download MIC2199YML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  january 2010 1 m9999-011310 micrel, inc. mic2199 mic2199 300khz 4mm 4mm synchronous buck converter general description the mic2199 is a high-power 300khz synchronous buck dc-to-dc controller housed in a small 4mm 4mm mlf? 12-pin package. the mic2199 operates from a wide 4.5v to 32v input and can be programmed for output voltages from 0.8v to 6v. the wide input voltage capability makes the mic2199 an ideal solution for point-of-load dc-to-dc conversion in 5v, 12v, 24v, and 28v systems. the 300khz switching frequency allows the use of a small inductor and small output capacitors. the current mode pwm control along with the external comp pin allows for ease of stability compensation and fast transient response across a wide range of applications. an all n-channel synchronous architecture and powerful output drivers allow up to 20a of output current capability. for smaller external components, refer to the 500khz mic2198. the mic2199 is available in a 12-pin 4mm 4mm mlf? package with a junction temperature range from C40c to 125c. features ? 4.5v to 32v input range ? 4mm 4mm mlf? package ? 300khz pwm operation ? 95% effciency ? output voltage adjustable down to 0.8v ? 20a output current capability ? drives all n-channel mosfets ? logic controlled micropower shutdown ? cycle-by-cycle current limiting ? adjustable undervoltage lockout ? frequency foldback overcurrent protection applications ? point-of-load dc-to-dc conversion from 5v, 12v, 24v, 28v supplies ? telecom equipment ? wireless modems ? servers ? base stations micrel, inc. ? 2180 fortune drive ? san jose, ca 95131 ? usa ? tel + 1 (408) 944-0800 ? fax + 1 (408) 474-1000 ? http://www.micrel.com mlf and micro leadframe are registered trademarks of amkor technology, inc. typical application irf7821 irf7821 2h 0.01? v out 3.3v/7a 10k? 6.04k? 1nf v in 4.5v to 24v vin en/uvlo comp csh lsd vsw vdd bst hsd gnd vout fb 2.2nf 2k? u1 mic2199bml sd103bws 0.1f 22 f 4.7f 220f 4.5vC24v to 3.3v/7a converter 85.0 90.0 95.0 100.0 0 i load (a) v ou t = 3. 3v 2 4 6 8 effciency for v in = 5v and v out = 3.3v
micrel, inc. mic2199. january 2010 2 m9999-011310 pin confguration fb csh vou t 3 4 5 vin 6 comp en/uvlo 1 2 bst gnd lsd 10 9 8 vdd 7 hsd vsw 12 1 1 12-pin 44 mlf ? (ml) ordering information part number voltage temperature range package standard pb-free mic2199bml MIC2199YML adj ?40oc to +125oc 12-pin 4x4 mlf ? pin description pin number pin name pin function 1 comp compensation (output): internal error amplifer output. connect to capacitor or series rc network to compensate the regulator control loop. 2 en/uvlo enable/undervoltage lockout (input): low-level signal powers down the controller. input below the 2.5v threshold disables switching and functions as an accurate undervoltage lockout (uvlo). input below the threshold forces complete micropower (<0.1a) shutdown. 3 fb feedback (input): regulates fb pin to 0.8v. see applications information for resistor divider calculations. 4 csh current-sense high (input): current limit comparator non-inverting input. a built-in offset of 100mv between csh and v out pins in conjunction with the current-sense resistor set the current limit threshold level. this is also the non-inverting input to the current sense amplifer. 5 vout current-sense low (input): output voltage feedback input and inverting input for the current limit comparator and the current sense amplifer. 6 vin unregulated input (input): +4.5v to +32v supply input. 7 vdd 5v internal linear-regulator (output): v dd is the external mosfet gate drive supply voltage and internal supply bus for the ic. bypass to gnd with 4.7f. 8 lsd low-side drive (output): high-current driver output for low-side n-channel mosfet. voltage swing is between ground and v dd . 9 gnd ground (return). 10 bst boost (input): provides drive voltage for the high-side mosfet driver. the drive voltage is higher than the input voltage by v dd minus a diode drop. 11 vsw switch (return): high-side mosfet driver return. 12 hsd high-side drive (output): high-current driver output for high-side mosfet. this node voltage swing is between ground and v in +5v minus a diode drop.
january 2010 3 m9999-011310 micrel, inc. mic2199 electrical characteristics (note 4) v in = v en = 12v; t j = 25c, unless noted, bold values indicate C40c t j +125c parameter condition min typ max units feedback voltage reference (1%) 0.792 0.8 0.808 v feedback voltage reference (2%) 0.784 0.816 v feedback voltage reference 4.5v < v in < 32v, 0 < (v csh C v out ) < 60mv (3%) 0.776 0.824 v feedback bias current 10 na output voltage range 0.8 6 v output voltage line regulation v in = 4.5v to 32v, v csh C v out = 60mv 0.03 %/v output voltage load regulation 25mv < (v csh C v out ) < 60mv 0.5 % input and v dd supply quiescent current excluding external mosfet gate drive current 1.6 2.5 ma shutdown quiescent current v en/uvlo = 0v 0.1 5 a digital supply voltage (v dd ) i l = 0ma to 5ma 4.7 5.0 5.3 v undervoltage lockout v in upper threshold (turn-on threshold) 4.25 4.4 v v in lower threshold (turn-off threshold) 3.95 4.1 v enable/uvlo enable input threshold 0.6 1.1 1.6 v uvlo threshold 2.2 2.5 2.8 v enable input current v en/uvlo = 5v 0.1 5 a current limit current limit threshold voltage (v csh C v out ) 55 75 95 mv error amplifer transconductance error amplifer gm 0.2 ms oscillator section oscillator frequency 270 300 330 khz maximum duty cycle 80 85 % minimum on-time 170 200 ns frequency foldback threshold measured at v out pin 0.25 0.40 0.55 v foldback frequency 75 khz gate drivers rise/fall time c l = 3000pf 60 ns output driver impedance source 5 8.5 sink 3.5 6 driver non-overlap time 80 ns note 1. exceeding the absolute maximum rating may damage the device. note 2. the device is not guaranteed to function outside its operating rating. note 3. devices are esd protected; however, handling precautions are recommended. human body model, 1.5k in series with 100pf. note 4. specifcation for packaged product only. absolute maximum ratings (note 1) analog supply voltage (v in ) ........................................ +34v digital supply voltage (v dd ) .......................................... +7v driver supply voltage (b st ) ................................... v in + 7v sense voltage (v out , c sh ) ............................... 7v to C0.3v enable pin voltage (v en/uvlo ) ....................................... v in power dissipation (p d ) 4 4 mlf? .................................. 665mw @ t a = 85c ambient storage temperature (t s ) .......... C65c to +150c esd, note 3 operating ratings (note 2) analog supply voltage (v in ) ......................... +4.5v to +32v output voltage range (v out ) ....................... +0.8v to +6v junction temperature (t j ) ........................ C40c to +125c package thermal resistance 4 4 mlf-12l ( ja ) ............................................... 60c/w
january 2010 4 m9999-011310 micrel, inc. mic2199 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 -40 -20 02 04 06 08 0 100 120 140 temperature (c) qu ie sc en t cu rrent vs . t emp er at ur e pwm uvlo shutdown 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 49 14 19 24 29 34 supply voltage (v) qu ie sc en t cu rrent vs . su pp ly vo lt ag e pw m uv lo shutdown 0.808 0.810 0.812 0.814 0.816 0.818 0.820 0 5 1 0 1 5 2 0 2 5 3 0 35 supply voltage (v) v fb line regulation 0.8 0.802 0.804 0.806 0.808 0.810 0.812 0.814 0.816 0.818 0.82 -4 0 -2 0 0 2 0 4 0 6 0 8 0 100120140 temperature ( c) v fb vs. temperature 4.94 4.95 4.96 4.97 4.98 4.99 5.00 5.01 5.02 0 5 10 15 20 25 30 load current (ma) v dd lo ad re gula ti on 4.80 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20 -40 -20 02 04 06 08 0 100 120 140 temperature (c) v dd vs . t emp er at ur e -10 -8 -6 -4 -2 0 2 4 6 8 10 -40 -20 02 04 06 08 0 100 120 140 temperature (c) os ci ll at or fr equenc y vs . t emp er at ur e -0.15 -0.10 -0.05 0.00 0.05 0.10 0.15 0.20 0.25 05 10 15 20 25 30 35 supply voltage (v) os ci ll at or fr equenc y vs . su pply vo lt ag e typical characteristics 64 66 68 70 72 74 76 78 -40 -20 02 04 06 08 0 100 120 140 temperature (c) ov er cu rrent th re sh ol d vs . t emp er at ur e 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 1 2 3 4 5 output current (a) cu rrent li mi t fo ldba ck v in = 5v v ou t = 3. 3v r cs = 20m v 0 1.0 2.0 3.0 4.0 5.0 6.0 0 8 12 16 20 24 28 supply voltage (v) v dd line regulation 32 4
micrel, inc. mic2199. january 2010 5 m9999-011310 block diagram g m = 0.210 -3 current limit v bg 0.8v v bg error amp v in v dd pwm output corrective ramp reset reference oscillator en/uvlo 2 7 10 6 12 1 1 8 9 4 5 3 1 comp 100k mic2199 fb r2 r1 vout csh vdd bst c in vin hsd q2 q1 d1 d2 c bst c out v in v out l1 vsw lsd pgnd c comp r comp 4.7f a v = 2 v 0.8v r1 r2 out = + 1 v 6 v out(max) = . 0 current sense amp r cs control logic ? ? ? ? pwm figure 1. internal block diagram functional description the mic2199 is a bicmos, switched-mode, synchronous step-down (buck) converter controller. current-mode control is used to achieve superior transient line and load regulation. an internal corrective ramp provides slope compensation for stable operation above a 50% duty cycle. the controller is optimized for high-effciency, high-performance dc-dc converter applications. the mic2199 block diagram is shown above. the mic2199 controller is divided into 5 functions. ? control loop ? current limit ? reference, enable and uvlo ? mosfet gate drive ? oscillator control loop the mic2199 operates in pwm (pulse-width-modulation) mode. in pwm mode, the synchronous buck converter forces continuous current to fow in the inductor which also improves cross regulation of transformer coupled, multiple output confgurations. pwm control loop the mic2199 uses current-mode control to regulate the output voltage. this method senses the output voltage (outer loop) and the inductor current (inner loop). it uses inductor current and output voltage to determine the duty cycle of the buck converter. sampling the inductor current removes the inductor from the control loop, which simplifes compensation. a block diagram of the mic2199 pwm current-mode control loop is shown in figure 2 and the pwm mode voltage and current waveform is shown in figure 3. the inductor current is sensed by measuring the voltage across the resistor, r cs .
january 2010 6 m9999-011310 micrel, inc. mic2199 a ramp is added to the amplifed current-sense signal to provide slope compensation, which is required to prevent unstable operation at duty cycles greater than 50%. a transconductance amplifer is used for the error amplifer, which compares an attenuated sample of the output voltage with a reference voltage. the output of the error amplifer is the comp (compensation) pin, which is compared to the current-sense waveform in the pwm block. when the current signal becomes greater than the error signal, the comparator turns off the high-side drive. the comp pin (pin 1) provides access to the output of the error amplifer and allows the use of external components to stabilize the voltage loop. current sense amp v bg 0.8v v bg error amp v in v dd corrective ramp pwm comp ara t or reset oscillator 7 10 6 12 1 1 8 9 4 5 3 1 comp 100k mic2199 fb r2 r1 vout csh vdd bst c in vin hsd q2 q1 d1 d2 c bst c out v in v out l1 vsw lsd pgnd c comp r comp 4.7f s r q control logic and pulse-width modula t or r cs g m = 0.210 -3 a v = 2 v 0.8v r1 r2 out = + 1 reference ? ? ? ? figure 2. pwm operation v dd 0v 0v 0v 0v 0a v dd v in + v dd v in v sw reset pulse v hsd v lsd i load i l1 figure 3. pwm-mode timing
micrel, inc. mic2199. january 2010 7 m9999-011310 current limit the mic2199 output current is detected by the voltage drop across the external current-sense resistor (r cs in figure 2.). the current limit threshold is 75mv20mv. the current- sense resistor must be sized using the minimum current limit threshold. the external components must be designed to withstand the maximum current limit. the current-sense resistor value is calculated by the equation below: r 55mv i cs out(max) = the maximum output current is: i 95mv r out(max) cs = the current-sense pins csh (pin 4) and v out (pin 5) are noise sensitive due to the low signal level and high input im - pedance. the pcb traces should be short and routed close to each other. a small (1nf to 0.1f) capacitor across the pins will attenuate high frequency switching noise. when the peak inductor current exceeds the current limit threshold, the current limit comparator, in figure 2, turns off the high-side mosfet for the remainder of the cycle. the output voltage drops as additional load current is pulled from the converter. when the output voltage reaches approximately 0.4v, the circuit enters frequency-foldback mode and the oscillator frequency will drop to 75khz while maintaining the peak inductor current equal to the nominal 75mv across the external current-sense resistor. this limits the maximum output power delivered to the load under a short circuit condition. reference, enable and uvlo circuits the output drivers are enabled when the following conditions are satisfed: ? the v dd voltage (pin 7) is greater than its under - voltage threshold (typically 4.25v). ? the voltage on the enable pin is greater than the enable uvlo threshold (typically 2.5v). the internal bias circuit generates a 0.8v bandgap reference voltage for the voltage error amplifer and a 5v v dd voltage for the gate drive circuit. the mic2199 uses fb (pin 3) for output voltage sensing. the enable pin (pin 2) has two threshold levels, allowing the mic2199 to shut down in a low current mode, or turn off output switching in uvlo mode. an enable pin voltage lower than the shutdown threshold turns off all the internal circuitry and reduces the input current to typically 0.1a. if the enable pin voltage is between the shutdown and uvlo thresholds, the internal bias, v dd , and reference voltages are turned on. the output drivers are inhibited from switching and remain in a low state. raising the enable voltage above the uvlo threshold of 2.5v enables the output drivers. either of two uvlo conditions will disable the mic2199 from switching. ? when the v dd drops below 4.1v ? when the enable pin drops below the 2.5v threshold mosfet gate drive the mic2199 high-side drive circuit is designed to switch an n-channel mosfet. referring to the block diagram in figure 2, a bootstrap circuit, consisting of d2 and c bst , sup - plies energy to the high-side drive circuit. capacitor c bst is charged while the low-side mosfet is on and the voltage on the v sw pin (pin 11) is approximately 0v. when the high-side mosfet driver is turned on, energy from c bst is used to turn the mosfet on. as the mosfet turns on, the voltage on the v sw pin increases to approximately v in . diode d2 is reversed biased and c bst foats high while continuing to keep the high-side mosfet on. when the low-side switch is turned back on, c bst is recharged through d2. the drive voltage is derived from the internal 5v v dd bias supply. the nominal low-side gate drive voltage is 5v and the nominal high-side gate drive voltage is approximately 4.5v due the voltage drop across d2. a fxed 80ns delay between the high- and low-side driver transitions is used to prevent current from simultaneously fowing unimpeded through both mosfets. oscillator the internal oscillator is free running and requires no external components. the nominal oscillator frequency is 500khz. if the output voltage is below approximately 0.4v, the oscillator operates in a frequency-foldback mode and the switching frequency is reduced to 75khz. v ss time f s = 75khz v out = 0.4v f s = 300khz v in = 7v v out = 3.3v figure 4. startup waveform above 0.4v, the switching frequency increases to 500khz causing the output voltage to rise a greater rate. the rise time of the output is dependent on the output capacitance, output voltage, and load current. the oscilloscope photo in figure 4 show the output voltage at startup.
january 2010 8 m9999-011310 micrel, inc. mic2199 minimum pulsewidth the mic2199 has a specifed minimum pulsewidth. this minimum pulsewidth places a lower limit on the minimum duty cycle of the buck converter. figure 5 shows the minimum output voltage versus input supply voltage for the mic2199. for example, for v in = 15v, v out = 1v would be the lowest achievable voltage that conforms to the minimum-on-time. 0.0 0.5 1.0 1.5 2.0 2.5 4.5 9.5 14.5 19.5 24.5 29.5 output voltage (v) input voltage (v) figure 5. minimum output voltage vs. input supply voltage
micrel, inc. mic2199. january 2010 9 m9999-011310 applications information following applications information includes component selec - tion and design guidelines. inductor selection values for inductance, peak, and rms currents are required to select the output inductor. the input and output voltages and the inductance value determine the peak-to-peak induc - tor ripple current. generally, higher inductance values are used with higher input voltages. larger peak-to-peak ripple currents will increase the power dissipation in the inductor and mosfets. larger output ripple currents will also require more output capacitance to smooth out the larger ripple cur - rent. smaller peak-to-peak ripple currents require a larger inductance value and therefore a larger and more expensive inductor. a good compromise between size, loss and cost is to set the inductor ripple current to be equal to 20% of the maximum output current. the inductance value is calculated by the equation below. l v (v ) v 0.2 out in(max) out in(max) s out(max) = - v f i where: f s = switching frequency 0.2 = ratio of ac ripple current to dc output current v in(max) = maximum input voltage the peak-to-peak inductor current (ac ripple current) is: i v( vv ) vf l pp out in(max) out in(max) s = ? the peak inductor current is equal to the average output current plus one half of the peak-to-peak inductor ripple current. ii 0. 5i pk out(max) pp =+ the rms inductor current is used to calculate the i 2 r losses in the inductor. ii 1 1 3 i i inductor(rms) out(max) p out(max) 2 = + ? ? ? ? ? ? maximizing effciency requires the proper selection of core material and minimizing the winding resistance. the high frequency operation of the mic2199 requires the use of fer - rite materials for all but the most cost sensitive applications. lower cost iron powder cores may be used but the increase in core loss will reduce the effciency of the power supply. this is especially noticeable at low output power. the winding resistance decreases effciency at the higher output current levels. the winding resistance must be minimized although this usually comes at the expense of a larger inductor. the power dissipated in the inductor is equal to the sum of the core and copper losses. at higher output loads, the core losses are usually insignifcant and can be ignored. at lower output currents, the core losses can be a signifcant contributor. core loss information is usually available from the magnetics vendor. copper loss in the inductor is calculated by the equation below: pi r inductor cu inductor(rms) winding 2 = the resistance of the copper wire, r winding , increases with temperature. the value of the winding resistance used should be at the operating temperature. rr 10 .0042 (t t) winding(hot) winding(20 c) hot 20 c = + ? () where: t hot = temperature of the wire under operating load t 20c = ambient temperature r winding(20c) is room temperature winding resistance (usually specifed by the manufacturer) current-sense resistor selection low inductance power resistors, such as metal flm resistors should be used. most resistor manufacturers make low induc - tance resistors with low temperature coeffcients, designed specifcally for current-sense applications. both resistance and power dissipation must be calculated before the resis - tor is selected. the value of r sense is chosen based on the maximum output current and the maximum threshold level. the power dissipated is based on the maximum peak output current at the minimum overcurrent threshold limit. r 55mv i sense out(max) = the maximum overcurrent threshold is: i 95mv r overcurrent(max) cs = the maximum power dissipated in the sense resistor is: pi r d(r ) overcurrent(max) 2 cs sense = mosfet selection external n-channel logic-level power mosfets must be used for the high- and low-side switches. the mosfet gate-to-source drive voltage of the mic2199 is regulated by an internal 5v v dd regulator. logic-level mosfets, whose operation is specifed at v gs = 4.5v must be used. it is important to note the on-resistance of a mosfet in- creases with increasing temperature. a 75c rise in junction temperature will increase the channel resistance of the mos- fet by 50% to 75% of the resistance specifed at 25c. this change in resistance must be accounted for when calculating mosfet power dissipation. total gate charge is the charge required to turn the mosfet on and off under specifed operating conditions (v ds and v gs ). the gate charge is supplied by the mic2199 gate drive circuit. at 500khz switching frequency, the gate charge can be a signifcant source of power dissipation in the mic2199. at low output load this power dissipation is noticeable as a reduction in effciency. the average current required to drive the high-side mosfet is: iq f g[high - side](avg) gs =
january 2010 10 m9999-011310 micrel, inc. mic2199 where: i g[high-side](avg) = average high-side mosfet gate current q g = total gate charge for the high-side mosfet taken from manufacturers data sheet with v gs = 5v. f s = 300khz the low-side mosfet is turned on and off at v ds = 0 because the freewheeling diode is conducting during this time. the switching losses for the low-side mosfet is usually negli - gible. also, the gate drive current for the low-side mosfet is more accurately calculated using c iss at v ds = 0 instead of gate charge. for the low-side mosfet: ic vf g[low - side](avg) iss gs s = since the current from the gate drive comes from the input voltage, the power dissipated in the mic2199 due to gate drive is: pv ii gatedrive in g[high - side](avg) g[low - side](avg) =+ () a convenient fgure of merit for switching mosfets is the on-resistance times the total gate charge (r ds(on) q g ). lower numbers translate into higher effciency. low gate- charge logic-level mosfets are a good choice for use with the mic2199. power dissipation in the mic2199 package limits the maximum gate drive current. parameters that are important to mosfet switch selection are: ? voltage rating ? on-resistance ? total gate charge the voltage rating of the mosfets are essentially equal to the input voltage. a safety factor of 20% should be added to the v ds(max) of the mosfets to account for voltage spikes due to circuit parasitics. the power dissipated in the switching transistor is the sum of the conduction losses during the on-time (p conduction ) and the switching losses that occur during the period of time when the mosfets turn on and off (p ac ). pp p sw conduction ac =+ where: pi r conduction sw(rms) sw 2 = pp p ac ac(off) ac(on) =+ r sw = on-resistance of the mosfet switch. making the assumption the turn-on and turnoff transition times are equal, the transition time can be approximated by: t cv cv i t iss gs oss in g = + where: c iss and c oss are measured at v ds = 0. i g = gate drive current (1a for the mic2199) the total high-side mosfet switching loss is: p ( vv )i tf ac in dp kt s =+ where: t t = switching transition time (typically 20ns to 50ns) v d = freewheeling diode drop, typically 0.5v. f s it the switching frequency, nominally 300khz the low-side mosfet switching losses are negligible and can be ignored for these calculations. rms current and mosfet power dissipation calculation under normal operation, the high-side mosfets rms cur- rent is greatest when v in is low (maximum duty cycle). the low-side mosfets rms current is greatest when v in is high (minimum duty cycle). however, the maximum stress the mosfets see occurs during short circuit conditions, where the output current is equal to i overcurrent(max) . (see the sense resistor section). the calculations below are for normal operation. to calculate the stress under short circuit conditions, substitute i overcurrent(max) for i out(max) . use the formula below to calculate d under short circuit condi - tions. d0 .063 1. 81 0v shortcircuit 3 in =? ? the rms value of the high-side switch current is: id i i 12 sw(high side)(rms) out(max) 2 pp 2 ? = + ? ? ? ? ? ? i1 di i 12 sw(low side)(rms) out(max) 2 pp 2 ? =? () + ? ? ? ? ? ? where: d = duty cycle of the converter d v v out in = = effciency of the converter. converter effciency depends on component parameters, which have not yet been selected. for design purposes, an effciency of 90% can be used for v in less than 10v and 85% can be used for v in greater than 10v. the effciency can be more accurately calculated once the design is complete. if the assumed effciency is grossly inaccurate, a second iteration through the design procedure can be made. for the high-side switch, the maximum dc power dissipa - tion is: pr i switch 1(dc) ds(on) 1 sw 1(rms) 2 =
micrel, inc. mic2199. january 2010 11 m9999-011310 for the low-side switch (n-channel mosfet), the dc power dissipation is: pr i switch 2(dc) ds(on) 2 sw 2(rms) 2 = since the ac switching losses for the low side mosfet is near zero, the total power dissipation is: pp lo w- side mosfet(max) switch2(dc) = the total power dissipation for the high side mosfet is: pp p high side mosfet(max) switch 1(dc) ac ? =+ external schottky diode an external freewheeling diode is used to keep the inductor current fow continuous while both mosfets are turned off. this dead time prevents current from fowing unimpeded through both mosfets and is typically 80ns the diode conducts twice during each switching cycle. although the average current through this diode is small, the diode must be able to handle the peak current. ii 2 80ns f d(avg) out s = the reverse voltage requirement of the diode is: vv diode(rrm) in = the power dissipated by the schottky diode is: pi v diode d(avg) f = where: v f = forward voltage at the peak diode current the external schottky diode, d2, is not necessary for circuit operation since the low-side mosfet contains a parasitic body diode. the external diode will improve effciency and decrease high frequency noise. if the mosfet body diode is used, it must be rated to handle the peak and average cur - rent. the body diode has a relatively slow reverse recovery time and a relatively high forward voltage drop. the power lost in the diode is proportional to the forward voltage drop of the diode. as the high-side mosfet starts to turn on, the body diode becomes a short circuit for the reverse recovery period, dissipating additional power. the diode recovery and the circuit inductance will cause ringing during the high-side mosfet turn-on. an external schottky diode conducts at a lower forward voltage preventing the body diode in the mosfet from turning on. the lower forward voltage drop dissipates less power than the body diode. the lack of a reverse recovery mechanism in a schottky diode causes less ringing and less power loss. depending on the circuit components and operating condi - tions, an external schottky diode will give a 1/2% to 1% improvement in effciency. output capacitor selection the output capacitor values are usually determined by the capacitors esr (equivalent series resistance). voltage rating and rms current capability are two other important factors in selecting the output capacitor. recommended capacitors are tantalum, low-esr aluminum electrolytics, and os-con. the output capacitors esr is usually the main cause of output ripple. the maximum value of esr is calculated by: r v i esr out pp ? where: v out = peak-to-peak output voltage ripple i pp = peak-to-peak inductor ripple current the total output ripple is a combination of the esr and the output capacitance. the total ripple is calculated below: ? v i( 1d ) cf ir out pp out s 2 pp esr 2 = ? ? ? ? ? ? ? + () where: d = duty cycle c out = output capacitance value f s = switching frequency the voltage rating of capacitor should be twice the output voltage for a tantalum and 20% greater for an aluminum electrolytic or os-con. the output capacitor rms current is calculated below: i i 12 c pp out(rms) = the power dissipated in the output capacitor is: pi r diss(c c esr(c ) out out(rms) 2 out ) = input capacitor selection the input capacitor should be selected for ripple current rating and voltage rating. tantalum input capacitors may fail when subjected to high inrush currents, caused by turning the input supply on. tantalum input capacitor voltage rating should be at least 2 times the maximum input voltage to maximize reliability. aluminum electrolytic, os-con, and multilayer polymer flm capacitors can handle the higher inrush currents without voltage derating. the input voltage ripple will primarily depend on the input capacitors esr. the peak input current is equal to the peak inductor current, so: ? vi r in inductor(peak) esr(c ) in = the input capacitor must be rated for the input current ripple. the rms value of input capacitor current is determined at the maximum output current. assuming the peak-to-peak inductor ripple current is low: ii d( 1d ) c (rms) out(max) in ? ? the power dissipated in the input capacitor is: pi r diss(c ) c (rms) esr(c ) in in 2 in =
january 2010 12 m9999-011310 micrel, inc. mic2199 voltage setting components the mic2199 requires two resistors to set the output voltage as shown in figure 6. error amp 3 mic2199 fb v ref 0.8v r2 r1 figure 6. voltage-divider confguration the output voltage is determined by the equation: vv 1 r1 r2 o ref = + ? ? ? ? ? ? where: v ref for the mic2199 is typically 0.8v. a typical value of r1 can be between 3k and 10k. if r1 is too large it may allow noise to be introduced into the volt - age feedback loop. if r1 is too small in value it will decrease the effciency of the power supply, especially at low output loads. once r1 is selected, r2 can be calculated using: r2 vr 1 vv ref o ref = ? voltage divider power dissipation the reference voltage and r2 set the current through the voltage divider. i v r2 divider ref = the power dissipated by the divider resistors is: p( r1 r2) i divider divider 2 =+ effciency calculation and considerations effciency is the ratio of output power to input power. the difference is dissipated as heat in the buck converter. under light output load, the signifcant contributors are: ? supply current to the mic2199 ? mosfet gate-charge power (included in the ic supply current) ? core losses in the output inductor to maximize effciency at light loads: ? use a low gate-charge mosfet or use the small- est mosfet, which is still adequate for maximum output current. ? use a ferrite material for the inductor core, which has less core loss than an mpp or iron power core. under heavy output loads the signifcant contributors to power loss are (in approximate order of magnitude): ? resistive on-time losses in the mosfets ? switching transition losses in the mosfets ? inductor resistive losses ? current-sense resistor losses ? input capacitor resistive losses (due to the capaci - tors esr) to minimize power loss under heavy loads: ? use logic-level, low on-resistance mosfets. multiplying the gate charge by the on-resistance gives a fgure of merit, providing a good balance between low and high load effciency. ? slow transition times and oscillations on the voltage and current waveforms dissipate more power during turn-on and turnoff of the mosfets. a clean layout will minimize parasitic inductance and capacitance in the gate drive and high current paths. this will allow the fastest transition times and waveforms without oscillations. low gate-charge mosfets will transition faster than those with higher gate- charge requirements. ? for the same size inductor, a lower value will have fewer turns and therefore, lower winding re - sistance. however, using too small of a value will require more output capacitors to flter the output ripple, which will force a smaller bandwidth, slower transient response and possible instability under certain conditions. ? lowering the current-sense resistor value will decrease the power dissipated in the resistor. however, it will also increase the overcurrent limit and will require larger mosfets and inductor components. ? use low-esr input capacitors to minimize the power dissipated in the capacitors esr.
micrel, inc. mic2199. january 2010 13 m9999-011310 decoupling capacitor selection the 4.7f decoupling capacitor is used to minimize noise on the v dd pin. the placement of this capacitor is critical to the proper operation of the ic. it must be placed right next to the pins and routed with a wide trace. the capacitor should be a good quality tantalum. an additional 1f ceramic capacitor may be necessary when driving large mosfets with high gate capacitance. incorrect placement of the v dd decoupling capacitor will cause jitter or oscillations in the switching wave - form and large variations in the overcurrent limit. a 0.1f ceramic capacitor is required to decouple the v in . the capacitor should be placed near the ic and connected directly to between pin 6 (v in ) and pin 9 (gnd). pcb layout and checklist pcb layout is critical to achieve reliable, stable and effcient performance. a ground plane is required to control emi and minimize the inductance in power, signal and return paths. the following guidelines should be followed to insure proper operation of the circuit. ? signal and power grounds should be kept separate and connected at only one location. large currents or high di/dt signals that occur when the mosfets turn on and off must be kept away from the small signal connections. ? the connection between the current-sense resis- tor and the mic2199 current-sense inputs (pin 4 and 5) should have separate traces, through a 10 resistor on each pin. the traces should be routed as closely as possible to each other and their length should be minimized. avoid running the traces under the inductor and other switching components. the 10 resistor should be placed close as possible to pins 4 and 5 on the mic2199 and a 1nf to 0.1f capacitor placed between pins 4 and 5 will help attenuate switching noise on the current sense traces. this capacitor should be placed close to pins 4 and 5. ? when the high-side mosfet is switched on, the critical fow of current is from the input capacitor through the mosfet, inductor, sense resistor, output capacitor, and back to the input capacitor. these paths must be made with short, wide pieces of trace. it is good practice to locate the ground terminals of the input and output capacitors close to each. ? when the low-side mosfet is switched on, cur- rent fows through the inductor, sense resistor, output capacitor, and mosfet. the source of the low-side mosfet should be located close to the output capacitor. ? the freewheeling diode, d1 in figure 2, conducts current during the dead time, when both mosfets are off. the anode of the diode should be located close to the output capacitor ground terminal and the cathode should be located close to the input side of the inductor. ? the 4.7f capacitor, which connects to the v dd terminal (pin 7) must be located right at the ic. the v dd terminal is very noise sensitive and placement of this capacitor is very critical. connections must be made with wide trace. the capacitor may be located on the bottom layer of the board and con - nected to the ic with multiple vias. ? the v in bypass capacitor should be located close to the ic and connected between pins 6 and 9. connections should be made with a ground and power plane or with short, wide trace.
january 2010 14 m9999-011310 micrel, inc. mic2199 package information 12-pin 44 mlf ? (ml) micrel, inc. 2180 fortune drive san jose, ca 95131 usa t e l + 1 (408) 944-0800 f a x + 1 (408) 474-1000 w e b http://www.micrel.com the information furnished by micrel in this datasheet is believed to be accurate and reliable. however, no responsibility is assumed by micrel for its use. micrel reserves the right to change circuitry and specifcations at any time without notifcation to the customer. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a signifcant injury to the user. a purchasers use or sale of micrel products for use in life support appliances, devices or systems is at purchasers own risk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. ? 2003 micrel, inc.


▲Up To Search▲   

 
Price & Availability of MIC2199YML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X