Part Number Hot Search : 
C74AC LM324 33AXI 5933B NTE175 10032 MUR1540 AD832
Product Description
Full Text Search
 

To Download HI3-0547-5Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? fn3150.5 hi-546, hi-547, hi-548, hi-549 single 16 and 8, diff erential 8-channel and 4-channel cmos analog muxs with active overvoltage protection the hi-546, hi-547, hi-548 and hi-549 are analog multiplexers with active overvoltage protection and guaranteed r on matching. analog input levels may greatly exceed either power supply without damaging the device or disturbing the signal path of other channels. active protection circuitry assures that signal fidelity is maintained even under fault conditions that would destroy other multiplexers. analog inputs can withstand constant 70v p-p levels with 15v supplies. digital inputs will also sustain continuous faults up to 4v greater than either supply. in addition, signal sources are protected from short circuiting should multiplexer supply loss occu r. each input presents 1k ? of resistance under this condition. these features make the hi-546, hi-547, hi-548 and hi- 549 ideal for use in systems where the analog inputs originate from external equipment or separately powered circuitry. all devices are fabricated with 44v dielectrically isolated cmos technology. the hi-546 is a single 16-channel, t he hi-547 is an 8-channel differential, the hi-548 is a single 8-channel and the hi-549 is a 4-channel differential device. if input overvoltage protection is not needed the hi-506/507/508/509 multiplexers are recommended. for further information see application notes an520 and an521. for mil-std-883 compliant par ts, request the hi-546/883, hi-547/883, hi-548/883 and hi-549/883 datasheets. features  analog overvoltage protection. . . . . . . . . . . . . . . . . . 70v p-p  no channel interaction during overvoltage  guaranteed r on matching  maximum power supply. . . . . . . . . . . . . . . . . . . . . . . 44v  break-before-make switching  analog signal range . . . . . . . . . . . . . . . . . . . . . . . . 15v  access time (typical) . . . . . . . . . . . . . . . . . . . . . . . 500ns  standby power (typical). . . . . . . . . . . . . . . . . . . . . 7.5mw  pb-free plus anneal available (rohs compliant) applications  data acquisition  industrial controls  telemetry data sheet september 21, 2005 caution: these devices are sensitive to electrostatic discharge; follow proper ic handling procedures. 1-888-intersil or 321-724-7143 | intersil (and design) is a registered trademark of intersil americas inc. copyright ? intersil americas inc. 2003, 2005. all rights reserved all other trademarks mentioned are the property of their respective owners.
2 ordering information part number part marking temp. range ( o c) package pkg. dwg. # hi1-0546-5 hi1-546-5 0 to 75 28 ld cerdip f28.6 hi1-0546-2 hi1-546-2 -55 to 125 28 ld cerdip f28.6 hi3-0546-5 hi3-546-5 0 to 75 28 ld pdip e28.6 hi4p0546-5 hi4p546-5 0 to 75 28 ld plcc n28.45 hi4p0546-5z (note) hi4p546-5z 0 to 75 28 ld plcc (pb-free) n28.45 hi9p0546-9** hi9p546-9 -40 to 85 28 ld soic m28.3 hi9p0546-9z** (note) hi9p546-9z -40 to 85 28 ld soic (pb-free) m28.3 hi1-0547-5 hi1-547-5 0 to 75 28 ld cerdip f28.6 hi3-0547-5 hi3-547-5 0 to 75 28 ld pdip e28.6 HI3-0547-5Z (note) HI3-0547-5Z 0 to 75 28 ld pdip* (pb-free) e28.6 hi4p0547-5 hi4p547-5 0 to 75 28 ld plcc n28.45 hi4p0547-5z (note) hi4p547-5z 0 to 75 28 ld plcc (pb-free) n28.45 hi9p0547-9 hi9p547-9 -40 to 85 28 ld soic m28.3 hi9p0547-9z (note) hi9p547-9z -40 to 85 28 ld soic (pb-free) m28.3 hi1-0548-2 hi1-548-2 -55 to 125 16 ld cerdip f16.3 hi1-0548-5 hi1-548-5 0 to 75 16 ld cerdip f16.3 hi3-0548-5 hi3-548-5 0 to 75 16 ld pdip e16.3 hi4p0548-5 hi4p548-5 0 to 75 20 ld plcc n20.35 hi9p0548-5** hi9p548-5 0 to 75 16 ld soic m16.15 hi9p0548-5z** (note) hi9p548-5z 0 to 75 16 ld soic (pb-free) m16.15 hi9p0548-9 hi9p548-9 -40 to 85 16 ld soic m16.15 hi9p0548-9z (note) hi9p548-9z -40 to 85 16 ld soic (pb-free) m16.15 hi1-0549-2 hi1-549-2 -55 to 125 16 ld cerdip f16.3 hi3-0549-5 hi3-549-5 0 to 75 16 ld pdip e16.3 hi4p0549-5 hi4p549-5 0 to 75 20 ld plcc n20.35 hi4p0549-5z (note) hi4p549-5z 0 to 75 20 ld plcc (pb-free) n20.35 hi9p0549-9 hi9p549-9 -40 to 85 16 ld soic m16.15 hi9p0549-9z (note) hi9p549-9z -40 to 85 16 ld soic (pb-free) m16.15 * pb-free pdips can be used for through hole wave solder processing only. they are not intended for us e in reflow solder processing applications. **add ?96? suffix for tape and reel. note: intersil pb-free plus anneal products employ special pb-free material sets; molding compounds /die attach materials and 100% matte tin plate termination finish, which are rohs compliant and compatible with both snpb and pb-free soldering operations. intersil pb-free products are msl classi fied at pb-free peak reflow temperatures that meet or exceed the pb-free requirements of ipc/jedec j std-020. ordering information (continued) part number part marking temp. range ( o c) package pkg. dwg. # pinouts hi-546 (cerdip, pdip, soic) top view hi-547 (cerdip, pdip, soic) top view +v supply nc nc in 16 in 15 in 14 in 13 in 12 in 11 in 10 in 9 gnd v ref address a 3 out in 8 in 7 in 6 in 5 in 3 in 1 enable address a 0 address a 1 address a 2 -v supply in 4 in 2 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 +v supply out b nc in 8b in 7b in 6b in 5b in 4b in 3b in 2b in 1b gnd v ref nc out a in 8a in 7a in 6a in 5a in 3a in 1a enable address a 0 address a 1 address a 2 -v supply in 4a in 2a 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 hi-546, hi-547, hi-548, hi-549
3 hi-546 (plcc) top view hi-547 (plcc) top view hi-548 (cerdip, pdip, soic) top view hi-549 (cerdip, pdip, soic) top view hi-548 (plcc) top view hi-549 (plcc) top view pinouts (continued) in 15 in 14 in 13 in 12 in 11 in 10 in 9 in 16 nc nc +v supply out -v supply in 8 gnd v ref a 3 a 2 a 1 enable a 0 in 7 in 6 in 5 in 4 in 3 in 2 in 1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 in 7b in 6b in 5b in 4b in 3b in 2b in 1b in 8b nc out b +v supply out a -v supply in 8a gnd v ref nc a 2 a 1 enable a 0 in 7a in 6a in 5a in 4a in 3a in 2a in 1a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 a 0 enable -v supply in 1 in 2 in 3 out in 4 a 1 gnd +v supply in 5 in 6 in 7 in 8 a 2 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 a 0 enable -v supply in 1a in 2a in 3a out a in 4a a 1 +v supply in 1b in 2b in 3b in 4b out b gnd -v supply in 1 nc in 2 in 3 enable a 0 nc a 1 a 2 in 4 out nc in 8 in 7 gnd +v supply nc in 5 in 6 19 3 2 20 1 15 16 17 18 14 9 10 11 12 13 4 5 6 7 8 -v supply in 1a nc in 2a in 3a enable a 0 nc a 1 gnd in 4a out a nc out b in 4b +v supply in 1b nc in 2b in 3b 19 3 2 20 1 15 16 17 18 14 9 10 11 12 13 4 5 6 7 8 hi-546, hi-547, hi-548, hi-549
4 truth table hi-546 a 3 a 2 a 1 a 0 en ?on? channel xxxxl none llllh 1 lllhh 2 llhlh 3 l lhhh 4 lhllh 5 lhlhh 6 lhhlh 7 lhhhh 8 hlllh 9 hllhh 10 hlhlh 11 hlhhh 12 hhl lh 13 hhlhh 14 hhhlh 15 hhhhh 16 truth table hi-547 a 2 a 1 a 0 en ?on? channel pair x x x l none lllh 1 llhh 2 lhlh 3 lhhh 4 hllh 5 hlhh 6 hhlh 7 hhhh 8 truth table hi-548 a 2 a 1 a 0 en ?on? channel x x x l none lllh 1 llhh 2 lhlh 3 lhhh 4 hllh 5 hlhh 6 hhlh 7 hhhh 8 truth table hi-549 a 1 a 0 en ?on? channel pair x x l none llh 1 lhh 2 hlh 3 hhh 4 truth table hi-547 (continued) a 2 a 1 a 0 en ?on? channel pair functional diagrams hi-546 hi-547 decoder/ driver ? ? ? ? out in 1 in 2 in 16 ? digital input v ref a 0 a 1 a 2 ? en level shift 5v ref overvoltage clamp and signal isolation protection a 3 1k 1k 1k decoder/ driver ? ? ? out in 1a in 8a in 8b ? digital input v ref a 0 a 1 a 2 ? en level shift 5v ref overvoltage clamp and signal isolation protection 1k 1k 1k 1k a out b in 1b hi-546, hi-547, hi-548, hi-549
5 hi-548 hi-549 functional diagrams (continued) decoder/ driver ? ? ? out in 1 in 2 in 8 ? digital input a 0 a 1 a 2 ? en level shift 5v ref overvoltage clamp and signal isolation protection 1k 1k 1k decoder/ driver ? ? out in 1a in 4a in 4b ? digital input a 0 a 1 ? en level shift 5v ref overvoltage clamp and signal isolation protection 1k 1k 1k 1k a out b in 1b schematic diagrams address decoder p n a 0 or a 0 to n-channel device of the switch a 1 or a 1 a 2 or a 2 a 3 or a 3 enable pp pp p p v+ v- n n n n nn to p-channel device of the switch delete a 3 or a 3 input for hi-547, hi-548, hi-549 delete a 2 or a 2 input for hi-549 hi-546, hi-547, hi-548, hi-549
6 multiplex switch schematic diagrams (continued) in from decode r11 1k v+ p d6 d7 q6 from decode overvoltage protection v- q5 d4 d5 n n n p out hi-546, hi-547, hi-548, hi-549
7 address input buffer and level shifter schematic diagrams (continued) level shifter p n p n n p n p v ref add in n p n p p n p n n p n p level shifted address to ttl reference circuit v+ r10 r9 q1 q4 d3 gnd overvoltage protection d2 r1 200 v- ? d1 v+ r2 r3 gnd v+ v- decode r4 r5 r7 r8 r6 hi-546, hi-547, hi-548, hi-549
8 absolute maximum ratings thermal information v+ to v- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+44v v+ to gnd . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+22v v- to gnd. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25v digital input voltage (v en , v a ) . . . . . . . . . . . . . (v-) -4v to (v+) +4v analog signal (v in , v out ). . . . . . . . . . . . . . . (v-) -20v to (v+) +20v or 20ma, whichever occurs first continuous current, in or out . . . . . . . . . . . . . . . . . . . . . . . . 20ma peak current, in or out (pulsed 1ms, 10% duty cycle max) . . 40ma operating conditions temperature ranges hi-546/548/549-2 . . . . . . . . . . . . . . . . . . . . . . . . . -55 o c to 125 o c hi-546/547/548/549-5 . . . . . . . . . . . . . . . . . . . . . . . 0 o c to 75 o c hi-546/547/548/549-9 . . . . . . . . . . . . . . . . . . . . . . -40 o c to 85 o c thermal resistance (typical, note 1) ja ( o c/w) jc ( o c/w) 16 ld cerdip package . . . . . . . . . . . 85 32 28 ld cerdip package . . . . . . . . . . . 55 18 28 ld pdip package*. . . . . . . . . . . . . 60 n/a 16 ld pdip package . . . . . . . . . . . . . 90 n/a 28 ld plcc package . . . . . . . . . . . . . 70 n/a 20 ld plcc package . . . . . . . . . . . . . 80 n/a 28 ld soic package . . . . . . . . . . . . . 75 n/a 16 ld soic package . . . . . . . . . . . . . 105 n/a maximum junction temperature ceramic packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .175 o c plastic packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .150 o c maximum storage temperature range . . . . . . . . . . -65 o c to 150 o c maximum lead temperature (soldering 10s) . . . . . . . . . . . . .300 o c (plcc, soic - lead tips only) *pb-free pdips can be used for through hole wave solder processing only. they are not intended for use in reflow solder processing applications. caution: stresses above those listed in ?a bsolute maximum ratings? may cause permanent damage to the device. this is a stress o nly rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. note: 1. ja is measured with the component mount ed on an evaluation pc board in free air. electrical specifications supplies = +15v, -15v; v ref pin = open; v ah (logic level high) = 4v; v al (logic level low) = 0.8v; unless otherwise specified. for test condit ions, consult test circuits section parameter test conditions temp ( o c) -2 -5, -9 units min typ max min typ max switching characteristics access time, t a 25 - 0.5 - - 0.5 - s full - - 1.0 - - 1.0 s break-before make delay, t open 25 25 80 - 25 80 - ns enable delay (on), t on(en) 25 - 300 500 - 300 - ns full - - 1000 - - 1000 ns enable delay (off), t off(en) 25 - 300 500 - 300 - ns full - - 1000 - - 1000 ns settling time to 0.1% 25 - 1.2 - - 1.2 - s to 0.01% 25 - 3.5 - - 3.5 - s off isolation note 6 25 50 68 - 50 68 - db channel input capacitance, c s(off) 25-10- -10-pf channel output capacitance c d(off) hi-546 25 - 52 - - 52 - pf hi-547 25 - 30 - - 30 - pf hi-548 25 - 25 - - 25 - pf hi-549 25 - 12 - - 12 - pf input to output capacitance, c ds(off) 25 - 0.1 - - 0.1 - pf digital input characteristics input low threshold, ttl drive, v al full - - 0.8 - - 0.8 v input high threshold, v ah (note 8) full 4.0 - - 4.0 - - v mos drive, v al (hi-546/547 only) v ref = 10v 25 - - 0.8 - - 0.8 v hi-546, hi-547, hi-548, hi-549
9 mos drive, v ah (hi-546/547 only) v ref = 10v 25 6.0 - - 6.0 - - v input leakage current (high or low), i a note 5 full - - 1.0 - - 1.0 a analog channel characteristics analog signal range, v in full -15 - +15 -15 - +15 v on resistance, r on note 2 25 - 1.2 1.5 - 1.5 1.8 k ? full - 1.5 1.8 - 1.8 2.0 k ? ? r on , (any two channels) 25 - - 7.0 - - 7.0 % off input leakage current, i s(off) note 3 25 - 0.03 - - 0.03 - na full - - 50 - - 50 na off output leakage current, i d(off) note 3 25 - 0.1 - - 0.1 - na hi-546 full - - 300 - - 300 na hi-547 full - - 200 - - 200 na hi-548 full - - 200 - - 200 na hi-549 full - - 100 - - 100 na i d(off) with input overvoltage applied note 4 25 - 4.0 - - 4.0 - na full--2.0--- a on channel leakage current, i d(on) note 3 25 - 0.1 - - 0.1 - na hi-546 full - - 300 - - 300 na hi-547 full - - 200 - - 200 na hi-548 full - - 200 - - 200 na hi-549 full - - 100 - - 100 na differential off output leakage current i diff (hi-547, hi-549 only) full - - 50 - - 50 na power supply characteristics power dissipation, p d full - 7.5 - - 7.5 - mw current, i+ note 7 full - 0.5 2.0 - 0.5 2.0 ma current, i- note 7 full - 0.02 1.0 - 0.02 1.0 ma notes: 2. v out = 10v, i out = 100 a. 3. 10na is the practical lower limit for high speed measurement in the production test environments. 4. analog overvoltage = 33v. 5. digital input leakage is primarily due to the clamp diodes (see schematic). ty pical leakage is less than 1na at 25 o c. 6. v en = 0.8v, r l = 1k, c l = 15pf, v s = 7v rms , f = 100khz. 7. v en , v a = 0v or 4v. 8. to drive from dtl/ttlcircuits, 1k ? pull-up resistors to +5v supply are recommended. electrical specifications supplies = +15v, -15v; v ref pin = open; v ah (logic level high) = 4v; v al (logic level low) = 0.8v; unless otherwise specified. for test condit ions, consult test circuits section (continued) parameter test conditions temp ( o c) -2 -5, -9 units min typ max min typ max hi-546, hi-547, hi-548, hi-549
10 test circuits and waveforms t a = 25 o c, v supply = 15v, v ah = 4v, v al = 0.8v, v ref = open, unless otherwise specified figure 1a. on resistance test circuit figure 1b. on resistance vs analog input voltage figure 1c. normalized on resistance vs supply voltage figure 1. on resistance figure 2a. leakage current vs temperature figure 2b. i d(off) test circuit (note 9) 100 a out in v in r on = v 2 100 a v 2 1.4 1.3 1.2 1.1 1.0 0.9 0.8 -10-8-6-4-20246810 analog input (v) on resistance (k ?) 125 o c 25 o c -55 o c 0.7 0.6 1.4 1.3 1.2 1.1 1.0 0.9 0.8 5 6 7 8 9 101112131415 1.5 normalized on resistance (referred to value at 15v) supply voltage ( v) 100na 10na 1na 100pa 10pa leakage current 25 50 75 100 125 temperature ( o c) off output current i d(off) off input leakage current i s(off) on leakage current i d(on) a out 10v 10v en i d(off) +0.8v hi-546, hi-547, hi-548, hi-549
11 figure 2c. i s(off) test circuit (note 9) figure 2d. i d(on) test circuit (note 9) note: 9. two measurements per channel: 10v and 10v. (two measurements per device for i d(off) : 10v and 10v.) figure 2. leakage currents figure 3a. analog input current and output off leakage current vs analog input over-voltage figure 3b. test circuit figure 3. analog input overvoltage characteristics figure 4a. on channel current vs voltage figure 4b. test circuit figure 4. on channel current test circuits and waveforms t a = 25 o c, v supply = 15v, v ah = 4v, v al = 0.8v, v ref = open, unless otherwise specified (continued) 10v 10v +0.8v en a out i s(off) a out i d(on) 10v 10v 4v en 15 18 21 24 27 30 33 36 analog input overvoltage ( v) analog input current (ma) 18 15 12 9 0 6 3 output off leakage current (na) 5 4 3 2 1 0 analog input current (i in ) output off leakage current id (off) i d(off) a v in a i in 0 2 4 6 8 10 12 14 0 14 12 10 8 6 4 2 voltage across switch ( v) switch current (ma) -55 o c 25 o c 125 o c a v in hi-546, hi-547, hi-548, hi-549
12 figure 5a. supply current vs toggle frequency figure 5b. test circuit figure 5. dynamic supply current figure 6a. access time vs logic level (high) figure 6b. test circuit figure 6c. measurement points figure 6d. waveforms figure 6. access time test circuits and waveforms t a = 25 o c, v supply = 15v, v ah = 4v, v al = 0.8v, v ref = open, unless otherwise specified (continued) 8 6 4 2 0 1k toggle frequency (hz) supply current (ma) 10k 100k 1m 10m v supply = 10v v supply = 15v +15v/+10v v+ v- in 1 in 2 in 16 out a 0 en a 1 10m ? 14pf a 3 a 2 50 ? v a +4v gnd a -15v/-10v a -i supply +i supply 10v/ 5v thru in 15 hi-546 ? ? similar connection for hi-547/hi-548/hi-549. 10v/ 5v 900 700 500 300 3 access time (ns) logic level (high) (v) 579 15 13 11 800 600 400 4 6 8101214 v ref = open for logic high level < 6v v ref = logic high for lo gic high levels > 6v 10v +15v v+ v- in 1 in 2 thru in 16 out a 0 en a 1 10k ? 50pf a 3 a 2 50 ? v a +4v gnd -15v 10v in 15 hi-546 ? ? similar connection for hi-547/hi-548/hi-549. v ref v ah = 4.0v 10% +10v 0v output -10v t a address drive (v a ) 50% 200ns/div. v a input 2v/div. output 5v/div. s 16 on s 1 on hi-546, hi-547, hi-548, hi-549 s 1 on s 16 on v a input 2v/div. output 0.5v/div. 100ns/div.
13 figure 7a. test circuit figure 7b. measurement points figure 7c. waveforms figure 7. break-before-make delay figure 8a. test circuit figure 8b. measurement points test circuits and waveforms t a = 25 o c, v supply = 15v, v ah = 4v, v al = 0.8v, v ref = open, unless otherwise specified (continued) in 1 in 2 thru in 16 out a 0 en a 1 50pf v out a 3 a 2 50 ? v a +4v gnd 1k ? in 15 hi-546 ? ? similar connection for hi-547/hi-548/hi-549 +5v 50% 50% v ah = 4v 0v output address drive (v a ) t open in 1 in 2 thru out a 0 en a 1 50pf a 3 a 2 v a gnd 1k ? +10v in16 hi-546 ? ? similar connection for hi-547/hi-548/hi-549 50 ? v out 50% 90% t on(en) v ah = 4v 0v output t off(en) 10% 50% enable drive (v a ) 0v hi-546, hi-547, hi-548, hi-549
14 figure 8c. waveforms figure 8. enable delays test circuits and waveforms t a = 25 o c, v supply = 15v, v ah = 4v, v al = 0.8v, v ref = open, unless otherwise specified (continued) disabled output 2v/div. enable 100ns/div. drive 2v/div. enabled (s 1 on) hi-546, hi-547, hi-548, hi-549
15 die characteristics die dimensions: 83.9 mils x 159 mils metallization: ty p e : c u a l thickness: 16k ? 2k ? substrate potential (note): -v supply passivation: type: nitride over silox nitride thickness: 3.5k ? 1k ? silox thickness: 12k ? 2k ? worst case current density: 1.4 x 10 5 a/cm 2 transistor count: 485 process: cmos-di note: the substrate appears resistive to the -v supply terminal, therefore it may be left floating (insulating die mount) or it may be mounted on a conductor at -v supply potential. metallization mask layouts hi-546 hi-547 in 9 in 10 in 11 in 12 in 13 in 14 in 15 in 16 v- (27) +v (1) nc (2) in 1 in 2 in 3 in 4 in 5 in 6 in 7 in 8 en a 0 a 1 a 2 v ref gnd (18) (17) (16) (15) (13) (12) (19) (20) (21) (22) (23) (24) (25) (26) (4) (5) (6) (7) (8) (9) (10) (11) out (28) a 3 (14) in 1b in 2b in 3b in 4b in 5b in 6b in 7b in 8b v- (27) +v (1) out b(2) in 1a in 2a in 3a in 4a in 5a in 6a in 7a in 8a en a 0 a 1 a 2 nc v ref gnd (18) (17) (16) (15) (14) (13) (12) (19) (20) (21) (22) (23) (24) (25) (26) (4) (5) (6) (7) (8) (9) (10) (11) out a (28) hi-546, hi-547, hi-548, hi-549
16 die characteristics die dimensions: 83 mils x 108 mils metallization: ty p e : c u a l thickness: 16k ? 2k ? substrate potential (note): -v supply passivation: type: nitride over silox nitride thickness: 3.5k ? 1k ? silox thickness: 12k ? 2k ? worst case current density: 1.4 x 10 5 a/cm transistor count: 253 process: cmos-di note: the substrate appears resistive to the -v supply terminal, therefore it may be left floating (insulating die mount) or it may be mounted on a conductor at -v supply potential. metallization mask layouts hi-548 hi-549 in 6 in 7 in 8 out in 4 in 3 in 1 in 2 -v a 0 a 1 a 2 en in 5 gnd +v (11) (10) (9) (8) (7) (6) (12) (13) (14) (5) (4) (3) (15) (16) (1) (2) in 3b in 4b out b out a in 4a in 3a in 1a in 2a -v a 0 a 1 gnd en in 2b +v in 1b (11) (10) (9) (8) (7) (6) (12) (13) (14) (5) (4) (3) (15) (16) (1) (2) hi-546, hi-547, hi-548, hi-549
17 hi-546, hi-547, hi-548, hi-549
18 hi-546, hi-547, hi-548, hi-549 ceramic dual-in-line frit seal packages (cerdip) notes: 1. index area: a notch or a pin one identification mark shall be locat- ed adjacent to pin one and shall be located within the shaded area shown. the manufacturer?s identification shall not be used as a pin one identification mark. 2. the maximum limits of lead di mensions b and c or m shall be measured at the centroid of the finished lead surfaces, when solder dip or tin plate lead finish is applied. 3. dimensions b1 and c1 apply to lead base metal only. dimension m applies to lead plating and finish thickness. 4. corner leads (1, n, n/2, and n/2+1) may be configured with a partial lead paddle. for this co nfiguration dimension b3 replaces dimension b2. 5. this dimension allows for off- center lid, meniscus, and glass overrun. 6. dimension q shall be measured from the seating plane to the base plane. 7. measure dimension s1 at all four corners. 8. n is the maximum number of terminal positions. 9. dimensioning and tolerancing per ansi y14.5m - 1982. 10. controlling dimension: inch. bbb c a - b s c q l a seating base d plane plane -d- -a- -c- -b- d e s1 b2 b a e m c1 b1 (c) (b) section a-a base lead finish metal e a/2 a m s s ccc c a - b m d s s aaa ca - b m d s s e a f28.6 mil-std-1835 gdip1-t28 (d-10, configuration a) 28 lead ceramic dual-in-line frit seal package symbol inches millimeters notes min max min max a - 0.232 - 5.92 - b 0.014 0.026 0.36 0.66 2 b1 0.014 0.023 0.36 0.58 3 b2 0.045 0.065 1.14 1.65 - b3 0.023 0.045 0.58 1.14 4 c 0.008 0.018 0.20 0.46 2 c1 0.008 0.015 0.20 0.38 3 d - 1.490 - 37.85 5 e 0.500 0.610 12.70 15.49 5 e 0.100 bsc 2.54 bsc - ea 0.600 bsc 15.24 bsc - ea/2 0.300 bsc 7.62 bsc - l 0.125 0.200 3.18 5.08 - q 0.015 0.060 0.38 1.52 6 s1 0.005 - 0.13 - 7 90 o 105 o 90 o 105 o - aaa - 0.015 - 0.38 - bbb - 0.030 - 0.76 - ccc - 0.010 - 0.25 - m - 0.0015 - 0.038 2, 3 n28 288 rev. 0 4/94
19 hi-546, hi-547, hi-548, hi-549 dual-in-line plastic packages (pdip) notes: 1. controlling dimensions: inch. in case of conflict between english and metric dimensions, the inch dimensions control. 2. dimensioning and tolerancing per ansi y14.5m - 1982. 3. symbols are defined in the ?mo series symbol list? in section 2.2 of publication no. 95. 4. dimensions a, a1 and l are m easured with the package seated in jedec seating plane gauge gs - 3. 5. d, d1, and e1 dimensions do not include mold flash or protrusions. mold flash or protrusions shal l not exceed 0.010 inch (0.25mm). 6. e and are measured with the leads constrained to be perpendic- ular to datum . 7. e b and e c are measured at the lead tips with the leads unconstrained. e c must be zero or greater. 8. b1 maximum dimensions do not include dambar protrusions. dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. n is the maximum number of terminal positions. 10. corner leads (1, n, n/2 and n/2 + 1) for e8.3, e16.3, e18.3, e28.3, e42.6 will have a b1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm). e a -c- c l e e a c e b e c -b- e1 index 12 3 n/2 n area seating base plane plane -c- d1 b1 b e d d1 a a2 l a1 -a- 0.010 (0.25) c a m bs e28.6 (jedec ms-011-ab issue b) 28 lead dual-in-line plastic package symbol inches millimeters notes min max min max a - 0.250 - 6.35 4 a1 0.015 - 0.39 - 4 a2 0.125 0.195 3.18 4.95 - b 0.014 0.022 0.356 0.558 - b1 0.030 0.070 0.77 1.77 8 c 0.008 0.015 0.204 0.381 - d 1.380 1.565 35.1 39.7 5 d1 0.005 - 0.13 - 5 e 0.600 0.625 15.24 15.87 6 e1 0.485 0.580 12.32 14.73 5 e 0.100 bsc 2.54 bsc - e a 0.600 bsc 15.24 bsc 6 e b - 0.700 - 17.78 7 l 0.115 0.200 2.93 5.08 4 n28 289 rev. 1 12/00
20 hi-546, hi-547, hi-548, hi-549 plastic leaded chip carrier packages (plcc) notes: 1. controlling dimension: inch. c onverted millimeter dimensions are not necessarily exact. 2. dimensions and toleranc ing per ansi y14.5m-1982. 3. dimensions d1 and e1 do not include mold protrusions. allowable mold protrusion is 0.010 inch (0 .25mm) per side. dimensions d1 and e1 include mold mismatch and are measured at the extreme material condition at the body parting line. 4. to be measured at seating plane contact point. 5. centerline to be determined where center leads exit plastic body. 6. ?n? is the number of terminal positions. -c- a1 a seating plane 0.020 (0.51) min view ?a? d2/e2 0.025 (0.64) 0.045 (1.14) r 0.042 (1.07) 0.056 (1.42) 0.050 (1.27) tp e e1 0.042 (1.07) 0.048 (1.22) pin (1) identifier c l d1 d 0.020 (0.51) max 3 plcs 0.026 (0.66) 0.032 (0.81) 0.045 (1.14) min 0.013 (0.33) 0.021 (0.53) 0.025 (0.64) min view ?a? typ. 0.004 (0.10) c -c- d2/e2 c l n28.45 (jedec ms-018ab issue a) 28 lead plastic leaded chip carrier package symbol inches millimeters notes min max min max a 0.165 0.180 4.20 4.57 - a1 0.090 0.120 2.29 3.04 - d 0.485 0.495 12.32 12.57 - d1 0.450 0.456 11.43 11.58 3 d2 0.191 0.219 4.86 5.56 4, 5 e 0.485 0.495 12.32 12.57 - e1 0.450 0.456 11.43 11.58 3 e2 0.191 0.219 4.86 5.56 4, 5 n28 286 rev. 2 11/97
21 hi-546, hi-547, hi-548, hi-549 small outline plastic packages (soic) notes: 1. symbols are defined in the ?mo series symbol list? in section 2.2 of publication number 95. 2. dimensioning and tolerancing per ansi y14.5m - 1982. 3. dimension ?d? does not include mo ld flash, protrusions or gate burrs. mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. dimension ?e? does not include in terlead flash or protrusions. in- terlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. the chamfer on the body is optional . if it is not present, a visual index feature must be located within the crosshatched area. 6. ?l? is the length of terminal for soldering to a substrate. 7. ?n? is the number of terminal positions. 8. terminal numbers are shown for reference only. 9. the lead width ?b?, as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch) 10. controlling dimension: millimeter. converted inch dimen- sions are not necessarily exact. index area e d n 123 -b- 0.25(0.010) c a m bs e -a- l b m -c- a1 a seating plane 0.10(0.004) h x 45 o c h 0.25(0.010) b m m m28.3 (jedec ms-013-ae issue c ) 28 lead wide body small outline plastic package symbol inches millimeters notes min max min max a 0.0926 0.1043 2.35 2.65 - a1 0.0040 0.0118 0.10 0.30 - b 0.013 0.0200 0.33 0.51 9 c 0.0091 0.0125 0.23 0.32 - d 0.6969 0.7125 17.70 18.10 3 e 0.2914 0.2992 7.40 7.60 4 e 0.05 bsc 1.27 bsc - h 0.394 0.419 10.00 10.65 - h 0.01 0.029 0.25 0.75 5 l 0.016 0.050 0.40 1.27 6 n28 287 0 o 8 o 0 o 8 o - rev. 0 12/93
22 hi-546, hi-547, hi-548, hi-549 ceramic dual-in-line frit seal packages (cerdip) notes: 1. index area: a notch or a pin one identification mark shall be locat- ed adjacent to pin one and shall be located within the shaded area shown. the manufacturer?s identification shall not be used as a pin one identification mark. 2. the maximum limits of lead di mensions b and c or m shall be measured at the centroid of the finished lead surfaces, when solder dip or tin plate lead finish is applied. 3. dimensions b1 and c1 apply to lead base metal only. dimension m applies to lead plating and finish thickness. 4. corner leads (1, n, n/2, and n/2+1) may be configured with a partial lead paddle. for this co nfiguration dimension b3 replaces dimension b2. 5. this dimension allows for off- center lid, meniscus, and glass overrun. 6. dimension q shall be measured from the seating plane to the base plane. 7. measure dimension s1 at all four corners. 8. n is the maximum number of terminal positions. 9. dimensioning and tolerancing per ansi y14.5m - 1982. 10. controlling dimension: inch. bbb c a - b s c q l a seating base d plane plane -d- -a- -c- -b- d e s1 b2 b a e m c1 b1 (c) (b) section a-a base lead finish metal e a/2 a m s s ccc c a - b m d s s aaa ca - b m d s s e a f16.3 mil-std-1835 gdip1-t16 (d-2, configuration a) 16 lead ceramic dual-in-line frit seal package symbol inches millimeters notes min max min max a - 0.200 - 5.08 - b 0.014 0.026 0.36 0.66 2 b1 0.014 0.023 0.36 0.58 3 b2 0.045 0.065 1.14 1.65 - b3 0.023 0.045 0.58 1.14 4 c 0.008 0.018 0.20 0.46 2 c1 0.008 0.015 0.20 0.38 3 d - 0.840 - 21.34 5 e 0.220 0.310 5.59 7.87 5 e 0.100 bsc 2.54 bsc - ea 0.300 bsc 7.62 bsc - ea/2 0.150 bsc 3.81 bsc - l 0.125 0.200 3.18 5.08 - q 0.015 0.060 0.38 1.52 6 s1 0.005 - 0.13 - 7 90 o 105 o 90 o 105 o - aaa - 0.015 - 0.38 - bbb - 0.030 - 0.76 - ccc - 0.010 - 0.25 - m - 0.0015 - 0.038 2, 3 n16 168 rev. 0 4/94
23 hi-546, hi-547, hi-548, hi-549 dual-in-line plastic packages (pdip) notes: 1. controlling dimensions: inch. in case of conflict between english and metric dimensions, the inch dimensions control. 2. dimensioning and tolerancing per ansi y14.5m - 1982. 3. symbols are defined in the ?mo series symbol list? in section 2.2 of publication no. 95. 4. dimensions a, a1 and l are measured with the package seated in je- dec seating plane gauge gs - 3. 5. d, d1, and e1 dimensions do not include mold flash or protrusions. mold flash or protrusions shal l not exceed 0.010 inch (0.25mm). 6. e and are measured with the leads constrained to be perpendic- ular to datum . 7. e b and e c are measured at the lead tips with the leads unconstrained. e c must be zero or greater. 8. b1 maximum dimensions do not include dambar protrusions. dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. n is the maximum number of terminal positions. 10. corner leads (1, n, n/2 and n/2 + 1) for e8.3, e16.3, e18.3, e28.3, e42.6 will have a b1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm). e a -c- c l e e a c e b e c -b- e1 index 12 3 n/2 n area seating base plane plane -c- d1 b1 b e d d1 a a2 l a1 -a- 0.010 (0.25) c a m bs e16.3 (jedec ms-001-bb issue d) 16 lead dual-in-line plastic package symbol inches millimeters notes min max min max a - 0.210 - 5.33 4 a1 0.015 - 0.39 - 4 a2 0.115 0.195 2.93 4.95 - b 0.014 0.022 0.356 0.558 - b1 0.045 0.070 1.15 1.77 8, 10 c 0.008 0.014 0.204 0.355 - d 0.735 0.775 18.66 19.68 5 d1 0.005 - 0.13 - 5 e 0.300 0.325 7.62 8.25 6 e1 0.240 0.280 6.10 7.11 5 e 0.100 bsc 2.54 bsc - e a 0.300 bsc 7.62 bsc 6 e b - 0.430 - 10.92 7 l 0.115 0.150 2.93 3.81 4 n16 169 rev. 0 12/93
24 all intersil u.s. products are manufactured, asse mbled and tested utilizin g iso9000 quality systems. intersil corporation?s quality certifications c an be viewed at www.intersil.com/design/quality intersil products are sold by description only. intersil corporation reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnishe d by intersil is believed to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of paten ts or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. for information regarding intersil corporation and its products, see www.intersil.com hi-546, hi-547, hi-548, hi-549 plastic leaded chip carrier packages (plcc) a1 a seating plane 0.020 (0.51) min view ?a? d2/e2 0.025 (0.64) 0.045 (1.14) r 0.042 (1.07) 0.056 (1.42) 0.050 (1.27) tp e e1 0.042 (1.07) 0.048 (1.22) pin (1) identifier c l d1 d 0.020 (0.51) max 3 plcs 0.026 (0.66) 0.032 (0.81) 0.045 (1.14) min 0.013 (0.33) 0.021 (0.53) 0.025 (0.64) min view ?a? typ. 0.004 (0.10) c -c- d2/e2 c l notes: 1. controlling dimension: inch. conv erted millimeter dimensions are not necessarily exact. 2. dimensions and toleranc ing per ansi y14.5m-1982. 3. dimensions d1 and e1 do not include mold protrusions. allowable mold protrusion is 0.010 inch (0.25mm) per side. dimensions d1 and e1 include mold mismatch and are measured at the extreme material condition at the body parting line. 4. to be measured at seating plane contact point. 5. centerline to be determined where center leads exit plastic body. 6. ?n? is the number of terminal positions. -c- n20.35 (jedec ms-018aa issue a) 20 lead plastic leaded chip carrier package symbol inches millimeters notes min max min max a 0.165 0.180 4.20 4.57 - a1 0.090 0.120 2.29 3.04 - d 0.385 0.395 9.78 10.03 - d1 0.350 0.356 8.89 9.04 3 d2 0.141 0.169 3.59 4.29 4, 5 e 0.385 0.395 9.78 10.03 - e1 0.350 0.356 8.89 9.04 3 e2 0.141 0.169 3.59 4.29 4, 5 n20 206 rev. 2 11/97


▲Up To Search▲   

 
Price & Availability of HI3-0547-5Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X