Part Number Hot Search : 
SA5212 STMP3600 HCU04 HFS2N70S E005643 D6283 2SC5301 B40C3300
Product Description
Full Text Search
 

To Download HD74HC1G86 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HD74HC1G86 2?nput exclusive?r gate ade-205-300b (z) 3rd. edition april 2001 description the HD74HC1G86 is high speed cmos two input exclusive?r gate using silicon gate cmos process. with cmos low power dissipation, it provides high speed equivalent to ls?tl series. the internal circuit of three stages construction with buffer provides wide noise margin and stable output. features the basic gate function is lined up as hitachi uni logic series. supplied on emboss taping for high speed automatic mounting. electrical characteristics equivalent to the hd74hc86 supply voltage range : 2 to 6 v operating temperature range : ?0 to +85 c |i oh | = i ol = 2 ma (min) outline and article indication ?HD74HC1G86 marking = control code ( or blank) h 8 index band cmpak?
HD74HC1G86 2 function table inputs output y ab lll lhh hlh hhl h : high level l : low level pin arrangement (top view) 5 4 v cc 1 2 3 in b in a gnd out y
HD74HC1G86 3 absolute maximum ratings item symbol ratings unit test conditions supply voltage range v cc ?.5 to 7.0 v input voltage range *1 v i ?.5 to v cc + 0.5 v output voltage range *1, 2 v o ?.5 to v cc + 0.5 v output : h or l input clamp current i ik 20 ma v i < 0 or v i > v cc output clamp current i ok 20 ma v o < 0 or v o >v cc continuous output current i o 25 ma v o = 0 to v cc continuous current through v cc or gnd i cc or i gnd 25 ma maximum power dissipation at ta = 25 c (in still air) *3 p t 200 mw storage temperature tstg ?5 to 150 c notes: the absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. 1. the input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. this value is limited to 5.5 v maximum. 3. the maximum package power dissipation was caluculated using a junction temperature of 150 c. recommended operating conditions item symbol min max unit test conditions supply voltage range v cc 26v input voltage range v i 0v cc v output voltage range v o 0v cc v output current i ol 2.0 ma v cc = 4.5 v 2.6 v cc = 6.0 v i oh ?.0 ma v cc = 4.5 v ?.6 v cc = 6.0 v input rise / fall time t r , t f 0 1000 ns v cc = 2.0 v (10% to 90%) 0 500 v cc = 4.5 v 0 400 v cc = 6.0 v operating temperature ta ?0 85 c note: unused or floating inputs must be held high or low.
HD74HC1G86 4 electrical characteristics item symbol v cc t a = 25 c t a = ?0 to 85 c unit test conditions (v) min typ max min max input voltage v ih 2.0 1.5 1.5 v 4.5 3.15 3.15 6.0 4.2 4.2 v il 2.0 0.5 0.5 4.5 1.35 1.35 6.0 1.8 1.8 output voltage v oh 2.0 1.9 2.0 1.9 v v in =i oh = ?0 m a 4.5 4.4 4.5 4.4 v ih or v il 6.0 5.9 6.0 5.9 4.5 4.18 4.31 4.13 i oh = ? ma 6.0 5.68 5.80 5.63 i oh = ?.6 ma v ol 2.0 0.0 0.1 0.1 i ol = 20 m a 4.5 0.0 0.1 0.1 6.0 0.0 0.1 0.1 4.5 0.17 0.26 0.33 i ol = 2 ma 6.0 0.18 0.26 0.33 i ol = 2.6 ma input current i in 6.0 0.1 1.0 m av in = v cc or gnd operating current i cc 6.0 1.0 10.0 m av in = v cc or gnd
HD74HC1G86 5 switching characteristics item symbol t a = 25 c unit test conditions min typ max output rise / fall time t tlh t thl 4 8 ns test circuit propagation delay time t plh t phl 10 17 ns test circuit (c l = 15 pf, t r = t f = 6 ns, v cc = 5 v) item symbol t a = 25 c t a = ?0 to 85 c unit test conditions v cc min typ max min max output rise / fall time t tlh 2.0 50 125 155 ns test circuit t thl 4.5 14 25 31 6.0 12 21 26 propagation delay time t plh 2.0 48 100 125 ns test circuit t phl 4.5 12 20 25 6.0 9 17 21 input capacitance c in 2.5 5 5 pf equivalent capacitance c pd 10 pf (c l = 50 pf, t r = t f = 6 ns) note: c pd is equivalent capacitance inside of the ic calculated from the operating current without load (see test circuit). the average operating current without load is calculated according to the expression below. i cc (opr) = c pd v cc f in + i cc
HD74HC1G86 6 test circuit pulse generator 50 w c l input output v cc note: 1. c includes probe and jig capacitance. l input in phase output 90% 50% 10% t plh t phl v cc gnd v oh v ol t phl t plh 90% 50% 10% 50% 50% 50% 50% waveforms out of phase output t thl t tlh 90% 10% v oh v ol 90% 10% r t = 6 ns f t = 6 ns
HD74HC1G86 7 package dimensions hitachi code jedec eiaj mass (reference value) cmpak-5 conforms 0.006 g 2.0 0.2 1.3 0.2 (0.65) 5 ?0.2 0.05 (0.65) (0.425) (0.425) 1.25 0.1 2.1 0.3 (0.2) 0.9 0.1 0.15 0 ?0.1 + 0.1 ?0.05 as of january, 2001 unit: mm
HD74HC1G86 8 cautions 1. hitachi neither warrants nor grants licenses of any rights of hitachi? or any third party? patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party? rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi? sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi? sales office for any questions regarding this document or hitachi semiconductor products. hitachi, ltd. semiconductor & integrated circuits. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 copyright ?hitachi, ltd., 2001. all rights reserved. printed in japan. hitachi asia ltd. hitachi tower 16 collyer quay #20-00, singapore 049318 tel : <65>-538-6533/538-8577 fax : <65>-538-6933/538-3877 url : http://www.hitachi.com.sg url northamerica : http://semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia : http://sicapac.hitachi-asia.com japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. (taipei branch office) 4/f, no. 167, tun hwa north road, hung-kuo building, taipei (105), taiwan tel : <886>-(2)-2718-3666 fax : <886>-(2)-2718-8180 telex : 23222 has-tp url : http://www.hitachi.com.tw hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower, world finance centre, harbour city, canton road tsim sha tsui, kowloon, hong kong tel : <852>-(2)-735-9218 fax : <852>-(2)-730-0281 url : http://semiconductor.hitachi.com.hk hitachi europe gmbh electronic components group dornacher stra? 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi europe ltd. electronic components group. whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 585200 hitachi semiconductor (america) inc. 179 east tasman drive, san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to: colophon 3.0


▲Up To Search▲   

 
Price & Availability of HD74HC1G86

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X