output noise 0.5% rms, 1% pk-pk, 20 mhz bandwidth, diferential mode. measured with noise probe directly across output terminals of the power supply. transient response main output500 s typical response time for return to within 0.5% of fnal value for a 50% load step change. fi/ft<0.2 a/s. maximum voltage deviation is 3.5%. startup/shutdown overshoot less than 3%. remote sense provided as a standard feature on single-output models. voltage adjustment built-in potentiometer adjusts voltage 5% on outputs 1 & 2. emi/emc compliance all models include built-in emi fltering to meet the following emissions requirements: ac input 85-264 vac, 47-63 hz single phase. input current maximum input current at 120 vac, 60 hz with full rated output load: 2.3 a hold-up time 20 ms minimum from loss of ac input at full load, nominal line (115 vac). output power 80 w continuous, 110 w with air fow. peak ratings are for 60 s maximum duration, 10% duty cycle. during peak load condition, output regulation may exceed total regulation limits. overload protection fully protected against short circuit and output overload. short circuit protec - tion is cycling type power limit on outputs 1 & 2; foldback type on outputs 3 & 4. recovery after fault is automatic. factory set to begin power limiting at 120 w. see output ratings chart for additional notes or conditions. overvoltage protection main outputs: 124% 12% typical. efciency 70% at full rated load, nominal input voltage, depending on model and load distribution. input protection internal ac fuse provided. designed to blow only if a catastrophic failure oc - curs in the unit. inrush current inrush is limited by internal thermistors. inrush at 240 vac under cold start conditions will not exceed 34 a. temperature coefcient 0.03%/c typical on all outputs. environmental designed for 0 to 50c operation at full rated output power; derate output current and total output power by 2.5% per c above 50c. see environmen - tal and packaging specifcations on next page. power fail (optional) ttl- or cmos-compatible output goes low (< 0.5 v) 5 ms before output voltage drops more than 4% below nominal voltage upon loss of ac power. the signal is factory set to trip on 84 to 94 vac brown-out depending upon incoming line impedance and distortion. other settings are available to the user through adjustment of built-in potentiometer (consult factory for as - sistance). for power fail option, add -pf after model number. gpc80 commercial/gpm80 medical 80 watt global single and multiple output performance switchers ? wide-range ac input 85-264 vac ? 2-year warranty ? conducted emi exceeds fcc class b and cispr 22 class b (commercial models) and cispr 11 class b (medical models) ? commercial approved to ul1950, iec950, en60950 and csa22.2-234 l3 ? medical approved to ul2601-1, iec601-1 and csa22.2 no. 601.1 ? complies with en61000-3-2 class a ? rohs compliant model available (g sufx) performance medical switchers all specifcations are typical at nominal input, full load at 25 o c unless otherwise stated features: specifications emi specifications compliance level conducted emissions gpc80 conducted emissions gpm80 static discharge rf field susceptibility fast transients/bursts surge susceptibility line frequency harmonics en55022 class b; fcc class b en55011class b; fcc class b en61000-4-2, 6 kv contact, 8 kv air en61000-4-3, 3 v/meter en61000-4-4, 2 kv, 5 khz en61000-4-5, 1 kv dif., 2 kv com. en61000-3-2 class a commercial leakage current 0.7 ma 254 vac @ 60 hz input. commercial safety approved to ul1950, csa22.2 no. 234 level 3, iec950 and en60950. ul fle #e135803 commercial; csa #lr46516 all. the output(s) are intended for safety earthed signal output and intermediate circuits only. all dc outputs are selv under normal and single fault conditions. medical leakage current 35 a 254 vac @ 60 hz input. medical commercial safety approved to ul2601-1, csa-c22.2 no. 601.1 level 3 and iec601.1. ul fle e116994; csa #lr46516. the output(s) are intended for safety earthed signal output and intermediate circuits only. the output(s) are not acceptable for patient connection without additional isolation. all dc outputs are selv under normal and single fault conditions.
sl power electronics, inc. 6050 king drive, bldg. a, ventura, ca, 93003, usa. phone: (805) 486 4565 fax: (805) 487 8911 email: sl@slpower.com rev. 12/06. data sheet ? 2006 sl power electronics, inc. the information and specifcations contained in this data sheet are believed to be correct at time of publication. however, sl power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. specifcations are subject to change without notice. environmental specifications operating non-operating temperature (a) see individual specs -40 to +85c humidity (a) 0 to 95% rh 0 to 95% rh shock (b) 20 g pk 40 g pk altitude -500 to 10,000 ft -500 to 40,000 ft vibration (c) 1.5 g rms 0.003 g 2 /hz 5 g rms 0.026 g 2 /hz gpc80/gpm80 mechanical specifications * add g sufx to part number for rohs compliant model. contact factory for availability. a. total regulation is defned as the maximum deviation from the nominal voltage for all steady-state conditions of initial voltage setting, input line voltage and output load. b. ratings for unrestricted natural convection cooling; output 1 & 2 combined load not to exceed 14a continuous; total power = 80w. c. ratings with 26 cfm forced air cooling; output 1 & 2 combined load not to exceed 16a continuous; total power = 110w. d. to maintain these regulation conditions, the +5v current must be at least 1/4 of v2 and not greater than 5 times the v2 current. requires +5v to be adjusted within 1% with at least a 1a load to maintain regulation on this input. e. for power fail option, add -pf after the model number. a. units should be allowed to warm up/operate under non-condensing conditions before application of power. b. shock testinghalf-sinusoidal, 10 3 ms duration, direction, 3 orthogonal axes, total 6 shocks. c. random vibration10 to 2000hz, 6db/octave roll-of from 350 to 2000hz, 3 orthogonal axes. tested for 10 min./axis operating and 1 hr./axis non-operating. commercial model medical model rohs sufx* output no. output output minimum output maximum (b) output maximum ( c ) output peak noise p-p total regulation (a) gpc80a gpm80a g 1 2 3 4 +5 v +12 v -12 v +12 v 1.0 a 0 a 0 a 0 a 12 a 3 a 1 a 1 a 12 a 4 a 1.2 a 1.2 a 16 a 5 a 1.2 a 1.2 a 50 mv 120 mv 120 mv 120 mv 2% 2% 3% 3% gpc80b gpm80b g 1 2 3 4 +5 v +12 v -12 v -5 v 1.0 a 0 a 0 a 0 a 12 a 3 a 1 a 1 a 12 a 4 a 1.2 a 1.2 a 16 a 5 a 1.2 a 1.2 a 50 mv 120 mv 120 mv 50 mv 2% 2% 3% 3% gpc80c gpm80c g 1 2 3 4 +5 v +12 v -15 v +15 v 1 a 0 a 0 a 0 a 12 a 3 a 1 a 1 a 12 a 4 a 1.2 a 1.2 a 16 a 5 a 1.2 a 1.2 a 50 mv 120 mv 150 mv 150 mv 2% 2% 3% 3% gpc80d gpm80d g 1 2 3 4 +5 v +24 v -12 v +12 v 1 a 0 a 0 a 0 a 12 a 2 a 1 a 1 a 12 a 3 a 1.2 a 1.2 a 16 a 4 a 1.2 a 1.2 a 50 mv 240 mv 120 mv 120 mv 2% 2% 3% 3% gpc80 e gpm80e g 1 2 3 4 +5 v +24 v -15 v +15 v 1 a 0 a 0 a 0 a 12 a 2 a 1 a 1 a 12 a 3 a 1.2 a 1.2 a 16 a 4 a 1.2 a 1.2 a 50 mv 240 mv 150 mv 150 mv 2% 2% 3% 3% gpc80p gpm80p g 1 2 3 4 +5 v +24 v -12 v +12 v 1 a 0.5 a 0 a 0 a 12 a 3.5 a 1 a 2 a 12 a 4.5 a 1.2 a 2 a 16 a 4.5 a 1.2 a 2.5 a 50 mv 400 mv 120 mv 120 mv 2% +10%/-5% d 3% 3% gpc80-5 gpm80-5 g 1 5 v 0 a 16 a 20 a 22 a 50 mv 2% gpc80-12 gpm80-12 g 1 12 v 0 a 6.7 a 9.2 a 9.2 a 120 mv 2% GPC80-15 gpm80-15 g 1 15 v 0 a 5.3 a 7.3 a 7.3 a 150 mv 2% gpc80-24 gpm80-24 g 1 24 v 0 a 3.4 a 4.6 a 4.6 a 240 mv 2% gpc80-28 gpm80-28 g 1 28 v 0 a 2.9 a 3.9 a 3.9 a 280 mv 2% gpc80-48 gpm80-48 g 1 48 v 0 a 1.7 a 2.3 a 2.3 a 480 mv 2%
|