Part Number Hot Search : 
TLGD233 AD813 P756E90 DWR2G AP451 BR406 AD813 M38C81M2
Product Description
Full Text Search
 

To Download DSCC05001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dscc 05001 www.vishay.com vishay vitramon revision: 12-apr-12 1 document number: 45068 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount multilayer ceramic chip capacitors high frequency dscc qualified type 05001 features ? us defense supply center approved ? federal stock control number, cage code shv71 ? case size 0805 ? high frequency ? excellent aging characteristics ? tin/lead termination code z ? lead (pb)-free termi nations code m ? surface mount, wet build process ? reliable noble metal electrode (nme) system ? made with a combination of design, materials and tight process control to achieve very high field reliability ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note * lead (pb)-containing terminations are not rohs-compliant. exemptions may apply. applications ? broadband wireless communication ? satellite communication ? wifi (802.11) and wimax (802.16) ? volp networks and cellular base stations ? subscriber based wireless devices electrical specifications note ? electrical characteristics at 25 c unless otherwise specified operating temperature: - 55 c to + 125 c capacitance range: 1.0 pf to 100 pf voltage rating: 50 v dc to 250 v dc temperature coefficient of capacitance (tcc): bp: 0 ppm/c 30 ppm/c from - 55 c to + 125 c with zero (0) v dc applied dissipation f actor (df): bp: 0.05 % max. at 1.0 v rms and 1 mhz aging rate : 0 % maximum per decade insulation resistance (ir): at + 25 c and rated voltage 100 000 m ? minimum or 1000 ? f, whichever is less at + 125 c and rated voltage 10 000 m ? minimum or 100 ? f, whichever is less dielectric strength test : performed per method 103 of eia-198-2-e. applied test voltages ? 250 v dc -rated: 200 % of rated voltage
dscc 05001 www.vishay.com vishay vitramon revision: 12-apr-12 2 document number: 45068 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) dc voltage rating should no t be exceeded in application (2) selecting one of the group c options with life testing may exte nd the delivery time quick reference data dielectric case code maximum voltage (v) capacitance minimum maximum bp 0805 250 1.0 pf 100 pf ordering information 05001- 1r0 b c z - c dscc number capacitance nominal code dc voltage rating (1) capacitance tolerance termination group c testing option (2) packaging 0805 case size high frequency expressed in picofarads (pf) the first two di gits are significant, the third is a multiplier. an r indicates a decimal point. examples: 1r0 = 1.0 pf a = 50 v b = 100 v c = 200 v k = 250 v b = 0.10 pf c = 0.25 pf d = 0.50 pf f = 1 % g = 2 % j = 5 % k = 10 % m = 20 % note: b, c, d ? 6.2 pf b, c, j, k, m 6.8 pf to 9.1 pf f, g, j, k, m ? 10 pf m = silver palladium z = ni barrier with tin/lead plate min. 4 % lead c = full group c l = 2000 h life test only m = 1000 h life test only h = low voltage humidity test only - = no group c testing t = 7" reel/plastic tape c = 7" reel/paper tape o = 7" reel/flamed paper tape j = 7" reel (low quantity) r = 11 1/4"/13" reel/plastic tape p = 11 1/4"/13" reel/paper tape i = 11 1/4"/13" reel /flamed paper tape b = bulk note: i and o is used for m termination code dimensions in inches (millimeters) part ordering number length (l) width (w) maximum thickness (t) terminations pad (p) minimum maximum 05001- 0.079 0.008 (2.00 0.20) 0.049 0.008 (1.25 0.20) 0.055 (1.40) 0.010 (0.25) 0.030 (0.76) l w t max. p
dscc 05001 www.vishay.com vishay vitramon revision: 12-apr-12 3 document number: 45068 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ?? paper carrier and ? plastic carrier tape selection chart dielectric bp style 05001 tolerance case code 0805 voltage (v dc ) 50 100 200 250 voltage code a b c k cap. code cap. 1r0 1.0 pf ?? ?? ?? ?? b, c 1r1 1.1 pf ?? ?? ?? ?? b, c, d 1r2 1.2 pf ?? ?? ?? ?? b, c, d 1r3 1.3 pf ?? ?? ?? ?? b, c, d 1r4 1.4 pf ?? ?? ?? ?? b, c, d 1r5 1.5 pf ?? ?? ?? ?? b, c, d 1r6 1.6 pf ?? ?? ?? ?? b, c, d 1r7 1.7 pf ?? ?? ?? ?? b, c, d 1r8 1.8 pf ?? ?? ?? ?? b, c, d 1r9 1.9 pf ?? ?? ?? ?? b, c, d 2r0 2.0 pf ?? ?? ?? ?? b, c, d 2r1 2.1 pf ?? ?? ?? ?? b, c, d 2r2 2.2 pf ?? ?? ?? ?? b, c, d 2r4 2.4 pf ?? ?? ?? ?? b, c, d 2r7 2.7 pf ?? ?? ?? ?? b, c, d 3r0 3.0 pf ?? ?? ?? ?? b, c, d 3r3 3.3 pf ?? ?? ?? ?? b, c, d 3r6 3.6 pf ?? ?? ?? ?? b, c, d 3r9 3.9 pf ?? ?? ?? ?? b, c, d 4r3 4.3 pf ?? ?? ?? ?? b, c, d 4r7 4.7 pf ?? ?? ?? ?? b, c, d 5r1 5.1 pf ?? ?? ?? ?? b, c, d 5r6 5.6 pf ?? ?? ?? ?? b, c, d 6r2 6.2 pf ?? ?? ?? ?? b, c, d 6r8 6.8 pf ?? ?? ?? ?? b, c, j, k, m 7r5 7.5 pf ?? ?? ?? ?? b, c, j, k, m 8r2 8.2 pf ?? ?? ?? ?? b, c, j, k, m 9r1 9.1 pf ?? ?? ?? ?? b, c, j, k, m 100 10 pf ?? ?? ?? ?? f, g, j, k, m 110 11 pf ?? ?? ?? ?? f, g, j, k, m 120 12 pf ?? ?? ?? ?? f, g, j, k, m 130 13 pf ?? ?? ?? ?? f, g, j, k, m 150 15 pf ?? ?? ?? ?? f, g, j, k, m 180 18 pf ?? ?? ?? ?? f, g, j, k, m 200 20 pf ?? ?? ?? ?? f, g, j, k, m 220 22 pf ?? ?? ?? ?? f, g, j, k, m 240 24 pf ?? ?? ?? ?? f, g, j, k, m 270 27 pf ?? ?? ?? ?? f, g, j, k, m 300 30 pf ?? ?? ?? ?? f, g, j, k, m 330 33 pf ?? ?? ?? ?? f, g, j, k, m 360 36 pf ?? ?? ?? ?? f, g, j, k, m 390 39 pf ?? ?? ?? ?? f, g, j, k, m 430 43 pf ?? ?? ?? ?? f, g, j, k, m 470 47 pf ?? ?? ?? ?? f, g, j, k, m 510 51 pf ?? ?? ?? ?? f, g, j, k, m 560 56 pf ?? ?? ?? ?? f, g, j, k, m 620 62 pf ?? ?? ? ? f, g, j, k, m 680 68 pf ?? ?? ? ? f, g, j, k, m 750 75 pf ?? ?? ? ? f, g, j, k, m 820 82 pf ?? ?? ? ? f, g, j, k, m 910 91 pf ?? ?? ? ? f, g, j, k, m 101 100 pf ?? ?? ? ? f, g, j, k, m
dscc 05001 www.vishay.com vishay vitramon revision: 12-apr-12 4 document number: 45068 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) reference: eia standard rs 481 - taping of surface mount components for automatic placement dscc packaging quantities (1) case code tape size 7" reel quantities 11 1/4" and 13" reel quantities bulk packaging code c/o/t packaging code j packaging code p/i/r vial packaging code b 0805 8 mm 3000 1000 10 000 100 storage and handling conditions (1) store the components at 5 c to + 40 c ambient temperature and ? 70 % related humidity conditions. (2) the product is recommended to be used within a time-frame of 2 years after shipment. check solderability in case extended shelf life beyond the expiry date is needed. precautions: a. do not store products in an environment containing corrosive elements, especially where chloride gas, sulfide gas, acid, alka li, salt or the like are present. this may cause corrosion or oxidization of the terminations, which can easily lead to poor soldering. b. store products on the shelf and av oid exposure to mo isture or dust. c. do not expose products to excessive shoc k, vibration, direct sunlight and so on.
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of DSCC05001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X