Part Number Hot Search : 
RFP450 CJ110 2SD12 TK40J60U 2SB766 55NF03 85230 MHW932
Product Description
Full Text Search
 

To Download BTD1664M3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c223m3 issued date : 2003.05.26 revised date : page no. : 1/4 BTD1664M3 cystek product specification low vcesat npn epitaxial planar transistor BTD1664M3 features ? the BTD1664M3 is designed for general purpose low frequency power amplifier applications. ? low v ce (sat), v ce (sat)=0.15v (typical), at i c / i b = 400ma / 20ma ? complementary to btb1132m3 symbol outline absolute maximum ratings (ta=25 c) parameter symbol limits unit collector-base voltage v cbo 40 v collector-emitter voltage v ceo 20 v emitter-base voltage v ebo 5 v collector current (dc) i c 800 ma collector current (pulse) i cp 1.5 (note 1) a power dissipation pd 0.5 w power dissipation pd 2 (note 2) w junction temperature tj 150 c storage temperature tstg -55~+150 c note : 1. single pulse, pw = 20ms, duty 2%. 2. when mounted on a 40 40 0.7 mm ceramic board. sot-89 BTD1664M3 b base c collector e emitter b c e
cystech electronics corp. spec. no. : c223m3 issued date : 2003.05.26 revised date : page no. : 2/4 BTD1664M3 cystek product specification characteristics (ta=25 c) symbol min. typ. max. unit test conditions bv cbo 40 - - v i c =10a, ie=0 bv ceo 20 - - v i c =1ma, ib=0 bv ebo 5 - - v i e =10a, ic=0 i cbo - - 0.5 a v cb =20v. ie=0 i ebo - - 0.5 a v eb =4v,ic=0 *v ce(sat) 1 - 0.15 0.3 v i c =400ma, i b =20ma *v ce(sat) 2 - 0.2 0.4 v i c =500ma, i b =50ma *v ce(sat) 3 - 0.25 0.5 v i c =800ma, i b =80ma *v be(on) - - 1 v v ce =2v, i c =500ma *h fe 1 82 - 560 - v ce =2v, i c =100ma *h fe 2 82 - 560 - v ce =2v, i c =500ma *h fe 3 80 - - - v ce =2v, i c =800ma f t - 150 - mhz v ce =5v, i e =50ma, f=100mhz cob - 15 - pf v cb =10v, f=1mhz *pulse test : pulse width 380us, duty cycle 2% classification of hfe2 rank p q r s range 82~180 120~270 180~390 270~560 characteristic curves current gain vs collector current 100 1000 0.1 1 10 100 1000 collector current--- ic(ma) current gain--- hfe hfe@vce=2v saturation voltage vs collector current 10 100 1000 1 10 100 1000 collector current ---ic(ma) saturation voltage---(mv) vce(sat)@ic=20ib
cystech electronics corp. spec. no. : c223m3 issued date : 2003.05.26 revised date : page no. : 3/4 BTD1664M3 cystek product specification saturation voltage vs collector current 100 1000 1 10 100 1000 collector current ---ic(ma) saturation voltage---(mv) vbe(sat)@ic=20ib cutoff frequency vs collector current 0.1 1 1 10 100 collector current---ic(ma) cutoff frequency---ft(ghz) ft@vce=2v power derating curve 0 0.5 1 1.5 2 2.5 0 50 100 150 200 ambient temperature --- ta( ) power dissipation---pd(mw) see note 2 on page 1
cystech electronics corp. spec. no. : c223m3 issued date : 2003.05.26 revised date : page no. : 4/4 BTD1664M3 cystek product specification sot-89 dimension *: typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1732 0.1811 4.40 4.60 f 0.0583 0.0598 1.48 1.527 b 0.1594 0.1673 4.05 4.25 g 0. 1165 0.1197 2.96 3.04 c 0.0591 0.0663 1.50 1.70 h 0.0551 0.0630 1.40 1.60 d 0.0945 0.1024 2.40 2.60 i 0.0138 0.0161 0.35 0.41 e 0.01417 0.0201 0.36 0.51 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing spec ification or packing method, please cont act your local cystek sales office. material: ? lead: 42 alloy ; solder plating ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitab le for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . marking: bs* e f g c b a i d h 3 2 1 3-lead sot-89 plastic surface mounted package cystek package code: m3 style: pin 1. base 2. collector 3. emitter


▲Up To Search▲   

 
Price & Availability of BTD1664M3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X