Part Number Hot Search : 
2SK150 VSKD6 92B868 SSM3J MT5012A 9400F 20CDA60 SSM3J01T
Product Description
Full Text Search
 

To Download BTA12-700C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bta/btb12-700c general description 12a triacs available either in through-hole or surface-mount packages, the bta/btb12 - 700c triac series is suitable for general purpose ac switching. they can be used as an on/off function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers, ... the snubberless versions (bta/btb...w series) are specially recommended for use on inductive loads, thanks to their high commutation performances. by using an internal ceramic pad, the bta series provides voltage insulated tab (rated at 2500v rms) complying with ul standards. product specification absolute maximum ratings electrical characteristics ( ta = 25 c) o ( ta = 25 c) o a1 a2 g to-220ab parameter symbol value unit repetitive peak off-state voltages v d r m 700 v peak off-state reverse voltages v r r m 700 v rms on-state current i t 12.0 a non-repetitive peak on-state current i t s m 120 a max. operating junction temperature t j 110 o c storage temperature t s t g -45~150 o c parameter symbol test conditions min. max unit repetitive peak off-state voltages v d r m i d =0.1ma 700 v repetitive peak off-state current i d r m v d r m =620v 10 ua on-state voltage v t m i t =17a 1.55 v holding current i h i t =0.5a,i g t =20ma 25 ma gate trigger current t2+g+ i g t v a k =12v r l =30 25 ma t2+g- 25 t2-g- 25 t2-g+ 50 gate trigger voltage t2+g+ v g t v d =12v r l =30 1.3 v t2+g- 1.3 t2-g- 1.3 t2-g+ 1.3 tiger electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of BTA12-700C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X