Part Number Hot Search : 
PN9402 9KXXX Z84C2010 A1744 D5100 RJK03 25D431K 2N50C3
Product Description
Full Text Search
 

To Download BC184 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente BC184 0.1 a, 45 v npn plastic encapsulated transistor 5-mar-2010 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 2 base 3 emitter collector 1 rohs compliant product a suffix of -c specifies halogen & lead-free features the BC184 is complementary silicon planar epitaxial transistors for use in af small signal amplifiers and drivers, as well as for low noise pre-amplifiers applications. both types f eature good linearity of dc current gain. absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit collector to base voltage v cbo 45 v collector to emitter voltage v ceo 30 v emitter to base voltage v ebo 6 v collector current - continuous i c 0.1 a collector power dissipation p c 350 mw junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min typ max unit test condition collector to base breakdown voltage v (br)cbo 45 - - v i c =10 a, i e = 0a collector to emitter breakdown voltage v (br)ceo 30 - - v i c =2ma, i b = 0a emitter to base breakdown voltage v (br)ebo 6 - - v i e =0.1ma, i c = 0a collector cut-off current i cbo - - 15 na v cb =30 v, i e = 0 a collector cut-off current i ceo - - 0.1 a v ce =30 v, i b = 0 a emitter cut-off current i ebo - - 15 na v eb =4 v, i c =0 ma dc current gain h fe 240 - 900 v ce =5v, i c =2ma collector to emitter saturation voltage v ce(sat) - - 0.6 v i c =0.1a, i b =5ma base to emitter voltage v be(sat) - - 1.2 v i c =0.1a, i b =5ma collector output capacitance c ob - - 5 pf v cb = 10v, i c = 0 a, f=1mhz input capacitance c ib - 8 - pf v be = 0.5v, i c = 0 a, f=1mhz transition frequency f t 150 - - mhz v ce = 5v, i c = 10ma, f=100mhz noise figure nf - - 4 db v ce =5v, i c = 0.2ma, f=1khz, r s =2w classification of h fe rank BC184b BC184c range 240-500 450-900 to-92 millimeter ref. min. max. a 4.40 4.70 b 4.30 4.70 c 12.70 - d 3.30 3.81 e 0.36 0.56 f 0.36 0.51 g 1.27 typ. h 1. 10 - j 2.42 2.66 k 0.36 0.76 a c e k f d b g h j
elektronische bauelemente BC184 0.1 a, 45 v npn plastic encapsulated transistor 5-mar-2010 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of BC184

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X