Part Number Hot Search : 
3899B MAX3901D D9F2000S 6050113 206K0 T700162 88502 MMSZ4707
Product Description
Full Text Search
 

To Download BAT17WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BAT17WS vishay semiconductors formerly general semiconductor document number 88135 www.vishay.com 10-may-02 1 new product schottky diode maximum ratings and thermal characteristics (t c = 25? unless otherwise noted) parameter symbol value unit continuous reverse voltage v r 4v forward current i f 30 ma power dissipation at t c = 25 cp tot 150 (1) mw thermal resistance junction to ambient air r ja 650 (1) c/w maximum junction temperature t j 125 c storage temperature range t s 65 to +150 c electrical characteristics (t c = 25 c unless otherwise noted) parameter symbol value unit minimum reverse breakdown voltage at 10 av (br)r 4v maximum leakage current at v r = 3v i r 0.25 a at v r = 3v, t amb = 60 c 1.25 maximum forward voltage at i f = 10 ma v f 600 mv maximum diodes capacitance at v r = 0v, f = 1mh z c d 1.0 pf note: (1) valid provided that electrodes are kept at ambient temperature .006 (0.15) max. .010 (0.25) min. .012 (0.3) .076 (1.95) .112 (2.85) .059 (1.5) .004 (0.1) max. .049 (1.25) max. cathode band to p v i ew .100 (2.55) .065 (1.65) .043 (1.1) features low turn-on voltage low capacitance ultrafast switching ideal for single or double, uhf balanced mixer, modulators and phase detectors these diodes are also available in case styles sot-23 with type designation bat 17, and sod-123 with type designation bat17w mechanical data case: sod-323 plastic package weight: approx. 0.004g marking code: l7 packaging codes/options: d5/10k per 13 reel (8mm tape), 30k/box d6/3k per 7 reel (8mm tape), 30k/box sod-323 mounting pad layout 0.055 (1.40) 0.062 (1.60) 0.047 (1.20) dimensions in inches and (millimeters)


▲Up To Search▲   

 
Price & Availability of BAT17WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X