Part Number Hot Search : 
UB232R NTE931 74HCT3 GBPC4005 AME7107 3SMC110A RF620T 03515
Product Description
Full Text Search
 

To Download AO4403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  30v p-channel mosfet v ds i d (at v gs =-10v) -6a r ds(on) (at v gs =-10v) < 48m w r ds(on) (at v gs =-4.5v) < 57m w r ds(on) (at v gs =-2.5v) < 80m w symbol v ds v gs i dm i as , i ar e as , e ar t j , t stg symbol t 10s steady-state steady-state r q jl c thermal characteristics junction and storage temperature range -55 to 150 units parameter typ max 59 40 12 gate-source voltage 3.1 2 18 t a =25c drain-source voltage -30 the AO4403 uses advanced trench technology to provi de excellent r ds(on) , low gate charge and operation with gate voltages as low as 2.5v. this device is suitable fo r use as a load switch or in pwm applications. v units parameter absolute maximum ratings t a =25c unless otherwise noted -30v maximum v t a =70c a i d -30 -6 -5 mj avalanche current c 16 a maximum junction-to-ambient a c/w t a =25c t a =70c power dissipation b p d avalanche energy l=0.1mh c pulsed drain current c continuous drain current w maximum junction-to-lead c/w c/w maximum junction-to-ambient a d 16 75 24 r q ja 31 g d s www.freescale.net.cn 1/5 AO4403 general description features
symbol min typ max units bv dss -30 v v ds =-30v, v gs =0v -1 t j =55c -5 i gss 100 na v gs(th) gate threshold voltage -0.5 -0.9 -1.3 v i d(on) -30 a 40 48 t j =125c 60 72 45 57 m w 60 80 m w g fs 19 s v sd -0.7 -1 v i s -3.5 a c iss 645 780 pf c oss 80 pf c rss 55 pf r g 4 7.8 12 w q g (4.5v) 7 nc q gs 1.5 nc q gd 2.5 nc t d(on) 6.5 ns t r 3.5 ns t d(off) 41 ns t f 9 ns t rr 11 ns q rr 3.5 nc maximum body-diode continuous current input capacitance output capacitance turn-on delaytime dynamic parameters v gs =-10v, v ds =-15v, r l =2.5 w , r gen =6 w gate drain charge total gate charge reverse transfer capacitance v gs =0v, v ds =-15v, f=1mhz body diode reverse recovery charge i f =-6a, di/dt=100a/ m s turn-on rise time turn-off delaytime i f =-6a, di/dt=100a/ m s m w i s =-1a,v gs =0v v ds =-5v, i d =-6a v gs =-4.5v, i d =-4a v gs =-2.5v, i d =-2a v gs =-10v, i d =-6a i dss m a v ds =v gs i d =-250 m a v ds =0v, v gs = 12v zero gate voltage drain current gate-body leakage current forward transconductance diode forward voltage r ds(on) static drain-source on-resistance drain-source breakdown voltage on state drain current i d =-250 m a, v gs =0v v gs =-4.5v, v ds =-5v electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions switching parameters body diode reverse recovery time gate resistance v gs =0v, v ds =0v, f=1mhz turn-off fall time v gs =-4.5v, v ds =-15v, i d =-6a gate source charge a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a =25c. the value in any given application depends on the user's specifi c board design. b. the power dissipation p d is based on t j(max) =150c, using 10s junction-to-ambient thermal resistance. c. repetitive rating, pulse width limited by junct ion temperature t j(max) =150c. ratings are based on low frequency and duty cycles to keep initialt j =25c. d. the r q ja is the sum of the thermal impedence from junction to lead r q jl and lead to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-ambien t thermal impedence which is measured with the devi ce mounted on 1in 2 fr-4 board with 2oz. copper, assuming a maximum junction temperature of t j(max) =150c. the soa curve provides a single pulse ratin g. www.freescale.net.cn 2/5 30v p-channel mosfet AO4403
typical electrical and thermal characteristics 17 5 2 10 0 18 40 0 5 10 15 20 0 0.5 1 1.5 2 2.5 3 -v gs (volts) figure 2: transfer characteristics (note e) -i d (a) 10 30 50 70 90 0 2 4 6 8 10 -i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) r ds(on) (m w w w w ) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -v sd (volts) figure 6: body-diode characteristics (note e) -i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature (note e) normalized on-resistance v gs =-2.5v i d =-2a v gs =-10v i d =-6a v gs =-4.5v i d =-4a 20 40 60 80 100 0 2 4 6 8 10 -v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) r ds(on) (m w w w w ) 25c 125c v ds =-5v v gs =-4.5v v gs =-10v i d =-6a 25c 125c 0 5 10 15 20 25 30 0 1 2 3 4 5 -v ds (volts) fig 1: on-region characteristics (note e) -i d (a) v gs =-2v -2.5v -4.5v -3v -10v v gs =-2.5v www.freescale.net.cn 3/5 30v p-channel mosfet AO4403
typical electrical and thermal characteristics 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) z q q q q ja normalized transient thermal resistance 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 pulse width (s) figure 10: single pulse power rating junction-to- ambient (note f) power (w) t j(max) =150c t a =25c 0 1 2 3 4 5 0 2 4 6 8 10 q g (nc) figure 7: gate-charge characteristics -v gs (volts) 0 200 400 600 800 1000 1200 0 5 10 15 20 25 30 -v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss c oss c rss v ds =-15v i d =-6a 0.0 0.1 1.0 10.0 100.0 0.1 1 10 100 -v ds (volts) -i d (amps) figure 9: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r ds(on) limited t j(max) =150c t a =25c 100 m s 1s 10ms single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r q ja =75c/w t on t p d www.freescale.net.cn 4/5 30v p-channel mosfet AO4403
vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v vdd vgs id vgs rg dut vdc vgs vds id vgs unclamped inductive switching (uis) test circuit & waveforms vds l - + 2 e = 1/2 li ar ar bv dss i ar ig vgs - + vdc dut l vgs isd diode recovery test circuit & waveforms vds - vds + di/dt rm rr vdd vdd q = - idt t rr -isd -vds f -i -i vdc dut vdd vgs vds vgs rl rg resistive switching test circuit & waveforms - + vgs vds t t t t t t 90% 10% r on d(off) f off d(on) www.freescale.net.cn 5/5 30v p-channel mosfet AO4403


▲Up To Search▲   

 
Price & Availability of AO4403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X