Part Number Hot Search : 
FST60100 B41890 GB4062D AN8035 0M000 MAX618 07416 RF1630
Product Description
Full Text Search
 

To Download AN916 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  application note tsm101 in s.m.p.s AN916/0299 by g. augustoni ? the tsm101 is a voltage and current controller providing a more integrated solution in switching mode power supply application versus common standard ics solution, with more functions widely used in power control in a single ic. this application note shows three basic configura- tions of the ic, to be used in the secondary side of any smps. functions described are precise secondary voltage regulation, current limiting with foldback function, window detector with output feedback to opto-cou- pler or power good signal to cpu. 1 - voltage regulation and overcurrent control one tsm101 is used to control each voltage output of the smps controlling current and voltage. figure 1a shows how to use tsm101 on a single output. values are given for a 12v regulated output and 10a current limit. voltage regulation is achieved with r2/r1 resistor bridge comparing the voltage to tsm101 internal 1.24v voltage reference. vout =1.24x(r1+r2)/r1=1.24x117/12=12.09v the amplifier is driving on output pin 6 the opto- coupler or a post regulation power mos. the tsm101 can also be used just as a current and voltage supervisor, outside the regulation loop. re- placing r2 with higher value like 110k w , enables the tsm101 to detect overvoltage and overcurrent on the 12v output. pin 6 output is then a power good signal. a pull up resistor on the output pin 6 may be needed. logic is : high - power ok, low - power failure. current limitation is controlled thr ough r4/r3 re- sistor bridge. the threshold voltage corresponding to the drop voltage in the shunt resistor is given by r4 value. in figure 1a example, 1k w = 1v, so 100 w is 100mv. vth=r3/r4 x vout we can see in this formula that the current limit level is linked to the output voltage level. this is the foldback function, when output voltage drops, cur- rent limit level drops in the same time, limiting destruction in the load defect. if during start up, a higher current limit is needed, the figure 1b schematic brings a smart solution figure 1a : voltage and current control 1/3
figure 2a : overvoltage detector using the current source to offset the current detec- tion level. during start, r5-c2 time constant keeps current source off and level for current limit is 20a (200mv). once c2 is charged to high level, it turns on the current source offsetting the current limit to 10a (100mv). furthermore, if pin 2 (current generator control) is connected on the power line output (3.3v) and if a short circuit occurs, the tsm101 latches and the output remains low, needing a system restart. 2 - dual overvoltage controller in two outputs high current power supply like 5v and 12v for pc, the smps needs to protect the load against overvoltage. the tsm101 in figure 2a is detecting any overvoltage on any of both output, informing the system with an ored power good output. threshold voltages are 11.1v for the 12v and 4.6v for the 5v. this applies to split power supply as shown in figure 2b. 3 - over and undervoltage control the tsm101 can be used as a window comparator. this allows to check that each output of the smps is in the desired voltage range. the application diagram is given in figure 3, where the voltage across r2 fixes the good voltage win- dow. in the example, the voltage across r2 gives a 1.2v good voltage window at 12v level, from 11.5v to 12.5v. for any other output voltage, tsm101 output will be low. figure 1b : inrush current and latch on sc application note 2/3
information furnished is believed to be accurate and reliable. however, stmi croelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or s ystems without express written approval of stmicroelectronics. ? the st logo is a trademark of stmi croelectronics ? 1999 stmi croelectronics C printed in italy C all rights reserved stmi croelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysia - malta - mexico - morocco the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. ? http://www.st.com inverting input (7) and non inverting input (5) are respectively used for overvoltage and undervol- tage detection. 4 - other informations the tsm101 is supplied under 15v in all these applications, referring to the specification values. in most of applications, tsm101 can be supplied under 4.5v. tsm101 is available with voltage reference accu- racy of 2% and 1% for the "a" version. compared to market standard tl431, tsm101 has better accuracy in line regulation and load regulation (due to the ic structure). figure 3 : over and undervoltage detector figure 2b : split supply overvoltage detector application note 3/3


▲Up To Search▲   

 
Price & Availability of AN916

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X