Part Number Hot Search : 
20PFI CAD12 LA112 60215 BPC1010 PP2368 LPC2109 SM300
Product Description
Full Text Search
 

To Download AHF-10S12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ahf-10 series ac/dc power module 10w e-mail:sales@minmax.com.tw tel:886-6-2923150 2011/09/01 rev:12 page 1 of 3 features ? fully encapsulated plastic case ? pcb mounting with solder pins ? universal input 85-264 vac, 47-440 hz ? single- and dual output models ? eco design, compliant to energy star specification and erp directive 2009/125/ec ? protection class ll ? safety approval to cul/ul/iec/en 60950-1 ? over load and over voltage protection ? 3 years product warranty product overview the minmax ahf-10 series is a range of fully encapsulated ac/ dc power supply modules. the product features emi-filter to en5502 2, class b and ems compliance to en 61000-4 standard. universal input voltage 85 -264vac and international safety approvals qualifies these power m odules for applications in products with worldwide markets.the ahf-10 series provide a co st effective solution for many space critical applications in commercial and industrial electronic equipment. model selection guide input current output current 115vac, 60hz efficiency (typ.) output voltage max. @max. load max. capacitive load @max. load model number vdc ma ma(typ.) uf % ahf-10s03 3.3 2000 137 3900 70 ahf-10s05 5 2000 199 3300 73 AHF-10S12 12 833 191 2200 76 ahf-10s15 15 666 191 2200 76 ahf-10s24 24 416 190 1000 76 ahf-10d12 12 380 172 #1000 77 ahf-10d15 15 300 169 #1000 77 # for each output input specifications parameter model min. typ. max. unit input voltage range 85 --- 264 vac input frequency range 47 --- 440 hz input voltage range 120 --- 370 vdc no-load power consumption all models --- --- 0.3 w 115vac --- --- 10 a inrush current (cold start at 25 ) 230vac --- --- 20 a output specifications parameter conditions min. typ. max. unit output voltage accuracy --- 1.0 2.0 % line regulation vin=min. to max. --- 0.5 1.0 % single output models --- 0.5 1.0 % load regulation iout=min. to max. dual output models --- 2.5 5.0 % 3.3 & 5.0vdc output models --- 1.5 1.8 %v pp of vo ripple & noise (20mhz) other output models --- 0.8 1.0 %v pp of vo minimum load --- 10 --- %inom. over voltage protection zener diode clamp --- 120 --- % of vo temperature coefficient --- 0.01 0.02 %/ overshoot --- --- 5 % vout foldback, auto-recovery current limitation (long term overload condition may cause damage) 105 --- --- %inom. short circuit protection hiccup mode, indefinite (automatic recovery)
ahf-10 series ac/dc power module 10w e-mail:sales@minmax.com.tw tel:886-6-2923150 2011/09/01 rev:12 page 2 of 3 general specifications parameter conditions min. typ. max. unit i/o isolation voltage input to output, 60 seconds 3000 --- --- vacrms i/o isolation resistance 500 vdc 100 --- --- m ? switching frequency --- 100 --- khz hold-up time --- 20 --- ms mtbf (calculated) mil-hdbk-217f@25 , ground benign 300,000 ---- ---- hours emc emission conducted and radiated en 55011, class b, en 55022, class b, fcc part 15, class b standard specification requirement performance criteria en61000-4-2 air 8kv cont. 4kv b en61000-4-3 80~1000mhz, 10v/m 80% am, 1khz modulation a en61000-4-4 ac port 2kv dc, sl, tl 2kv not less than 1 min. b en61000-4-5 1.2/50us(8/20us) ac dif. 1kv dc 0.5kv b 0.15~80mhz, 10vrms (functional earth ports included) en61000-4-6 80% am, 1khz modulation b en61000-4-8 50hz/60hz, 30a/m a 30%, 10ms b emc immunity according en61000-6-1 en61000-4-11 60%, 100ms, 95%, 5000ms c protection class ii according iec/en 60536 safety approvals cul/ul 60950-1,iec/en 60950-1 input fuse all models built-in fuse 2a / 250vac external fuse (recommended) 1.5a slow ? blow type environmental specifications parameter conditions temperature r ange (operational) ambient -25 +70 power derating +50 to +70 0.375w / storage temperature range -40 +85 over temperature protection at 90 (automatic recovery at 67 ) cooling free-air convection humidity (non condensing) --- 95 % rel. h notes 1 all specifications typical at ta=+25 , resistive load, 115vac, 60hz input voltage and after warm -up time rated output curr ent unless otherwise noted. 2 ripple & noise measurement bandwidth is 0~20 mhz 3 these power modules require a minimum out put loading to maintain specified regulat ion, operation under no-load conditions wil l not damage the power supplies however they may not meet all listed specifications. 4 other input and output voltage may be av ailable, please contact factory. 5 specifications subject to change without notice
ahf-10 series ac/dc power module 10w minmax technology co., ltd. 18, sin sin road, an-ping industr ial district, tainan 702, taiwan tel: 886-6-2923150 fax: 886-6-2923149 e-mail: sales@minmax.com.tw 2011/09/01 rev:12 page 3 of 3 package specifications mechanical dimensions pin connections pin single output dual output 1 ac(n) ? ac neutral 2 ac(l) ? ac line 3 -vout 4 nc common 5 +vout nc: no connection ? all dimensions in mm (inches) ? tolerance: 0.5 (0.02) ? pin diameter ? 1.0 0.1 (0.040.004) physical characteristics case size : 64.0x45.0x19.2mm (2.52x1.77x0.76 inches) case material : plastic resin + fibergl ass (flammability to ul 94v-0 rated) weight : 92g bottom view 45.0 [1.77] 64.0 [2.52] 54.0 [2.13] 17.78 [0.70] 19.2 [0.76] 0.7 [0.03] 5.0 [0.20] 543 1 2 10.16 [0.40] 10.16 [0.40] 6.0 [0.24 ] 1.0 [ 0.04]


▲Up To Search▲   

 
Price & Availability of AHF-10S12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X