Part Number Hot Search : 
00TTS MMBZ5240 LH4002 MHW1345N SS133 AK2360A FOD07 BAV20
Product Description
Full Text Search
 

To Download 760900002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/28/2010 please check www.molex.com for latest part information part number: 0760900002 status: active overview: sfp_stacked_multiport_connectors description: small form-factor pluggable plus (sfp+) stacked 2-by-1 multi-port connector with 2 inner lightpipe ports, elastomeric gasket, 40 circuits, tin (sn)/lead(pb) tails documents: drawing (pdf) test summary (pdf) 3d model product specification ps-75310-001 (pdf) application specification (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family i/o connectors series 76090 application module-to-board component type receptacle overview sfp_stacked_multiport_connectors product name sfp plus type n/a physical boot color n/a circuits (loaded) 40 circuits (maximum) 40 circuits detail 40 durability (mating cycles max) 100 flammability 94v-0 gender female keying to mating part none lock to mating part yes material - plating mating gold number of rows 2 orientation right angle pc tail length (in) 0.081 in pc tail length (mm) 2.07 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray panel mount no pitch - mating interface (in) 0.031 in pitch - mating interface (mm) 0.80 mm pitch - term. interface (in) 0.031 in pitch - term. interface (mm) 0.80 mm polarized to mating part yes polarized to pcb yes ports 2 surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole - compliant pin waterproof / dustproof no series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 76090 series use with 0759510999 sfp dust plug, application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # sfp insertion tool, 2 x 1 medium 0622029910 sfp extraction tool, 2 x 1 medium 0622029930
electrical current - maximum per contact 0.5a grounding to panel none shield type emi gasket shielded yes voltage - maximum 120v ac (rms)/dc material info reference - drawing numbers application specification as-76090-001 packaging specification pk-75462-001 product specification ps-75310-001 sales drawing sd-76090-001 test summary ts-75310-001 this document was generated on 05/28/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 760900002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X