this document was generated on 06/08/2010 please check www.molex.com for latest part information part number: 0746962511 status: active overview: vhdm__hsd description: 2.00mm (.079") pitch 5-row vhdm-hsd? backplane header, guide pin signal module, pin end version, 100 circuits, pin length 4.75mm (.187") documents: drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19880 general product family backplane connectors series 74696 application backplane application tooling documents tooling manual comments keying position a component type pcb header overview vhdm__hsd product name vhdm-hsd? style n/a physical circuits (loaded) 100 circuits (maximum) 100 color - resin black durability (mating cycles max) 200 first mate / last break no flammability 94v-0 guide to mating part yes keying to mating part yes material - metal high performance alloy (hpa), stainless steel material - plating mating gold material - plating termination tin-lead material - resin high temperature thermoplastic number of columns 25 number of pairs open pin field number of rows 5 orientation vertical pcb retention none pcb thickness recommended (in) 0.070 in pcb thickness recommended (mm) 1.80 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 30 plating min: termination (m) 0.75 polarized to pcb yes stackable yes surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style through hole - compliant pin series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 74696 series mates with 74670 hsd daughtercard application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # vhdm? signal pin inserter repair tool 0622015700 vhdm? 5 row pin and shield repair tool 0622015810 vhdm? 5 row shield extraction tool 0622016010 vhdm-hsd? signal header, 5 row by 0622020202
electrical current - maximum per contact 1a data rate 5.0 gbps real signals (per 25mm) 48 voltage - maximum 120v ac (rms)/dc material info reference - drawing numbers packaging specification pk-74696-003 sales drawing sd-74696-002 vhdm-hsd is a trademark of amphenol corporation 25 wide, 50.00mm (1.97") this document was generated on 06/08/2010 please check www.molex.com for latest part information
|