Part Number Hot Search : 
MCP3202 PZT651 HD74LV STOD2540 K3268 BCM43143 K3268 MBR30
Product Description
Full Text Search
 

To Download 5S15350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a 1 calex faxfacts: 101 1997 http://www.calex.com 2401 stanwell drive concord, ca 94520-4841 (510) 687-4411 ? fax (510) 687-3333 features n low profile copper case (0.375" high) n six-side shielded case n low input/output noise operation n wide input voltage range n highly regulated/low drift output n 100% burn-in, 100% tested 5 watt single output, 5 volt input series block diagram 5 watt single output, 5 v input series dc/dc converters description the calex 5 watt dc/dc converters are ideal for use in high performance computer data acquisition systems and board level products. they are designed for systems that require a regulated and isolated 5, 12 or 15 volt auxiliary power source. the converters have efficiencies typically greater than 60%. a linear post regulator provides highly stable dc outputs while minimizing noise. every unit is 100% tested prior to shipment and is guaranteed under the calex 5 year warranty. t u p n i t l o v 5 , t u p t u o e l g n i s t t a w 5 t r a h c n o i t c e l e s l e d o m e g n a r t u p n i c d v t u p t u o c d v t u p t u o a m n i mx a m 0 0 0 1 . 5 s 55 7 . 45 . 55 0 0 0 1 0 5 4 . 2 1 s 55 7 . 45 . 2 12 10 5 4 0 5 3 . 5 1 s 55 7 . 45 15 10 5 3 lc input filter low voltage current limit isolation transformer low tc reference six-sided shielded copper case 1 2 3 5 + input - input + output cmn c 1 d 1 t u p t u o1 c1 d 5f 7 4v 8 . 6 2 1f 2 2a / n 5 1f 2 2a / n
a 2 calex faxfacts: 101 1997 http://www.calex.com 2401 stanwell drive concord, ca 94520-4841 (510) 687-4411 ? fax (510) 687-3333 notes: * all parameters measured at tc=25c, nominal input voltage and full rated load unless otherwise noted. refer to the calex application notes for the definition of terms, measurement circuits and other information. (2) for long term short circuit protection of the converters, install a slow blow fuse in the input circuit. choose a fuse size that is 125% of your applications actual input current and does not exceed 115% of the full load input current. (3) no minimum load required. (4) short term stability is specified after a 30 minute warm-up at full load, and with constant line, load and ambient conditions. (5) after a 100% step change of the load, the output voltage will bewithin 1% of the final value within the transient response time. (6) dynamic response is the peak overshoot voltage during the transient response time defined in note 5 above. (7) for module protection only, see also note 2. (8) the functional temperature range is intended to give an additional data point for use in evaluating this power supply. at the low functional temperature the power supply will function with no side effects, however, sustained operation at the high functional temperature will reduce expected operational life. the data sheet specifications are not guaranteed over the functional temperature range. (9) the case thermal impedance is specified as the case temperature rise over ambient per package watt dissipated. 5 watt single output, 5 v input series dc/dc converters * s r e t e m a r a p t u p n i l e d o m0 0 0 1 . 5 s 50 5 4 . 2 1 s 50 5 3 . 5 1 s 5s t i n u e g n a r e g a t l o v n i m x a m 5 7 . 4 5 2 . 5 c d v w b z h m 0 2 - 0 , e l p p i r d e t c e l f e r p y t x a m 0 5 5 7 p - p a m d a o l l l u f t n e r r u c t u p n i d a o l o n p y t p y t 0 5 7 1 0 2 2 0 0 8 1 5 2 2 0 0 7 1 0 3 2 a m y c n e i c i f f ep y t9 50 62 6% y c n e u q e r f g n i h c t i w sp y t5 2z h k , e g a t l o v r e v o t u p n i m u m i x a m e g a m a d o n s m 0 0 1 x a m2 . 6c d v r o r r e t u p t u o % 1 , e m i t n o - n r u tp y t1 s m e s u f d e d n e m m o c e r ) 2 ( * s r e t e m a r a p t u p t u o l e d o m0 0 0 1 . 5 s 50 5 4 . 2 1 s 50 5 3 . 5 1 s 5s t i n u e g a t l o v t u p t u o52 15 1c d v ) 3 ( d a o l d e t a r n i m x a m 0 0 0 0 1 0 0 5 4 0 0 5 3 a m e g n a r e g a t l o v d a o l % 0 0 1 n i m p y t x a m 5 9 . 4 0 0 . 5 5 0 . 5 0 9 . 1 1 0 0 . 2 1 0 1 . 2 1 0 9 . 4 1 0 0 . 5 1 0 1 . 5 1 c d v d a o l % 0 0 1 - 0 n o i t a l u g e r d a o l p y t x a m 5 0 . 0 0 2 . 0 % n o i t a l u g e r e n i l c d v x a m - n i m = n i v p y t x a m 5 0 . 0 0 2 . 0 % ) 4 ( y t i l i b a t s m r e t t r o h sp y t0 1 . 0% y t i l i b a t s m r e t g n o lp y t0 3 . 0s r h k / % ) 5 ( e s n o p s e r t n e i s n a r tp y t0 50 70 7s ) 6 ( e s n o p s e r c i m a n y dp y t0 7 15 70 7k a e p v m w b z h m 0 2 - 0 , e s i o n p y t x a m 0 1 0 4 p - p v m t n e i c i f f e o c e r u t a r e p m e t p y t x a m 0 5 0 0 2 c / m p p ) 7 ( p m a l c e g a t l o v r e v op y t8 . 6--c d v o t n o i t c e t o r p t i u c r i c t r o h s s t u p t u o l l a r o f n o m m o c ) 2 ( m u m i x a m e t u n i m 1 , m r e t t r o h s
a 3 calex faxfacts: 101 1997 http://www.calex.com 2401 stanwell drive concord, ca 94520-4841 (510) 687-4411 ? fax (510) 687-3333 bottom view side view mechanical tolerances unless otherwise noted: x.xx dimensions: 0.020 inches x.xxx dimensions: 0.005 inches seal around terminals is not hermetic. do not immerse units in any liquid. 0.75 1.25 1.75 2.25 2.75 3.25 3.75 4.25 4.75 5.25 line input (volts) 0.0 0.4 0.8 1.2 1.6 2.0 input current (amps) input current vs. line input voltage 100% full load 50% full load -30 -20 -10 0 10 20 30 40 50 60 70 80 case temperature (deg c) -0.20 -0.10 0.00 0.10 0.20 normalized output (%) output voltage vs. case temperature frequency (hz) .001 .01 .1 1 impedance (ohms) output impedance vs. frequency 5 volt 15 volt 10 100 1k 10k 100k 1m 4.75 4.85 4.95 5.05 5.15 5.25 line input (volts) 50 55 60 65 70 efficiency (%) 5s15.350 efficiency vs. line input 100% full load 50% full load 0 20406080100 load (%) 25 35 45 55 65 efficiency (%) 5s5.1000 efficiency vs. load line = 4.75vdc line = 5.0vdc line = 5.25vdc 0 20406080100 load (%) 20 30 40 50 60 70 efficiency (%) 5s15.350 efficiency vs. load line = 4.75vdc line = 5.0vdc line = 5.25vdc 4.75 4.85 4.95 5.05 5.15 5.25 line input (volts) 45 50 55 60 65 efficiency (%) 5s5.1000 efficiency vs. line input voltage 100% full load 50% full load typical performance (tc=25c, rated load). 5 watt single output, 5 v input series dc/dc converters * s n o i t a c i f i c e p s l a r e n e g s l e d o m l l as t i n u n o i t a l o s i e g a t l o v n o i t a l o s i e g a k a e l a 0 1 t u p t u o - t u p n i n i m0 0 5c d v t u p t u o o t t u p n i e c n a t i c a p a c p y t5 7f p l a t n e m n o r i v n e e g n a r g n i t a r e p o e s a c g n i t a r e d o n n i m x a m 5 2 - 0 8 c ) 9 ( e g n a r l a n o i t c n u f e s a c n i m x a m 0 3 - 5 8 c e g n a r e g a r o t s n i m x a m 5 5 - 0 0 1 c ) 0 1 ( e c n a d e p m i l a m r e h tp y t0 1t t a w / c l a r e n e g t h g i e w t i n up y t7 . 1z o s t i k g n i t n u o m5 1 s m & 6 s m n i pn o i t c n u f 1t u p n i + 2t u p n i - 3t u p t u o + 5n m c
a 4 calex faxfacts: 101 1997 http://www.calex.com 2401 stanwell drive concord, ca 94520-4841 (510) 687-4411 ? fax (510) 687-3333 features n ultra wide input voltage range n low noise, trimable, highly stable output n efficiency > 74% for all line conditions n no derating to 80c case temperature n six-sided shielded, low thermal gradient copper case n overvoltage protected output n pulse by pulse digital current limit 5 watt single wf series block diagram 5 watt wf single output series dc/dc converters description this single output converter is designed for wide input range, low noise industrial and instrument applications. the ultra wide isput range is ideal for battery or unregulated input applications. the converter features a 55khz switching frequency that provides outstanding regulation and efficiency at full load. the output is regulated with high loop gain pulse width modulation control which provides linear regulator type performance. the output is resistor or trimpot trimable by 10%, which allows th wf to be set for +5.2 vdc in ecl applications. the wf is protected from output shorts to ground by a high speed digital, current limit circuit. the output is oervoltage protected. f w e l g n i s t t a w 5 t r a h c n o i t c e l e s l e d o m e g n a r t u p n i c d v t u p t u o c d v t u p t u o a m n i mx a m f w 0 0 0 1 . 5 s 2 10 . 70 . 2 30 . 50 0 0 1 * s r e t e m a r a p t u p n i l e d o mf w 0 0 0 1 . 5 s 2 1s t i n u e g n a r e g a t l o v n i m p y t x a m 0 . 7 0 . 2 1 0 . 2 3 c d v , e l p p i r d e t c e l f e r ) 2 ( w b z h m 0 2 - 0 x a m0 0 0 1p - p a m d a o l l l u f t n e r r u c t u p n i d a o l o n p y t p y t 0 5 5 0 1 a m y c n e i c i f f ep y t5 7% y c n e u q e r f g n i h c t i w sp y t5 5z h k t u p n i m u m i x a m , e g a t l o v r e v o e g a m a d o n s m 0 0 1 x a m0 4c d v o t , e m i t n o - n r u t r o r r e t u p t u o % 1 p y t5 7s m e s u f d e d n e m m o c e r) 3 ( six-sided shielded copper case low tc bandgap ctp reference feedback amplifier overcurrent sense pwm control 68 f 68 f 4.7 f 2 1 + input - input 3 5 4 + output cmn trim
a 5 calex faxfacts: 101 1997 http://www.calex.com 2401 stanwell drive concord, ca 94520-4841 (510) 687-4411 ? fax (510) 687-3333 notes: * all parameters measured at tc=25c, nominal input voltage and full rated load unless otherwise noted. refer to the calex application notes for the definition of terms, measurement circuits and other information. (2) peak to peak input reflected ripple is equal to the dc output current when measured into a zero impedance source resistance. for reduced input ripple use the suggested input filter circuit. (3) for long term short circuit protection of the converters, install a slow blow fuse in the input circuit. choose a fuse size that is 125% of your applications actual input current and does not exceed 115% of the full load input current. (4) no minimum load required. (5) short term stability is specified after a 30 minute warmup at full load, constant line and recording the drift over a 24 hour period. (6) after a 25% step change of the load, the output voltage will be within 1% of the final value within the transient response time. (7) dynamic response is the peak overshoot during a transient as defined in note 4 above. (8) the input ripple rejection is specified for dc to 120 hz ripple with a modulation amplitude of 1% of vin. (9) for module protection only, see also note 3. (10) case is tied to pin 1. input and output commons are connected internally. (11) the functional temperature range is intended to give additionaldata for evaluating this power supply. at the low functional temperature the power supply will function with no side effects, however, sustained operation at the high functional temperature will reduce expected operational life. the data sheet specifications are not guaranteed over the functional temperature range. (12) the case thermal impedance is the case temperature rise over ambient per watt dissipated. figure 1. connections for output trim figure 2. input filter circuit this circuit will reduce the input reflected ripple of the wf series to 30 ma p-p(0-20 mhz bw). l1 is 10 turns wound on a micrometals t30-26 core or any 6-10 h, 1 amp inductor. c1 and c2 are panasonic 47f, 35v, hf capacitors (ece-a1vf470r) or equivalent. note: for lowest noise operation use single point grounding to pin 5 for both input and output circuits. 5 watt wf single output series dc/dc converters * s r e t e m a r a p t u p t u o l e d o mf w 0 0 0 1 . 5 s 2 1s t i n u e g a t l o v t u p t u o5c d v ) 4 ( t n e r r c d e t a r n i m x a m 0 0 0 0 1 a m e g n a r e g a t l o v d a o l % 0 0 1 n i m p y t x a m 0 5 9 . 4 0 0 0 . 5 0 5 0 . 5 c d v n o i t a l u g e r d a o l d a o l l l u f % 0 0 1 - 0 p y t x a m 5 0 . 0 0 2 . 0 % n o i t a l u g e r e n i l c d v x a m - n i m = n i v p y t x a m 5 0 . 0 0 2 . 0 % ) 5 ( y t i l i b a t s m r e t t r o h sp y t5 0 . 0% y t i l i b a t s m r e t g n o lp y t0 2 . 0s r h k / % ) 6 ( e s n o p s e r t n e i s n a r tp y t0 0 5s ) 7 ( e s n o p s e r c i m a n y dp y t0 0 2 v m k a e p ) 8 ( n o i t c e j e r e l p p i r t u p n ip y t3 2b d w b z h m 0 2 - 0 , e s i o n p y t x a m 0 2 0 4 p - p v m t n e i c i f f e o c e r u t a r e p m e t p y t x a m 0 5 0 5 1 c / m p p ) 9 ( p m a l c e g a t l o v r e v op y t8 . 6c d v n o i t c e t o r p t i u c r i c t r o h s n o m m o c o t m u m i n i m s r u o h 8 , s u o u n i t n o c t i m i l t n e r r u c * s n o i t a c i f i c e p s l a r e n e g s l e d o m l l as t i n u n o i t c n u f m i r t t u p t u o e c n a t s i s e r t u p n ip y t0 0 1s m h o k e g n a r m i r tn i m0 1 % n o i t a l o s i ) 0 1 ( n o i t a l o s ie n o n l a t n e m n o r i v n e e g n a r g n i t a r e p o e s a c g n i t a r e d o n n i m x a m 5 2 - 0 8 c ) 1 1 ( e g n a r l a n o i t c n u f e s a c n i m x a m 0 4 - 0 9 c e g n a r e g a r o t s n i m x a m 5 5 - 5 0 1 c ) 2 1 ( e c n a d e p m i l a m r e h tp y t0 1t t a w / c l a r e n e g t h g i e w t i n up y t5 . 1z o s t i k g n i t n u o m5 1 s m & 6 s m trim down trim up 10k trimpot 3 4 5 3 4 5 l1 12s5.1000wf 7 - 32 vdc + ? c1 c2 2 1 3 4 5 load +in -in +out trim cmn
a 6 calex faxfacts: 101 1997 http://www.calex.com 2401 stanwell drive concord, ca 94520-4841 (510) 687-4411 ? fax (510) 687-3333 5 watt wf single output series dc/dc converters typical performance (tc=25c, rated load). 5 101520253035 line input (volts) 65.0 70.0 75.0 80.0 efficiency (%) efficiency vs. line input 50% rated load 100% rated load 0 20406080100 load (%) 50.0 55.0 60.0 65.0 70.0 75.0 80.0 efficiency (%) efficiency vs. load line = 7vdc line = line = 32vdc 12vdc 5 101520253035 line input (volts) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 reflected rms ripple (amps) wf series input ripple vs. line input 50% full load 100% full load 0 20 40 60 80 100 120 140 160 normalized load (%) 0 20 40 60 80 100 120 normalized output (%) output voltage vs. output current current limit mode -> 5 101520253035 line input (volts) 0.00 0.20 0.40 0.60 0.80 1.00 input current (amps) input current vs. line input voltage 50% rated load 100% rated load -30 -20 -10 0 10 20 30 40 50 60 70 80 case temperature (deg c) -0.40 -0.30 -0.20 -0.10 0.00 0.10 normalized output (%) output voltage vs. case temperature frequency (hz) -40 -30 -20 -10 attenuation (db) line to output transfer function 1 100 1k 10k frequency (hz) .01 .1 1 10 output impedance (ohms) output impedance vs. frequency 10 100 1k 10k 100k 1m bottom view side view mechanical tolerances unless otherwise noted: x.xx dimensions: 0.020 inches x.xxx dimensions: 0.005 inches seal around terminals is not hermetic. do not immerse units in any liquid. n i pn o i t c n u f 1t u p n i + 2t u p n i - 3t u p t u o + 4m i r t 5n m c t u o


▲Up To Search▲   

 
Price & Availability of 5S15350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X