Part Number Hot Search : 
SMB10 70M6T IDT72V 05220 CG2800 HFMD1685 TIP152 MSP3447G
Product Description
Full Text Search
 

To Download 1N4005L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds28002 rev. e-2 1 of 2 1n4001/l-1n4007/l www.diodes.com  diodes incorporated features 1n4001/l - 1n4007/l 1.0a rectifier ?l? suffix designates a-405 package no suffix designates do-41 package a a b c d do-41 plastic a-405 dim min max min max a 25.40  25.40  b 4.06 5.21 4.10 5.20 c 0.71 0.864 0.53 0.64 d 2.00 2.72 2.00 2.70 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  diffused junction  high current capability and low forward voltage drop  surge overload rating to 30a peak  low reverse leakage current  plastic material: ul flammability classification rating 94v-0 mechanical data  case: molded plastic  terminals: plated leads solderable per mil-std-202, method 208  polarity: cathode band  weight: do-41 0.30 grams (approx) a-405 0.20 grams (approx)  mounting position: any  marking: type number single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol 1n 4001/l 1n 4002/l 1n 4003/l 1n 4004/l 1n 4005/l 1n 4006/l 1n 4007/l unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current (note 1) @ t a = 75  c i o 1.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 a forward voltage @ i f = 1.0a v fm 1.0 v peak reverse current @ t a = 25  c at rated dc blocking voltage @ t a = 100  c i rm 5.0 50  a typical junction capacitance (note 2) c j 15 8 pf typical thermal resistance junction to ambient r  ja 100 k/w maximum dc blocking voltage temperature t a +150  c operating and storage temperature range (note 3) t j, t stg -65 to +175  c notes: 1. leads maintained at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1. mhz and applied reverse voltage of 4.0v dc. 3. jedec value
ds28002 rev. e-2 2 of 2 1n4001/l-1n4007/l www.diodes.com 40 60 80 100 120 140 160 180 0 0.2 0.4 0.6 0.8 1.0 i , average forward rectified current (a) (av) t , ambient temperature (oc) a fi g . 1 forward current deratin g curve c , capacitance (pf) j v , reverse voltage (v) r fi g .4t y pical junction capacitance 1.0 10 100 1.0 10 100 t = 25oc j f=1mhz 1n4001 - 1n4004 1n4005 - 1n4007 1.0 10 100 i , peak forward surge current (a) fsm number of cycles at 60 hz fi g . 3 max non-repetitive peak fwd sur g e current 8.3ms single half sine-wave jedec method 40 30 20 0 10 5 0 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1.0 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g .2 t y pical forward characteristics 10


▲Up To Search▲   

 
Price & Availability of 1N4005L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X