Part Number Hot Search : 
20153 R2010 FDMC8200 TC322 UNR2218 HY1418 VBS20 SD205
Product Description
Full Text Search
 

To Download 0876331013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/21/2010 please check www.molex.com for latest part information part number: 0876331013 status: active overview: extreme_powerplus_ssi description: 6.35mm (.250") pitch, power, 2.54mm (.100") pitch, signal, extreme powerplus? p- s-p receptacle, press-fit, vertical, 14 circuits, power beta 1, signal 12, power alpha 1, no recessed power circuit, without beveled metal pins, leadfree documents: 3d model product specification ps-87633-006 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 87633 application board-to-board comments
  • no recessed power circuits overview extreme_powerplus_ssi product literature order no 987650-3002 product name extreme powerplus? physical circuits (loaded) 14 circuits detail power beta 1, signal 12, power alpha 1 color - resin black durability (mating cycles max) 100 glow-wire compliant no guide to mating part yes keying to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 4 orientation vertical pc tail length (in) 0.135 in pc tail length (mm) 3.43 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.093 in pcb thickness recommended (mm) 2.40 mm packaging type tray pitch - mating interface (in) 0.100 in, 0.250 in pitch - mating interface (mm) 2.54 mm, 6.35 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 100 plating min: termination (m) 2.54 polarized to mating part yes polarized to pcb yes temperature range - operating -20c to +105c termination interface: style through hole - compliant pin electrical current - maximum per contact 2.5a, 30a voltage - maximum 50v dc series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87633 series mates with 87631 extreme powerplus? p-s-p header
    material info reference - drawing numbers application specification as-87631-018, as-87633-007 product specification ps-87633-006 sales drawing sd-87633-013 this document was generated on 05/21/2010 please check www.molex.com for latest part information





  • ▲Up To Search▲   

     
    Price & Availability of 0876331013

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X