Part Number Hot Search : 
KMM532 NJU6363 CONTRO LVC3G34G 106X00 GL7815 0M000 AN2640K
Product Description
Full Text Search
 

To Download 0609-0760 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3 assemblies and combinations individual switches in combination with endcaps can easily be built into block assemblies by integrated snap pins. spacers and housings can be integrated in any given sequence. special circuit boards if you require a specially constructed pcb (special material, terminals, layout etc.), please consult the factory. circuitry standard circuitry is break-before-make (bbm). for make-before-break (mbb), please consult the factory. codes for standard codes please refer to individual switch series. further and special codes available upon request. description colors and legends the standard switch color is black. the wheels are black with white characters. special colors for housings, wheels and legends are available upon request. we are able to print letters, symbols or figures according to individual requirements. mounting of components many standard codes are available with an extended pcb for mounting of diodes or resistors. stops cherry provides many standard combinations of rotation-limiting stops to help tailor our switches exactly to your application. in series pe stops can be installed in the field. 0 1 2 3 4 5 6 7 8 9 common ? connected to output 1 output 2 output 4 output 8 truth tables common c connected to 1 2 4 8 readout- symbols table 1: bcd 0 1 2 3 4 5 6 7 8 9 common c connected to 0 1 2 3 4 5 6 7 8 9 readout- symbols table 2: decimal 0 1 2 3 4 5 6 7 8 9 common c connec. to 1 2 readout- symbols table 4: single pole repeating +00 ?5 +00 ?5 +00 ?5 +00 ?5 +00 ?5 common c connec. to 1 2 3 4 1 2 4 8 readout- symbols table 8: bcd + complement 0 1 2 3 4 5 6 7 8 9 common c connec. to 1 2 4 8 readout- symbols table 11: bcd complement 0 1 2 3 4 5 6 7 8 9 common c connected to 1 2 4 8 readout- symbols table 5: hexadecimal 0 1 2 3 4 5 6 7 8 9 10 (a) 11(b) 12(c) 13(d) 14(e) 15(f) switching position

5 pcb terminals pa: series a: q.c. terminal c: code bcd 3: pcb short 4: 4 indiv. switches, completely assembled with endcaps 00: standard version example ordering index pa c a - 3 4 00 e single switch or qty. or assembled switches (1 ?9) with endcaps abcdef switching code readout truth table pcb- pcb pcb code position other codes no terminal no. short extended on request (refer to page 3) 10 dezimal 0 - 9 2 1/8 a 10 bcd 0 - 9 1 2/9 c 10 bcd complement 0 - 9 11 5 e 10 bcd + complement 0 - 9 8 4 f 10 single pole repeating +/?alt. 4 6/13 p 16 hexadecimal 0 - 15 5 3/10 g 16 hexadecimal 0 - 9, a - f 5 3/10 h codes b terminals index q.c. terminals a solder pins f terminals c pcb version index short 3 extended 4 pcb versions d endcap left 609-0801 endcap right 609-0799 housing 7,62 mm 609-0797 spacer 2,54 mm 609-0803 accessories for assembly stock codes f version (standard = 00) c 1 2 6 spacing 5,08 1 2 4 8 c 5 spacing 2,54 4 spacing 2,54 v 1 2 4 8 c r 1 2 4 8 c 1 2 4 8 3 spacing 2,54 1 2 4 8 c 2 spacing 2,54 v 1 3 5 7 9 r 2 4 c 6 8 0 spacing 2 1 4,1 2,54 1,6 2,54 c 1 2 13 spacing 5,08 c 1 2 4 8 10 spacing 2,54 1 2 4 8 c spacing 2,54 9 v 1 3 5 7 9 r 2 4 c 6 8 0 spacing 2 8 6,6 4,1 1,6 14,1
6 characteristics ?selector switches with only 6 mm width for compact building of blocks with a larger number of modules. ?10 switching positions. housing black. ?connection with solder pins series pb dimensions in mm + - + - + - + - 174 3 6 2 18 19,5 15,6 16,3 4,5 cherry frontplattenst?rke1-2,4 16,5 front panel space n x 6 + 3,3 switching positions 10 readout dimensions b=3 h=4 height of legends 3 0,6x0,5 2,54 nx6+3 4,75 technical data operating force approx. 300 cn (with tactile feeling) contact resistance 0,1 ? max. insulating resistance 10 3 m ? dielectric strength 500 v electrical rating (ohmic restistance) 0,1 a/50 v ~ max. current (non switching current) 1a temperature -20 bis +80 ? life cycle (mechanical) 10 6 operations shock 50 g, 11 ms vibration 15 g, 10-2000 hz weight approx. 2 g materials housing material ppo (noryl) contacts we alloy printed circuit board fr 3, copper-plated au over in mounting front-mounting, snap-in end- caps. mounting of units through integrated pins. stops setting through factory only. terminals solder pins: 0,6 x 0,5 (spacing 2,54)
7 pcb terminals pb: series 1: solder pins c: code bcd e: pcb flush with housing 4: 4 indiv. switches, completely assembled with endcaps 00: standard version example ordering index pb c 1 - e 4 00 e single switch or qty. or assembled switches (1 ?9) with endcaps abcdef terminals index solder pins 1 terminals c pcb version code pcb flush with housing e with solder pins pcb versions d endcap left 609-1346 endcap right 609-1347 housing 6 mm 609-1348 accessories for assembly stock codes. f version (standard = 00) 1 spacing 2,54 c 8 1 4 2 2 spacing 5,08 c 1 2 5 spacing 2,54 c 1 2 4 8 switching code readout truth table no.- pcb terminal code position (refer no. to page 3) 10 bcd 0 - 9 1 1 c 10 bcd complement 0 - 9 11 5 e 10 single pole repeating +/?alt. 4 2 p

9 pcb terminals pe: series a: q.c. terminal c: code bcd 3: pcb short 4: 4 indiv. switches, completely assembled with endcaps 00: standard version example ordering index pe c a - 3 4 00 e single switch or qty. or assembled switches (1 ?9) with endcaps abcdef switching code readout- truth table- pcb terminal pcb pcb code position other codes no. no. short extended on request (refer to page 3) codes b terminals index q.c. terminal a solder pins f terminals c pcb version index short 3 extended 4 pcb versions d endcap left 609-0754 endcap right 609-0756 housing 7,62 mm 609-0752 spacer 2,54 mm 609-0760 spacer 2,54 mm 609-1609 without snap-in brackets stop pin 607-0013 accessories for assembly stock codes f version (standard = 00) 2,54 2,54 2 2,5 5 2 1,8 4,3 6,3 13,8 spacing 5,08 5 c 1 2 4 spacing 5,08 c 1 2 4 8 3 spacing 2,54 1 2 4 8 c 8 4 2 1 1 2 4 8 c 2 spacing 5,08 1 spacing 2 0 1 2 3 4 c 5 6 7 8 9 c 1 2 10 spacing 5,08 8 spacing 2,54 1 2 4 8 c 8 4 2 1 1 2 4 8 c 7 spacing 5,08 6 spacing 2 0 1 2 3 4 c 5 6 7 8 9 10 decimal 0 - 9 2 1/6 a 10 bcd 0 - 9 1 2/7 c 10 bcd complement 0 - 9 11 4 e 10 bcd + complement 0 - 9 8 3/8 f 10 single pole repeating +/?alt. 4 5/10 p 16 hexadecimal 0 - 15 5 2/7 g 16 hexadecimal 0 - 9, a - f 5 2/7 h
10 connectors make the connection of the selector switches very easy. the female connectors are available with and without flange. terminals of the connectors either solder pin or solder lugs. connectors connector without flange with flange series code solder pins solder lugs solder pins solder lugs pa c,e,g,h c2ko-p107 c2ko-n107 c2kf-p109 c2kf-n109 f c2ko-p108 c2ko-n108 c2kf-p110 c2kf-n110 p c2ko-p130 c2ko-n130 c2kf-p129 c2kf-n129 a c2ro-p8ad c2ro-n8ad c2rf-p8ad c2rf-n8ad pe c,e,g,h c2ro-p111 c2ro-n111 c2rf-p116 c2rf-n116 f c2ro-p113 c2ro-n113 c2rf-p118 c2rf-n118 p c2ro-p135 c2ro-n135 c2rf-p136 c2rf-n136 series with flange without flange spacing a b c d e f g pa 4 x 2,54 1,3 14,3 16 22 28 2,35 pe 10 x 2,0 1,3 22,3 24 30 36 2,35 8 x 2,54 a 3,5 with flange g 8,3 7,6 with solder pins 4,2 0,3 x 0,8 a 2,1 without flange g 8,3 7,6 c b d with solder lugs 6,1 0,3 1,28 c b 3 d e f


▲Up To Search▲   

 
Price & Availability of 0609-0760

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X