Part Number Hot Search : 
2N5177 M29F800D 2SK1449 BL05A MC79M00 BL05A B11NM60 M0G131
Product Description
Full Text Search
 

To Download 0472220001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/28/2010 please check www.molex.com for latest part information part number: 0472220001 status: active overview: serial_ata_127_host_receptacles description: 1.27mm (.050") pitch serial ata bay receptacle, right angle, smt, mid- mount, 0.10m (4") gold (au) plating, with screw holes and pegs, connector height 4.55mm (.179"), tray packaging, 22 circuits, lead free documents: 3d model product specification ps-67492-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr 19980 ul e29179 general product family pcb receptacles series 47222 application board-to-board overview serial_ata_127_host_receptacles product name serial ata physical circuits (loaded) 22 circuits (maximum) 22 color - resin black durability (mating cycles max) 500 flammability 94v-0 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part none material - metal copper alloy material - plating mating gold material - plating termination tin material - resin thermoplastic elastomer number of rows 1 orientation right angle pcb locator yes pcb retention yes pcb thickness recommended (in) 0.039 in pcb thickness recommended (mm) 1.00 mm packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 4 plating min: mating (m) 0.1 plating min: termination (in) 40 plating min: termination (m) 1 polarized to mating part yes polarized to pcb yes stackable no temperature range - operating -35c to +85c termination interface: style surface mount series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47222 series
electrical current - maximum per contact 1.5a voltage - maximum 15v dc material info reference - drawing numbers packaging specification pk-47222-001 product specification ps-67492-001 sales drawing sd-47222-001 this document was generated on 05/28/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0472220001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X