Part Number Hot Search : 
SK3528 MB2245 2SC3157 T63309A OPB854B1 K1536BDB STYN225S DS2808
Product Description
Full Text Search
 

To Download TS1117CPROG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ts1117 1a low dropout positive voltage regulator 1/8 version: c11 to - 220 to - 2 52 (dpak) to - 2 23 sop - 8 general description ts1117 are high performance positive voltage regula tors are designed for use in applications requiring low dropout performance at full rated current, addition ally, ts1117 provides excellent regulation over var iations due to changes in line, load and temperature. outstandi ng features include low dropout performance at rate d current, fast transient response, internal current limiting and thermal shutdown protection of the output devic e. ts1117 are three terminal regulators with fixed and adjust able voltage options available in popular packages. features low dropout performance 1.5v max. fill current rating over line and temperature fast transient response 2% total output regulation over line, load and temperature adjust pin current max 90ua over temperature line regulation typical 0.015% load regulation typical 0.05% fixed / adjustable output voltage ordering information part no. package packing ts1117cz xx c0 to-220 50pcs / tube ts1117cp xx ro to-252 2.5kpcs / 13 reel ts1117cw xx rp sot-223 2.5kpcs / 13 reel ts1117cs xx rl sop-8 2.5kpcs / 13 reel ts1117cz xx c0g to-220 50pcs / tube ts1117cp xx rog to-252 2.5kpcs / 13 reel ts1117cw xx rpg sot-223 2.5kpcs / 13 reel ts1117cs xx rlg sop-8 2.5kpcs / 13 reel note: where xx denotes voltage option, available are 5.0v, 3.3v, 2.5v, 1.8v and 1.2v. leave bl ank for adjustable version. g denotes halogen free products typical application circuit fixed output voltage version v out = v ref (1+r2/r1) + i adj r2 adjustable output voltage version block diagram pin definition : 1. fixed / adj 2. output (tab) 3. input pin definition : 1. fixed / adj 8. n/c 2. output 7. output 3. output 6. output 4. input 5. n/c
ts1117 1a low dropout positive voltage regulator 2/8 version: c11 absolute maximum rating (note 1) parameter symbol limit unit input supply voltage v in 12 v operation input supply voltage v in (opr. typ.) 7 v power dissipation (note 2) p d internal limited thermal resistance junction to ambient to-220 ? ja 80 o c/w to-252 105 sot-223 130 sop-8 160 operating junction temperature range t j 0 ~ +125 o c storage temperature range t stg -65 ~ +150 o c lead soldering temperature (260 o c) to-220 10 s to-252 / sot-223 / sop-8 5 electrical specification ( ta = 25 o c, unless otherwise specified.) parameter conditions min typ max unit reference voltage v in = 5, io=10ma 1.237 1.25 1.262 v v in = 2.75, io=10ma~1a 1.225 1.275 output voltage (note 4) v in = 3.5v, io=10ma 1.485 1.5 1.515 v v in = 3v~7v, io=10ma~1a 1.470 1.530 v in = 3.8v, io=10ma 1.782 1.8 1.818 v v in = 3.3v~7v, io=10ma~1a 1.764 1.836 v in = 4.5v, io=10ma 2.475 2.5 2.525 v v in = 4v~7v, io=1a 2.450 2.550 v in = 5.3v, io=10ma 3.267 3.3 3.333 v v in = 4.8v~7v, io=1a 3.235 3.366 v in = 7v, io=10ma 4.950 5.0 5.050 v v in = 6.5v~7v, io=1a 4.900 5.100 line regulation vo+1.5v v in 7v, io= 10ma -- 0.015 0.2 % load regulation (note 1,2) v in = v out +1.5v, io = 10ma~1a -- 0.05 1.0 % dropout voltage io=1a, ? v out = 1% v out -- 1.3 1.5 v quiescent current v in = 5v -- 8 10 ma adjustable pin current -- 90 -- ua output current limit v in - v out = 3v 1.1 -- -- a temperature stability io=10ma -- 0.5 -- % ripple rejection f= 120hz, io= 1a, c out = 25uf, v in = v out +3v -- 60 70 db note 1: see thermal regulation specification for c hanges in output voltage due to heating effects. li ne and load regulation are measured at a constant junction temp erature by low duty cycle pulse testing. load regulation is measured at the output lead = 1/18 f rom the package. note 2: line and load regulation are guaranteed up to the maximum power dissipation of 15w. power dis sipation is determined by the input / output voltage differe nce and the output current. guaranteed maximum powe r dissipation will not be available over the full inp ut / output voltage range. note 3: quiescent current is defined as the minimu m output current required to maintain the regulatio n. note 4: the output capacitor does not have a theor etical upper limit and increasing its value will in crease stability c out =100uf or more is typical for high current regulato r design.
ts1117 1a low dropout positive voltage regulator 3/8 version: c11 electrical characteristics curve figure 1. vdrop vs. output current figure 2. vout change vs. temperature figure 3. adjust pin current vs. temperature figure 4. iq change vs. temperature figure 5. output short circuit current vs. differential voltage figure 6. output short circuit current vs. temperature
ts1117 1a low dropout positive voltage regulator 4/8 version: c11 to-220 mechanical drawing marking diagram y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) = month code for halogen free product ( o =jan, p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code xx = voltage code ( 1.5 =1.5v, 1.8 =1.8v, 2.5 =2.5v, 3.3 =3.3v, 5.0 =5v) = package code for adjustable type (cz = to-220) to-220 dimension dim millimeters inches min max min max a 10.000 10.500 0.394 0.413 b 3.740 3.910 0.147 0.154 c 2.440 2.940 0.096 0.116 d - 6.350 - 0.250 e 0.381 1.106 0.015 0.040 f 2.345 2.715 0.092 0.058 g 4.690 5.430 0.092 0.107 h 12.700 14.732 0.500 0.581 i 8.382 9.017 0.330 0.355 j 14.224 16.510 0.560 0.650 k 3.556 4.826 0.140 0.190 l 0.508 1.397 0.020 0.055 m 27.700 29.620 1.060 1.230 n 2.032 2.921 0.080 0.115 o 0.255 0.610 0.010 0.024 p 5.842 6.858 0.230 0.270
ts1117 1a low dropout positive voltage regulator 5/8 version: c11 to-252 mechanical drawing marking diagram y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) = month code for halogen free product ( o =jan, p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code xx = voltage code ( 1.5 =1.5v, 1.8 =1.8v, 2.5 =2.5v, 3.3 =3.3v, 5.0 =5v) = package code for adjustable type (cp = to-252) to-252 dimension dim millimeters inches min max min max a 2.30 bsc 0.090 bsc b 10.20 10.80 0.402 0.425 c 5.30 5.70 0.209 0.224 d 6.30 6.70 0.248 0.264 e 2.10 2.50 0.083 0.098 f 0.00 0.20 0.000 0.008 g 4.80 5.20 0.189 0.205 g1 0.40 0.80 0.016 0.031 h 0.40 0.60 0.016 0.024 h1 0.35 0.65 0.014 0.026 j 3.35 3.65 0.132 0.144 k 0.50 1.10 0.020 0.043 l 0.90 1.50 0.035 0.059 m 1.30 1.70 0.051 0.067
ts1117 1a low dropout positive voltage regulator 6/8 version: c11 sot-223 mechanical drawing marking diagram y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) = month code for halogen free product ( o =jan, p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code xx = voltage code ( 1.5 =1.5v, 1.8 =1.8v, 2.5 =2.5v, 3.3 =3.3v, 5.0 =5v) = package code for adjustable type (cw = sot-223) sot-223 dimension dim millimeters inches min max min max a 6.350 6.850 0.250 0.270 b 2.900 3.100 0.114 0.122 c 3.450 3.750 0.136 0.148 d 0.595 0.635 0.023 0.025 e 4.550 4.650 0.179 0.183 f 2.250 2.350 0.088 0.093 g 0.835 1.035 0.032 0.041 h 6.700 7.300 0.263 0.287 i 0.250 0.355 0.010 0.014 j 10 16 10 16 k 1.550 1.800 0.061 0.071
ts1117 1a low dropout positive voltage regulator 7/8 version: c11 sop-8 mechanical drawing marking diagram y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) = month code for halogen free product ( o =jan, p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code xx = voltage code ( 1.5 =1.5v, 1.8 =1.8v, 2.5 =2.5v, 3.3 =3.3v, 5.0 =5v) = package code for adjustable type (cw = sot-223) sop-8 dimension dim millimeters inches min max min max. a 4.80 5.00 0.189 0.196 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27bsc 0.05bsc k 0.10 0.25 0.004 0.009 m 0o 7o 0o 7o p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019
ts1117 1a low dropout positive voltage regulator 8/8 version: c11 notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any erro rs or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tscs terms and co nditions of sale for such products, tsc assumes no liability wh atsoever, and disclaims any express or implied warr anty, relating to sale and/or use of tsc products includi ng liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, cop yright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applica tions. customers using or selling these products for use i n such applications do so at their own risk and agr ee to fully indemnify tsc for any damages resulting from such i mproper use or sale.


▲Up To Search▲   

 
Price & Availability of TS1117CPROG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X