Part Number Hot Search : 
MAX5547 AT1175 74ACT1 LD111ACJ SB206 BU2092 SB206 BU2092
Product Description
Full Text Search
 

To Download TPEN104J1H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in millimeters (mm) r ated v oltage 50vdc 250vdc 400vdc 630vdc dim. cap( f) ?d l d? ?d l d? ?d l d? ?d l d? 0.0010 5.0 15.0 0.5 5.0 15.0 0.5 5.0 15.0 0.5 5.0 15.0 0.5 0.0015 5.0 15.0 0.5 5.0 15.0 0.5 5.0 15.0 0.5 6.0 15.0 0.5 0.0022 5.0 15.0 0.5 5.0 15.0 0.5 5.0 18.0 0.5 6.0 21.0 0.5 0.0033 5.0 15.0 0.5 5.0 15.0 0.5 6.0 18.0 0.5 6.0 21.0 0. 5 0.0047 5.0 15.0 0.5 5.5 15.0 0.5 6.0 18.0 0.5 7.0 21.0 0.5 0.0068 5.5 15.0 0.5 5.5 15.0 0.5 7.5 18.0 0.6 7.5 21.0 0.6 0.01 5.5 15.0 0.5 6.0 15.0 0.5 8.5 18.0 0.6 7.5 21.0 0.6 0.015 6.5 15.0 0.5 7.0 15.0 0.6 10.0 18.0 0.6 7.5 24.0 0.6 0.022 6.0 18.0 0.6 7.0 18.0 0.6 9.0 21.0 0.6 8.5 24.0 0.6 0.033 6.5 18.0 0.6 7.0 21.0 0.6 9.5 24.0 0.6 9.5 27.0 0.6 0.047 6.5 21.0 0.6 7.5 21.0 0.6 11.0 24.0 0.6 11.0 27.0 0.6 0.068 7.5 21.0 0.6 8.0 21.0 0.6 10.5 27.0 0.6 13.0 27.0 0.8 0.1 8.0 24.0 0.6 8.5 24.0 0.6 12.5 27.0 0.6 15.0 35.0 0.8 0.15 9.0 24.0 0.6 9.5 24.0 0.8 14.0 33.0 0.8 0.22 10.0 27.0 0.6 10.0 33.0 0.8 16.0 35.0 0.8 0.33 10.5 33.0 0.6 14.0 33.0 0.8 0.47 12.0 33.0 0.6 16.0 34.0 0.8 custom sizes available upon request custom values and tolerances available upon request meritek polyester film capacitors tpen series (axial tubular) f eatures ? high stability and reliability ? excellent environmental performance ? low esr and minimized dissipation factor s pecifications 1. operating temperature: -40 o c to +85 o c 2. capacitance range: 0.001 f to 0.47 f 3. capacitance tolerance: 5%(j), 10%(k), 20%(m) 4. rated voltage: 50vdc, 250vdc, 400vdc, 630vdc 5. dissipation factor: 0.8% max. at 1khz, 25 o c 6. insulation resistance: >20000m (c < 0.1 f) <2000m f (c > 0.1 f) p art n umbering s ystem tpen 102 j 2e meritek series capacitance code 102 103 104 ( pf ) 1,000 10,000 100,000 ( nf ) 1 10 100 ( f ) 0.001 0.01 0.1 tolerance code j k m tolerance (%) 5 10 20 rated voltage code 1h 2e 2g 2j 50v 250v 400v 630v tape & reel / tape & ammo available for diameter 10 mm or smaller please contact factory for part number tpen are constructed with polyester film dielectric, aluminum foil electrodes, tinned copper leads, and an outer wrapping of non- inductive polyester film. both ends are sealed using an epoxy resin. tpen are suitable for use in timing, delay, and oscillation circuits. ideal applications include instruments for telecommunications, i.e. signal coupling and decoupling. ations are subject to change without notice. s pecifications are subject to change without notice. rev.6 a


▲Up To Search▲   

 
Price & Availability of TPEN104J1H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X