Part Number Hot Search : 
628512 2004A CT101K1 FR2ML N74AC Z25LA821 BC547C IRFS4
Product Description
Full Text Search
 

To Download TN6729AD26Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tn6729a pnp general purpose amplifier this device is designed for general purpose medium power amplifiers and switches requiring collector currents to 800 ma. sourced from process 79. absolute maximum ratings* ta = 25c unless otherwise noted nzt6729 thermal characteristics ta = 25c unless otherwise noted * these ratings are limiting values above which the serviceability of any semiconductor device may be impaired. symbol parameter value units v ceo collector-emitter voltage 80 v v cbo collector-base voltage 80 v v ebo emitter-base voltage 5.0 v i c collector current - continuous 1.0 a t j , t stg operating and storage junction temperature range -55 to +150 c symbol characteristic max units tn6729a *nzt6729 p d total device dissipation derate above 25 c 1.0 8.0 1.0 8.0 w mw / c r jc thermal resistance, junction to case 50 c/w r ja thermal resistance, junction to ambient 125 125 c/w * device mounted on fr-4 pcb 36 mm x 18 mm x 1.5 mm; mounting pad for the collector lead min. 6 cm 2 . ? 1997 fairchild semiconductor corporation b c c sot-223 e to-226 c b e notes: 1) these ratings are based on a maximum junction temperature of 150 degrees c. 2) these are steady state limits. the factory should be consulted on applications involving pulsed or low duty cycle operations. 3) all voltages (v) and currents (a) are negative polarity for pnp transistors. tn6729a / nzt6729
3 tn6729a / nzt6729 electrical characteristics ta = 25 c unless otherwise noted off characteristics symbol parameter test conditions min max units on characteristics* v (br)ceo collector-emitter breakdown voltage i c = 1.0 ma, i b = 0 80 v v (br)cbo collector-base breakdown voltage i c = 100 typical characteristics h fe small-signal current gain i c = 200 ma, v ce = 5.0 v, f = 20 mhz 2.5 25 c cb collector-base capacitance v cb = 10 v, i e = 0, f = 1.0 mhz 30 pf pnp general purpose amplifier (continued) typical pulsed current gain vs collector current 0.01 0.02 0.05 0.1 0.5 1 0 50 100 150 200 i - collector current (a) h - typical pulsed current gain c fe 125 c 25 c - 40 c v = 1.0 v ce * pulse test: pulse width 300 s, duty cycle 1.0% note: all voltages (v) and currents (a) are negative polarity for pnp transistors. collector-emitt er saturation vo ltag e vs co ll ect or cu r re nt 1 0 10 0 1 00 0 0.01 0. 1 1 2 i - collector current (ma) v - collec tor em itte r volta ge (v) c cesat 25 c - 40 c 125 c = 10
typical characteristics (continued) collector-base capacitance vs collector-base voltage 0 4 8 12 16 20 24 28 0 10 20 30 40 v - collector-base voltage (v) - collector-base capacitance (pf) cb obo f = 1.0 mhz gain bandwidth product vs collector current 1 10 100 1000 0 50 100 150 200 250 i - collector current (ma) f - gain bandwidth product (mhz) c t v = 10v ce safe operating area to-226 / sot-223 1 10 100 0.01 0.1 1 10 v - collector-emitter voltage (v) i - collector current (a) ce c *pulsed operation t = 25 c a limit determined by bv ceo dc t = 25 c collector lead dc t = 25 c ambient 100 s* 10 s* 1.0 ms* bas e-emitt er saturation voltage vs collect or curre nt 1 10 100 1000 0. 4 0. 6 0. 8 1 i - collector current (ma) v - base emitter voltage (v) c besat = 10 25 c - 40 c 125 c collector-cutoff current vs ambie nt temperature 25 50 75 100 125 0.01 0. 1 1 10 10 0 t - a mbi e nt t emp er at ur e ( c) i - c o l le ct or cu rr en t (n a) a cbo v = 60v cb bas e e mitter o n voltage vs collector current 1 10 100 1000 0. 2 0. 4 0. 6 0. 8 1 i - collector current (ma) v - bas e emitter on voltage (v) c be( on) v = 5v ce 25 c - 40 c 125 c pnp general purpose amplifier (continued) tn6729a / nzt6729
3 typical characteristics (continued) pnp general purpose amplifier (continued) power dissipation vs ambient temperature 0 25 50 75 100 125 150 0 0.25 0.5 0.75 1 temperature ( c) p - power dissipation (w) d o to-226 sot-223 tn6729a / nzt6729
to-226ae tape and reel data october 1999, rev. a1 to -226ae packaging conf iguratio n: figur e 1.0 1,500 un its per eo70 box for std option 5eo70boxesper int ermediate box
to-226ae tape and reel data, continued october 1999, rev. a1 to-226ae reeling style configuration: figure 2.0 style "a" d26z, d70z (s/h) machine option "a"(h) style "e" d 27z, d71z (s/h) machine option "e"(j) first wire off is emitter (on pkg. 92) adhesive tape is on the top side flat of transistor is on bottom first wire off is col lector adhesive tape is on bottom side flat of transistor is on top order style d75z (p) first wire off is col lector (on pkg. 92) adhesive tape is on the top side flat of transistor is on top first wire off is emitter adhesive tape is on bottom side flat of transistor is on bottom order style d74z (m) to-226ae radial ammo packaging conf iguration: figure 3.0
to-226ae tape and reel data, continued october 1999, rev. a1 item descri ption base of package to lead bend component height lead clinch he ight component base height component alignment (side/ side ) component alignment ( front/back ) component pitch feed hol e pi t ch hole center to first lead hole center to component center lead spread lead thickness cut lead length taped lead lengt h taped lead thickness carrier tape thickness carrier tapewidth hold - down tape width hold - down tape position feed hole position sprocket hole diameter lead spring o ut sym bol b hb ho h1 pd hd p po p1 p2 f1/f2 d l l1 t t1 w wo w1 w2 do s dimension 0.0 98 (ma x ) 1.0 78 (+/- 0 .0 50 ) 0.6 30 (+/- 0 .0 20 ) 0.7 48 (+/- 0 .0 20 ) 0.0 40 (ma x) 0.0 31 (ma x) 0.5 00 (+/- 0 .0 20 ) 0.5 00 (+/- 0 .0 08 ) 0.1 50 (+0.0 09 , -0.01 0 ) 0.2 47 (+/- 0 .0 07 ) 0.1 04 (+/- 0 .010) 0.0 18 (+0.0 02 , -0.00 3) 0.4 29 (ma x) 0.2 09 (+0.0 51 , -0.05 2) 0.0 32 (+/- 0 .0 06 ) 0.0 21 (+/- 0 .0 06 ) 0.7 08 (+0.0 20 , -0.01 9) 0.2 36 (+/- 0 .0 12 ) 0.0 35 (ma x) 0.3 60 (+/- 0 .0 25 ) 0.1 57 (+0.0 08 , -0.00 7) 0.0 04 (ma x) note : all dimensions are in inches. hb h1 ho po p2 p1 f1 do p pd b d l1 l s wo w2 w t t1 hd w1 item descript ion symbol minimum maximum reel diamet er d1 13.975 14.025 ar bo r hol e di a me te r (st andard) d2 1.160 1 .200 (small hole) d2 0.650 0.700 core diameter d3 3.100 3.300 hub recess inner diameter d4 2.700 3.100 hub re cess de pt h w 1 0.370 0.570 flange to flange inner w idth w 2 1.630 1.690 hu b to hu b cente r w idth w 3 2.09 0 note: all dimensions are inches s en si tiv e d ev ice s electrostatic d1 d3 w2 w1 w3 d4 d2 to-226ae tape and reel taping dimension configuration: figur e 4.0 to-226ae reel configuration: figur e 5.0 user directionof feed customized label f63tnr label
to-226ae (fs pkg code 95, 99) to-226ae package dimensions october 1999, rev. a1
sot-223 packaging configuration: figure 1.0 components leader tape 500mm minimum or 62 empty pockets trailer tape 300mm minimum or 38 empty pockets sot-223 tape leader and trailer configuration: figure 2.0 cover tape carrier tape note/comments packaging option sot-223 packaging information standard (no flow code) d84z packaging type reel size tnr 13" dia tnr 7" dia qty per reel/tube/bag 2,500 500 box dimension (mm) 343x64x343 184x187x47 max qty per box 5,000 1,000 weight per unit (gm) 0.1246 0.1246 weight per reel (kg) 0.7250 0.1532 sot-223 unit orientation f 852 014 f 852 014 f 852 014 f 852 014 f63tnr label 343mm x 342mm x 64mm intermediate box for standard 184mm x 184mm x 47mm pizza box for d84z option f63tnr label lot: cbvk741b019 fsid: pn2222a d/c1: d9842 qty1: spec rev: spec: qty: 3000 d/c2: qty2: cpn: n/f: f (f63tnr)3 f63tnr label sample f63tnr label antistatic cover tape customized label static dissipative embossed carrier tape packaging description: sot-223 parts are shipped in tape. the carrier tape is made from a dissipative (carbon filled) polycarbonate resin. the cover tape is a multilayer film (heat activated adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. these reeled parts in standard option are shipped with 2,500 units per 13" or 330cm diameter reel. the reels are dark blue in color and is made of polystyrene plastic (anti- static coated). other option comes in 500 units per 7" or 177cm diameter reel. this and some other options are further described in the packaging information table. these full reels are individually barcode labeled and placed inside a standard intermediate box (illustrated in figure 1.0) made of recyclable corrugated brown paper. one box contains two reels maximum. and these boxes are placed inside a barcode labeled shipping box which comes in different sizes depending on the number of parts shipped. sot-223 tape and reel data september 1999, rev. b ?2000 fairchild semiconductor international
dimensions are in millimeter pkg type a0 b0 w d0 d1 e1 e2 f p1 p0 k0 t wc tc sot-223 (12mm) 6.83 +/-0.10 7.42 +/-0.10 12.0 +/-0.3 1.55 +/-0.05 1.50 +/-0.10 1.75 +/-0.10 10.25 min 5.50 +/-0.05 8.0 +/-0.1 4.0 +/-0.1 1.88 +/-0.10 0.292 +/- 0.0130 9.5 +/-0.025 0.06 +/-0.02 p1 a0 d1 p0 f w e1 d0 e2 b0 tc wc k0 t dimensions are in inches and millimeters tape size reel option dim a dim b dim c dim d dim n dim w1 dim w2 dim w3 (lsl-usl) 12mm 7" dia 7.00 177.8 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 5.906 150 0.488 +0.078/-0.000 12.4 +2/0 0.724 18.4 0.469 0.606 11.9 15.4 12mm 13" dia 13.00 330 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 7.00 178 0.488 +0.078/-0.000 12.4 +2/0 0.724 18.4 0.469 0.606 11.9 15.4 see detail aa dim a max 13" diameter option 7" diameter option dim a max see detail aa w3 w2 max measured at hub w1 measured at hub dim n dim d min dim c b min detail aa notes: a0, b0, and k0 dimensions are determined with respect to the eia/jedec rs-481 rotational and lateral movement requirements (see sketches a, b, and c). 20 deg maximum component rotation 0.5mm maximum 0.5mm maximum sketch c (top view) component lateral movement typical component cavity center line 20 deg maximum typical component center line b0 a0 sketch b (top view) component rotation sketch a (side or front sectional view) component rotation user direction of feed sot-223 embossed carrier tape configuration: figure 3.0 sot-223 reel configuration: figure 4.0 sot-223 tape and reel data, continued july 1999, rev. b
sot-223 (fs pkg code 47) sot-223 package dimensions 1 : 1 scale 1:1 on letter size paper part weight per unit (gram): 0.1246 september 1999, rev. c ?2000 fairchild semiconductor international
trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. powertrench qfet? qs? qt optoelectronics? quiet series? silent switcher smart start? supersot?-3 supersot?-6 supersot?-8 fastr? globaloptoisolator? gto? hisec? isoplanar? microwire? optologic? optoplanar? pacman? pop? rev. g ? acex? bottomless? coolfet? crossvolt ? dome? e 2 cmos tm ensigna tm fact? fact quiet series? fast syncfet? tinylogic? uhc? vcx? ? ?


▲Up To Search▲   

 
Price & Availability of TN6729AD26Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X